Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS54494RSAT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS54494RSAT
Descripción Electrónicos  4A/2A Dual Channel Synchronous Step-Down Switcher with Integrated FET
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54494RSAT Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS54494RSAT Datasheet HTML 4Page - Texas Instruments TPS54494RSAT Datasheet HTML 5Page - Texas Instruments TPS54494RSAT Datasheet HTML 6Page - Texas Instruments TPS54494RSAT Datasheet HTML 7Page - Texas Instruments TPS54494RSAT Datasheet HTML 8Page - Texas Instruments TPS54494RSAT Datasheet HTML 9Page - Texas Instruments TPS54494RSAT Datasheet HTML 10Page - Texas Instruments TPS54494RSAT Datasheet HTML 11Page - Texas Instruments TPS54494RSAT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
TPS54494
SLVSBH1B – JUNE 2012 – REVISED AUGUST 2013
www.ti.com
POWERGOOD
The TPS54494 has power-good outputs that are measured on VFBx. The power-good function is activated after
the soft-start has finished. If the output voltage is within 16% of the target voltage, the internal comparator
detects the power good state and the power good signal becomes high after 1.5ms delay. During start-up, this
internal delay starts after 1.5ms of the UVP Enable delay time to avoid a glitch of the power-good signal. If the
feedback voltage goes outside of ±16% of the target value, the power-good signal becomes low after 2µs.
Current Sensing and Over-Current Protection
The output over-current protection (OCP) is implemented using a cycle-by-cycle valley detection control circuit.
The switch current is monitored by measuring the low-side FET switch voltage between the SWx and PGNDx
pins. This voltage is proportional to the switch current and the on-resistance of the FET. To improve the
measurement accuracy, the voltage sensing is temperature compensated.
During the on-time of the high-side FET switch, the switch current increases at a linear rate determined by VINx,
VOx, the on-time and the output inductor value. During the on-time of the low-side FET switch, this current
decreases linearly. The average value of the switch current is the load current IOUTx. If the sensed voltage on the
low-side FET is above the voltage proportional to the current limit, the converter keeps the low-side switch on
until the measured voltage falls below the voltage corresponding to the current limit and a new switching cycle
begins. In subsequent switching cycles, the on-time is set to the value determined for CCM and the current is
monitored in the same manner.
Important considerations for this type of over-current protection: The load current is one half of the peak-to-peak
inductor current higher than the over-current threshold. Also when the current is being limited, the output voltage
tends to fall as the demanded load current may be higher than the current available from the converter. When
the over current condition is removed, the output voltage returns to the regulated value. This protection is non-
latching.
Undervoltage Protection and Hiccup Mode
Hiccup mode of operation protects the power supply from being damaged during an over-current fault condition.
If the OCL comparator circuit detects an over-current event the output voltage falls. When the feedback voltage
falls below 68% of the reference voltage, the UVP comparator output goes high and an internal UVP delay
counter begins counting. After counting UVP delay time, the TPS54494 shuts off the power supply for a given
time (7x UVP Enable Delay Time) and then tries to re-start the power supply. If the over-load condition has been
removed, the power supply starts and operates normally; otherwise, the TPS54494 detects another over-current
event and shuts off the power supply again, repeating the previous cycle. Excess heat due to overload lasts for
only a short duration in the hiccup cycle, therefore the junction temperature of the power device is much lower.
UVLO Protection
Under-voltage lock out protection (UVLO) monitors the voltage of the VREG5 pin. When the VREG5 voltage is lower
than the UVLO threshold, the TPS54494 shuts down. As soon as the voltage increases above the UVLO
threshold, the converter starts again.
Thermal Shutdown
TPS54494 monitors its temperature. If the temperature exceeds the threshold value (typically 155°C), the device
shuts down. When the temperature falls below the threshold, the IC starts again.
When VIN1 starts up and VREG5 output voltage is below its nominal value, the thermal shutdown threshold is
lower than 155°C. As long as VIN1 rises, TJ must be kept below 110°C.
8
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: TPS54494


Número de pieza similar - TPS54494RSAT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS54494 TI1-TPS54494 Datasheet
923Kb / 23P
[Old version datasheet]   4A/2A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54494PWP TI1-TPS54494PWP Datasheet
923Kb / 23P
[Old version datasheet]   4A/2A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54494PWPR TI1-TPS54494PWPR Datasheet
923Kb / 23P
[Old version datasheet]   4A/2A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54494 TI-TPS54494_15 Datasheet
1Mb / 30P
[Old version datasheet]   4A/2A Dual Channel Synchronous Step-Down Switcher with Integrated FET
More results

Descripción similar - TPS54494RSAT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS54495 TI1-TPS54495_16 Datasheet
990Kb / 23P
[Old version datasheet]   4A/2A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54494 TI-TPS54494_15 Datasheet
1Mb / 30P
[Old version datasheet]   4A/2A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54494 TI1-TPS54494 Datasheet
923Kb / 23P
[Old version datasheet]   4A/2A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54495 TI1-TPS54495 Datasheet
932Kb / 23P
[Old version datasheet]   4A/2A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54495 TI-TPS54495_15 Datasheet
1Mb / 30P
[Old version datasheet]   4A/2A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54294 TI1-TPS54294_16 Datasheet
1Mb / 30P
[Old version datasheet]   2A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54295 TI-TPS54295_15 Datasheet
1Mb / 30P
[Old version datasheet]   2A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54294 TI-TPS54294_15 Datasheet
1Mb / 30P
[Old version datasheet]   2A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS542941 TI1-TPS542941_16 Datasheet
1Mb / 29P
[Old version datasheet]   2A/3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS542951 TI1-TPS542951_16 Datasheet
1Mb / 29P
[Old version datasheet]   2A/3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com