Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS54810 Datasheet(PDF) 8 Page - Texas Instruments

No. de pieza TPS54810
Descripción Electrónicos  4-V TO 6-V INPUT, 8-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54810 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS54810_16 Datasheet HTML 4Page - Texas Instruments TPS54810_16 Datasheet HTML 5Page - Texas Instruments TPS54810_16 Datasheet HTML 6Page - Texas Instruments TPS54810_16 Datasheet HTML 7Page - Texas Instruments TPS54810_16 Datasheet HTML 8Page - Texas Instruments TPS54810_16 Datasheet HTML 9Page - Texas Instruments TPS54810_16 Datasheet HTML 10Page - Texas Instruments TPS54810_16 Datasheet HTML 11Page - Texas Instruments TPS54810_16 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
TPS54810
SLVS420B − MARCH 2002 − R EVISED FEBRUARY 2005
www.ti.com
8
APPLICATION INFORMATION
Figure 9 shows the schematic diagram for a typical
TPS54810 application. The TPS54810 (U1) can provide
up to 8 A of output current at a nominal output voltage of
1.8 V. For proper thermal performance, the PowerPAD
underneath the integrated circuit TPS54810 needs to be
soldered well to the printed-circuit board.
28
6
VIN
24
23
22
21
20
VIN
VIN
VIN
VIN
14
13
12
11
10
9
8
7
PH
PH
PH
PH
PH
PH
PH
PH
PH
5
BOOT
19
18
17
16
15
PGND
PGND
PGND
PGND
PGND
PWRPAD
AGND
VSENSE
COMP
PWRGD
SS/ENA
SYNC
RT
27
26
VBIAS
25
4
3
2
1
U1
TPS54810PWP
0.047 µF
C9
0.047 µF
L1
0.65 µH
C8
22 µF
C10
10 µF
C12
10 µF
VO
3300 pF
VI
R7
2.4 Ω
C11
3300 pF
C7
22 µF
C5
22 µF
R6
71.5 kΩ
C6
1 µF
C3
R5
10 kΩ
C4
R3
10 kΩ
150 pF
C2
R2
301 Ω
1000 pF
C1
R1
10 kΩ
R4
9.76 kΩ
Analog and Power Grounds are Tied at the Pad Under the Package of IC
Figure 9. Application Circuit
COMPONENT SELECTION
The values for the components used in this design
example were selected for low output ripple voltage and
small PCB area. Additional design information is available
at www.ti.com.
INPUT FILTER
The input voltage is a nominal 5 VDC. The input filter C10
is a 10-µF ceramic capacitor (Taiyo Yuden). C12, also a
10-µF ceramic capacitor (Taiyo Yuden) provides high
frequency decoupling of the TPS54810 from the input
supply and must be located as close as possible to the
device. Ripple current is carried in both C10 and C12, and
the return path to PGND should avoid the current
circulating in the output capacitors C5, C7, and C8.
FEEDBACK CIRCUIT
The values for these components have been selected to
provide low output ripple voltage. The resistor divider
network of R1 and R4 sets the output voltage for the circuit
at 1.8 V. R1, along with R2, R3, C1, C2, and C4 forms the
loop compensation network for the circuit. For this design,
a Type 3 topology is used.
OPERATING FREQUENCY
In the application circuit, RT is grounded through a 71.5 kΩ
resistor to select the operating frequency of 700 kHz. To
set a different frequency, place a 68 kΩ to 180 kΩ resistor
between RT (pin 28) and analog ground or leave RT
floating to select the default of 350 kHz. The resistance can
be approximated using the following equation:
R +
500 kHz
Switching Frequency
100 [kW]
OUTPUT FILTER
The output filter is composed of a 0.65-µH inductor and
3 x 22-µF capacitor. The inductor is a low dc resistance
(0.017 Ω) type, Pulse Engineering PA0277. The
capacitors used are 22-µF, 6.3 V ceramic types with X5R
dielectric. The feedback loop is compensated so that the
unity gain frequency is approximately 75 kHz.
(1)


Número de pieza similar - TPS54810_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS54810 TI-TPS54810_15 Datasheet
726Kb / 22P
[Old version datasheet]   4-V TO 6-V INPUT, 8-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETS (SWIFT??
More results

Descripción similar - TPS54810_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS54810 TI-TPS54810 Datasheet
214Kb / 15P
[Old version datasheet]   4-V TO 6-V INPUT, 8-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETS
TPS54810 TI-TPS54810_15 Datasheet
726Kb / 22P
[Old version datasheet]   4-V TO 6-V INPUT, 8-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETS (SWIFT??
TPS54880 TI1-TPS54880_16 Datasheet
769Kb / 23P
[Old version datasheet]   4-V TO 6-V INPUT, 8-A OUTPUT TRACKING SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
logo
ON Semiconductor
NCP1592 ONSEMI-NCP1592_12 Datasheet
603Kb / 20P
   3 V to 6 V Input, 6 A Output Synchronous Buck PWM Switcher with Integrated FETs
July, 2012 ??Rev. 1
logo
Texas Instruments
TPS54610 TI-TPS54610 Datasheet
289Kb / 16P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54611-EP TI1-TPS54611-EP_16 Datasheet
967Kb / 22P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54311-EP TI1-TPS54311-EP_16 Datasheet
718Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54311-Q1 TI1-TPS54311-Q1 Datasheet
411Kb / 20P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54310 TI1-TPS54310_16 Datasheet
1Mb / 28P
[Old version datasheet]   3-V to 6-V Input, 3-A Output Synchronous-Buck PWM Switcher With Integrated FETs
TPS54311 TI-TPS54311 Datasheet
553Kb / 10P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com