Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS54872PWPR Datasheet(PDF) 11 Page - Texas Instruments

No. de pieza TPS54872PWPR
Descripción Electrónicos  8-A OUTPUT, 4-V TO 6-V INPUT TRACKING/TERMINATION SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FETs
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54872PWPR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS54872PWPR Datasheet HTML 7Page - Texas Instruments TPS54872PWPR Datasheet HTML 8Page - Texas Instruments TPS54872PWPR Datasheet HTML 9Page - Texas Instruments TPS54872PWPR Datasheet HTML 10Page - Texas Instruments TPS54872PWPR Datasheet HTML 11Page - Texas Instruments TPS54872PWPR Datasheet HTML 12Page - Texas Instruments TPS54872PWPR Datasheet HTML 13Page - Texas Instruments TPS54872PWPR Datasheet HTML 14Page - Texas Instruments TPS54872PWPR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
TPS54872
SLVS436C − JULY 2002 − REVISED FEBRUARY 2005
www.ti.com
11
LAYOUT CONSIDERATIONS FOR THERMAL
PERFORMANCE
For operation at full rated load current, the analog ground
plane must provide adequate heat dissipating area. A
3 inch by 3 inch plane of 1 ounce copper is recommended,
though not mandatory, depending on ambient temperature
and airflow. Most applications have larger areas of internal
ground plane available, and the PowerPAD should be
connected to the largest area available. Additional areas
on the top or bottom layers also help dissipate heat, and
any area available should be used when 8 A or greater
operation is desired. Connection from the exposed area of
the PowerPAD to the analog ground plane layer should be
made using 0.013 inch diameter vias to avoid solder
wicking through the vias. Eight vias should be in the
PowerPAD area with four additional vias located under the
device package. The size of the vias under the package,
but not in the exposed thermal pad area, can be increased
to 0.018. Additional vias beyond the ten recommended
that enhance thermal performance should be included in
areas not under the device package.
Minimum recommended exposed
copper area for powerpad. 5 mm
stencils may required 10 percent
larger area.
Minimum recommended thermal vias: 8 x
.013 dia. inside powerpad area
4 x .018 dia. under device as shown.
Additional .018 dia. vias may be used if
top side Analog Ground ar ea is
extended.
8 PL
∅ 0.0130
4 PL
∅ 0.0180
Connect Pin 1 to Analog Ground plane
in this area for optimum performance
Minimum recommended top
side Analog Ground area
0.0339
0.0650
0.0500
0.0500
0.0500
0.0650
0.0339
0.3820
0.0150
0.06
0.2090
0.0256
0.1700
0.1340
0.0603
0.0400
0.3478
Figure 9. Recommended Land Pattern for 28-Pin PWP PowerPAD


Número de pieza similar - TPS54872PWPR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS54872PWPR TI-TPS54872PWPR Datasheet
267Kb / 17P
[Old version datasheet]   8-A OUTPUT 4-V TO 6-V INPUT TRACKING /TERMINATION SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FETS
More results

Descripción similar - TPS54872PWPR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS54872 TI-TPS54872 Datasheet
267Kb / 17P
[Old version datasheet]   8-A OUTPUT 4-V TO 6-V INPUT TRACKING /TERMINATION SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FETS
TPS54880 TI1-TPS54880_16 Datasheet
769Kb / 23P
[Old version datasheet]   4-V TO 6-V INPUT, 8-A OUTPUT TRACKING SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54972 TI-TPS54972 Datasheet
362Kb / 16P
[Old version datasheet]   9-A OUTPUT, 3-V TO 4-V INPUT TRACKING/TERMINATION SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FETS
TPS54972 TI1-TPS54972_12 Datasheet
578Kb / 19P
[Old version datasheet]   9-A OUTPUT, 3-V TO 4-V INPUT TRACKING/TERMINATION SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FETs
TPS54680-EP TI1-TPS54680-EP_16 Datasheet
1Mb / 25P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT TRACKING SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54680 TI1-TPS54680_16 Datasheet
816Kb / 25P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT TRACKING SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54810 TI-TPS54810 Datasheet
214Kb / 15P
[Old version datasheet]   4-V TO 6-V INPUT, 8-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETS
TPS54810 TI1-TPS54810_16 Datasheet
734Kb / 22P
[Old version datasheet]   4-V TO 6-V INPUT, 8-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETS
TPS54880 TI-TPS54880 Datasheet
461Kb / 19P
[Old version datasheet]   4-V TO 6-V INPUT, 8-A OUTPUT TRACKING SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT) FOR SEQUENCING
TPS54880 TI-TPS54880_15 Datasheet
759Kb / 23P
[Old version datasheet]   4-V TO 6-V INPUT, 8-A OUTPUT TRACKING SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT?? FOR SEQUENCING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com