Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS54972 Datasheet(PDF) 8 Page - Texas Instruments

No. de pieza TPS54972
Descripción Electrónicos  9-A OUTPUT, 3-V TO 4-V INPUT TRACKING/TERMINATION SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FETs
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54972 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS54972_12 Datasheet HTML 4Page - Texas Instruments TPS54972_12 Datasheet HTML 5Page - Texas Instruments TPS54972_12 Datasheet HTML 6Page - Texas Instruments TPS54972_12 Datasheet HTML 7Page - Texas Instruments TPS54972_12 Datasheet HTML 8Page - Texas Instruments TPS54972_12 Datasheet HTML 9Page - Texas Instruments TPS54972_12 Datasheet HTML 10Page - Texas Instruments TPS54972_12 Datasheet HTML 11Page - Texas Instruments TPS54972_12 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
R =
500 kHz
Switching Frequency
x 100 [k ]
TPS54972
SLVS437B – AUGUST 2002 – REVISED AUGUST 2010
www.ti.com
APPLICATION INFORMATION
Figure 8 shows the schematic diagram for a typical TPS54972 application. The TPS54972 (U1) can provide up to
9 A of output current at a nominal output voltage of one half of V(DDQ) (typically 1.25 V). For proper operation, the
PowerPAD underneath the integrated circuit TPS54972 is soldered directly to the printed-circuit board.
COMPONENT SELECTION
The values for the components used in this design example were selected for good transient response and small
PCB area. Ceramic dielectric capacitors are utilized in the output filter circuit. A small size, small value output
inductor is also used. Compensation network components are chosen to maximize closed loop bandwidth and
provide good transient response characteristics. Additional design information is available at www.ti.com.
INPUT VOLTAGE
The input voltage is a nominal 3.3 VDC. The input filter (C4) is a 10-µF ceramic capacitor (Taiyo Yuden).
Capacitor C8, a 10-mF ceramic capacitor (Taiyo Yuden) that provides high frequency decoupling of the
TPS54972 from the input supply, must be located as close as possible to the device. Ripple current is carried in
both C4 and C8, and the return path to PGND should avoid the current circulating in the output capacitors C7,
C9, C11, and C12.
FEEDBACK CIRCUIT
The values for these components are selected to provide fast transient response times. Components R1, R2, R3,
C1, C2, and C3 form the loop compensation network for the circuit. For this design, a type 3 topology is used.
The transfer function of the feedback network is chosen to provide maximum closed loop gain available with
open loop characteristics of the internal error amplifier. Closed loop cross-over frequency is typically between 70
kHz and 80 kHz for input from 3 V to 4 V.
OPERATING FREQUENCY
In the application circuit, RT is grounded through a 71.5 k
Ω resistor to select the operating frequency of 700 kHz.
To set a different frequency, place a 68-k
Ω to 180-kΩ resistor between RT (pin 28) and analog ground or leave
RT floating to select the default of 350 kHz. The resistance can be approximated using the following equation:
(1)
8
Submit Documentation Feedback
Copyright © 2002–2010, Texas Instruments Incorporated


Número de pieza similar - TPS54972_12

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS54972PWP TI-TPS54972PWP Datasheet
362Kb / 16P
[Old version datasheet]   9-A OUTPUT, 3-V TO 4-V INPUT TRACKING/TERMINATION SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FETS
More results

Descripción similar - TPS54972_12

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS54972 TI-TPS54972 Datasheet
362Kb / 16P
[Old version datasheet]   9-A OUTPUT, 3-V TO 4-V INPUT TRACKING/TERMINATION SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FETS
TPS54872 TI-TPS54872 Datasheet
267Kb / 17P
[Old version datasheet]   8-A OUTPUT 4-V TO 6-V INPUT TRACKING /TERMINATION SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FETS
TPS54872 TI1-TPS54872_16 Datasheet
688Kb / 22P
[Old version datasheet]   8-A OUTPUT, 4-V TO 6-V INPUT TRACKING/TERMINATION SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FETs
TPS54372-Q1 TI1-TPS54372-Q1 Datasheet
334Kb / 17P
[Old version datasheet]   3-A OUTPUT TRACKING/TERMINATION SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FETs
TPS54372 TI1-TPS54372_16 Datasheet
788Kb / 21P
[Old version datasheet]   3-A OUTPUT TRACKING/TERMINATION SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FETs
TPS54980 TI-TPS54980 Datasheet
249Kb / 17P
[Old version datasheet]   3-V TO 4-V INPUT 9-A OUTPUT TRACKING SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETS FOR SEQUENCING
TPS54372 TI-TPS54372 Datasheet
455Kb / 17P
[Old version datasheet]   3-A OUTPUT TRACKING/TERMINATION SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FETs
TPS54910 TI1-TPS54910_16 Datasheet
719Kb / 22P
[Old version datasheet]   3-V TO 4-V INPUT, 9-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54910 TI-TPS54910 Datasheet
200Kb / 15P
[Old version datasheet]   3-V TO 4-V INPUT, 9-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
TPS54910 TI-TPS54910_15 Datasheet
714Kb / 21P
[Old version datasheet]   3-V TO 4-V INPUT, 9-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com