Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS54A20RNJT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS54A20RNJT
Descripción Electrónicos  8-V to 14-V Input, 10-A, up to 10-MHz SWIFT Step Down Converter
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54A20RNJT Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS54A20RNJT Datasheet HTML 6Page - Texas Instruments TPS54A20RNJT Datasheet HTML 7Page - Texas Instruments TPS54A20RNJT Datasheet HTML 8Page - Texas Instruments TPS54A20RNJT Datasheet HTML 9Page - Texas Instruments TPS54A20RNJT Datasheet HTML 10Page - Texas Instruments TPS54A20RNJT Datasheet HTML 11Page - Texas Instruments TPS54A20RNJT Datasheet HTML 12Page - Texas Instruments TPS54A20RNJT Datasheet HTML 13Page - Texas Instruments TPS54A20RNJT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 43 page
background image
Junction Temperature (qC)
-50
-25
0
25
50
75
100
125
150
7.4
7.45
7.5
7.55
7.6
7.65
7.7
7.75
D100
UVLO Rising
UVLO Falling
Junction Temperature (qC)
-50
-25
0
25
50
75
100
125
150
14.7
14.8
14.9
15
15.1
15.2
15.3
15.4
15.5
D018
OVLO Rising
OVLO Falling
Junction Temperature (qC)
-50
-25
0
25
50
75
100
125
150
6
6.5
7
7.5
8
8.5
9
D015
15 A Limit
11.25 A Limit
Junction Temperature (qC)
-50
-25
0
25
50
75
100
125
150
4.78
4.785
4.79
4.795
4.8
4.805
4.81
4.815
4.82
D016
Junction Temperature (qC)
-50
-25
0
25
50
75
100
125
150
12
12.5
13
13.5
14
14.5
15
15.5
16
D014
15 A Limit
11.25 A Limit
Junction Temperature (qC)
-50
-25
0
25
50
75
100
125
150
85
90
95
100
105
110
115
D013
UVP Falling
OVP Rising
PGOOD Rising
PGOOD Falling
10
TPS54A20
SLVSCQ8A – DECEMBER 2015 – REVISED APRIL 2016
www.ti.com
Product Folder Links: TPS54A20
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
VIN = 12 V, VOUT = 1.2 V, TA = 25 ºC, unless otherwise noted.
Figure 13. PGOOD and Under/Overvoltage Protection
Threshold vs Junction Temperature
Figure 14. Phase A Low-Side MOSFET Current Limit vs
Junction Temperature
Figure 15. Phase B Low-Side MOSFET Current Limit vs
Junction Temperature
Figure 16. Internal Gate Drive Voltage (VG) vs Junction
Temperature
Figure 17. Undervoltage Lockout Threshold vs Junction
Temperature
Figure 18. Overvoltage Lockout Threshold vs Junction
Temperature


Número de pieza similar - TPS54A20RNJT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS54A24 TI1-TPS54A24 Datasheet
1Mb / 43P
[Old version datasheet]   4.5-V to 17-V Input, 10-A Synchronous SWIFT Step-Down Converter
TPS54A24RTWR TI1-TPS54A24RTWR Datasheet
1Mb / 43P
[Old version datasheet]   4.5-V to 17-V Input, 10-A Synchronous SWIFT Step-Down Converter
TPS54A24RTWT TI1-TPS54A24RTWT Datasheet
1Mb / 43P
[Old version datasheet]   4.5-V to 17-V Input, 10-A Synchronous SWIFT Step-Down Converter
More results

Descripción similar - TPS54A20RNJT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS54A24 TI1-TPS54A24 Datasheet
1Mb / 43P
[Old version datasheet]   4.5-V to 17-V Input, 10-A Synchronous SWIFT Step-Down Converter
TPS568215OA TI1-TPS568215OA Datasheet
1Mb / 36P
[Old version datasheet]   4.5-V to 17-V Input , 8-A Synchronous Step-Down SWIFT Converter
TPS568215 TI1-TPS568215 Datasheet
461Kb / 10P
[Old version datasheet]   4.5-V to 17-V Input , 8-A Synchronous Step-Down SWIFT??Converter
TPSM84A22 TI1-TPSM84A22 Datasheet
1Mb / 27P
[Old version datasheet]   8-V to 14-V Input, 1.2-V to 2.05-V Output, 10-A SWIFT Power Module
TPSM84A21 TI1-TPSM84A21 Datasheet
1Mb / 26P
[Old version datasheet]   8-V to 14-V Input, 0.508-V to 1.35-V Output, 10-A SWIFT Power Module
TPS54317 TI-TPS54317_15 Datasheet
812Kb / 21P
[Old version datasheet]   1.6 MHz, 3-V TO 6-V INPUT, 3-A SYNCHRONOUS STEP-DOWN SWIFT??CONVERTER
TPS53513 TI1-TPS53513 Datasheet
1Mb / 33P
[Old version datasheet]   1.5 to 18 V Input, 8-A Single Synchronous Step-Down SWIFT Converter
TPS54317 TI-TPS54317 Datasheet
1Mb / 17P
[Old version datasheet]   1.6 MHz, 3-V TO 6-V INPUT, 3-A SYNCHRONOUS STEP-DOWN SWIFT CONVERTER
TPS54824 TI1-TPS54824 Datasheet
2Mb / 38P
[Old version datasheet]   4.5-V to 17-V Input, Current Mode, 8-A Synchronous SWIFT Step-Down Converter
TPS54821 TI1-TPS54821 Datasheet
1Mb / 37P
[Old version datasheet]   4.5 V to 17 V Input, 8 A Synchronous Step Down SWIFT??Converter With Hiccup
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com