Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS549D22RVFT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS549D22RVFT
Descripción Electrónicos  1.5-V to 16-V VIN, 4.5-V to 22-V VDD, 40-A SWIFT Synchronous Step-Down Converter with Full Differential Sense and PMBus
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS549D22RVFT Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS549D22RVFT Datasheet HTML 6Page - Texas Instruments TPS549D22RVFT Datasheet HTML 7Page - Texas Instruments TPS549D22RVFT Datasheet HTML 8Page - Texas Instruments TPS549D22RVFT Datasheet HTML 9Page - Texas Instruments TPS549D22RVFT Datasheet HTML 10Page - Texas Instruments TPS549D22RVFT Datasheet HTML 11Page - Texas Instruments TPS549D22RVFT Datasheet HTML 12Page - Texas Instruments TPS549D22RVFT Datasheet HTML 13Page - Texas Instruments TPS549D22RVFT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 63 page
background image
10
TPS549D22
SLUSCI9 – AUGUST 2016
www.ti.com
Product Folder Links: TPS549D22
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Typical Characteristics (continued)
VIN = 12 V
fSW = 650 kHz
IOUT = 40 A
VOUT = 1 V
Airflow = 400 LFM
Figure 7. Thermal Image
VIN = 12 V
fSW = 425 kHz
IOUT = 30 A
VOUT = 5.5 V
Natural convection
Figure 8. Thermal Image
VIN = 12 V
fSW = 425 kHz
IOUT = 30 A
VOUT = 5.5 V
Airflow = 200 LFM
Figure 9. Thermal Image
VIN = 12 V
fSW = 425 kHz
IOUT = 30 A
VOUT = 5.5 V
Airflow = 400 LFM
Figure 10. Thermal Image
VOUT = 1 V
VIN = 12 V
IOUT from 8 A to 32 A
2.5 A/µs
Figure 11. Transient Response Peak-to-Peak
VOUT = 5.5 V
VIN = 12 V
IOUT from 6 A to 24 A
2.5 A/µs
Figure 12. Transient Response Peak-to-Peak


Número de pieza similar - TPS549D22RVFT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS54900 TI-TPS54900 Datasheet
251Kb / 16P
[Old version datasheet]   PROGRAMMABLE FOUR-CHANNEL STEP-DOWN DC/DC CONVERTER
TPS54900 TI1-TPS54900 Datasheet
280Kb / 17P
[Old version datasheet]   PROGRAMMABLE FOUR-CHANNEL STEP-DOWN DC/DC CONVERTER
TPS54900PW TI-TPS54900PW Datasheet
251Kb / 16P
[Old version datasheet]   PROGRAMMABLE FOUR-CHANNEL STEP-DOWN DC/DC CONVERTER
TPS54900PW TI1-TPS54900PW Datasheet
280Kb / 17P
[Old version datasheet]   PROGRAMMABLE FOUR-CHANNEL STEP-DOWN DC/DC CONVERTER
TPS54900PWG4 TI1-TPS54900PWG4 Datasheet
280Kb / 17P
[Old version datasheet]   PROGRAMMABLE FOUR-CHANNEL STEP-DOWN DC/DC CONVERTER
More results

Descripción similar - TPS549D22RVFT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS549B22 TI1-TPS549B22 Datasheet
5Mb / 68P
[Old version datasheet]   1.5-V to 18-V VIN, 4.5-V to 22-V VDD, 25-A SWIFT Synchronous Step-Down Converter With Full Differential Sense and PMBus
TPS548D21 TI1-TPS548D21 Datasheet
7Mb / 45P
[Old version datasheet]   1.5-V to 16-V VIN, 4.5-V to 22-V VDD, 40-A SWIFT Synchronous Step-Down Converter Supporting AVSO and Full Differential Sense
TPS548B22 TI1-TPS548B22 Datasheet
4Mb / 45P
[Old version datasheet]   1.5-V to 18-V VIN, 4.5-V to 22-V VDD, 25-A SWIFT Synchronous Step-Down Converter with Full Differential Sense
TPS56C215 TI1-TPS56C215 Datasheet
1Mb / 35P
[Old version datasheet]   4.5-V to 17-V Input , 12-A Synchronous Step-Down SWIFT Converter
TPS54339 TI-TPS54339 Datasheet
1,002Kb / 21P
[Old version datasheet]   4.5 V to 23 V Input, 3-A Synchronous Step-Down SWIFT Converter
TPS568215OA TI1-TPS568215OA Datasheet
1Mb / 36P
[Old version datasheet]   4.5-V to 17-V Input , 8-A Synchronous Step-Down SWIFT Converter
TPS54A24 TI1-TPS54A24 Datasheet
1Mb / 43P
[Old version datasheet]   4.5-V to 17-V Input, 10-A Synchronous SWIFT Step-Down Converter
TPS568215 TI1-TPS568215 Datasheet
461Kb / 10P
[Old version datasheet]   4.5-V to 17-V Input , 8-A Synchronous Step-Down SWIFT??Converter
TPS54620 TI1-TPS54620_16 Datasheet
2Mb / 46P
[Old version datasheet]   4.5-V to 17-V Input, 6-A Synchronous Step Down SWIFT Converter
TPS54339 TI-TPS54339_15 Datasheet
964Kb / 22P
[Old version datasheet]   4.5 V to 23 V Input, 3-A Synchronous Step-Down SWIFT??Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com