Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS56428RHLT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS56428RHLT
Descripción Electrónicos  4.5-V to 18-V Input, 4-A Sync. Step-Down Converter with Advanced Eco-mode
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS56428RHLT Datasheet(HTML) 3 Page - Texas Instruments

  TPS56428RHLT Datasheet HTML 1Page - Texas Instruments TPS56428RHLT Datasheet HTML 2Page - Texas Instruments TPS56428RHLT Datasheet HTML 3Page - Texas Instruments TPS56428RHLT Datasheet HTML 4Page - Texas Instruments TPS56428RHLT Datasheet HTML 5Page - Texas Instruments TPS56428RHLT Datasheet HTML 6Page - Texas Instruments TPS56428RHLT Datasheet HTML 7Page - Texas Instruments TPS56428RHLT Datasheet HTML 8Page - Texas Instruments TPS56428RHLT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
POWER PAD
TPS56428
DDA
HSOP8
SW
VBST
PG
VFB
GND
8
2
3
4
1
EN
VREG5
7
6
5
VIN
12
1
14
11
10
5
13
9
8
7
4
3
2
6
VREG5
GND
VREG5
EN
PG
VFB
VFB
SW
SW
VBST
GND
Exposed
Thermal Pad
TPS56428
www.ti.com
SLVSBV4B – APRIL 2013 – REVISED OCTOBER 2015
5 Device Comparison Table
TA
PART NUMBER
PINS
HSOP (DDA)
VQFN (RHL)
–40°C to 85°C
TPS56428
8
14
6 Pin Configuration and Functions
8-Pin HSOP with Thermal Pad
14-Pin VQFN with Thermal Pad
DDA PACKAGE
RHL Package
(Top View)
(Top View)
Pin Functions
PIN
DESCRIPTION
NUMBER
NAME
DDA
RHL
EN
1
9
Enable input control. Active high. Active high and must be pulled up to enable the device.
VFB
2
10
Converter feedback input. Connect to output voltage with feedback resistor divider.
VREG5
3
11, 12
5.5 V power supply output. A capacitor (typical 0.47 µF) should be connected to GND.
VREG5 is not active when EN is low.
PG
4
13
Open drain power good output.
GND
5
1, 2, 3, 14
Ground pin. Power ground return for switching circuit. Connect sensitive SS and VFB
returns to GND at a single point.
Connect all four GND pins together on a PCB trace as short as possible.
SW
6
4, 5
Switch node connection between high-side NFET and low-side NFET.
Connect two SW pins together on a PCB trace.
VBST
7
6
Supply input for the high-side FET gate drive circuit. Connect 0.1µF capacitor between
VBST and SW pins. An internal diode is connected between VREG5 and VBST.
VIN
8
7, 8
Input voltage supply pin.
Connect two VIN pins together on a PCB trace as short as possible.
Exposed
Back side
Back side
Thermal pad of the package. Must be soldered to achieve appropriate dissipation. Must be
Thermal Pad
connected to GND.
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPS56428


Número de pieza similar - TPS56428RHLT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS56428 TI-TPS56428 Datasheet
1Mb / 22P
[Old version datasheet]   4.5V to 18 V Input, 4-A Synchronous Step-Down Converter with Advanced Eco-mode?
TPS56428DDA TI-TPS56428DDA Datasheet
1Mb / 22P
[Old version datasheet]   4.5V to 18 V Input, 4-A Synchronous Step-Down Converter with Advanced Eco-mode?
TPS56428DDAR TI-TPS56428DDAR Datasheet
1Mb / 22P
[Old version datasheet]   4.5V to 18 V Input, 4-A Synchronous Step-Down Converter with Advanced Eco-mode?
TPS56428 TI-TPS56428_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPS56428 4.5-V to 18-V Input, 4-A Sync. Step-Down Converter with Advanced Eco-mode?
More results

Descripción similar - TPS56428RHLT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS56428 TI-TPS56428_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPS56428 4.5-V to 18-V Input, 4-A Sync. Step-Down Converter with Advanced Eco-mode?
TPS54428 TI-TPS54428_15 Datasheet
1Mb / 29P
[Old version datasheet]   TPS54428 4.5-V to 18-V Input, 4-A Synchronous Step-Down Converter With Eco-Mode?
TPS54228 TI1-TPS54228_16 Datasheet
1Mb / 29P
[Old version datasheet]   4.5-V to 18-V Input, 2-A Synchronous Step-Down Converter With Eco-Mode
TPS54528 TI1-TPS54528_17 Datasheet
1Mb / 26P
[Old version datasheet]   4.5-V To 18-V Input, 5-A Synchronous Step-Down Converter With Eco-Mode
TPS54328 TI1-TPS54328_16 Datasheet
1Mb / 29P
[Old version datasheet]   TPS54328 4.5-V to 18-V Input, 3-A Synchronous Step-Down Converter With Eco-Mode
TPS56428 TI-TPS56428 Datasheet
1Mb / 22P
[Old version datasheet]   4.5V to 18 V Input, 4-A Synchronous Step-Down Converter with Advanced Eco-mode?
TPS54528 TI-TPS54528_15 Datasheet
1Mb / 26P
[Old version datasheet]   TPS54528 4.5-V To 18-V Input, 5-A Synchronous Step-Down Converter With Eco-Mode?
TPS54526 TI-TPS54526_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS54526 4.5-V to 18-V Input, 5.5-A Synchronous Step-Down Converter with Eco-mode?
TPS560200-Q1 TI1-TPS560200-Q1 Datasheet
1Mb / 22P
[Old version datasheet]   4.5-V to 17-V Input, 500-mA Synchronous Step-Down SWIFT??Converter With Advanced Eco-mode?
TPS54560B TI1-TPS54560B Datasheet
2Mb / 50P
[Old version datasheet]   4.5-V to 60-V Input, 5-A step-down dc/dc converter with Eco-mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com