Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS3106E16DVB Datasheet(PDF) 3 Page - Texas Instruments

No. de pieza TPS3106E16DVB
Descripción Electrónicos  ULTRALOW SUPPLY CURRENT/SUPPLY VOLTAGE SUPERVISORY CIRCUITS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS3106E16DVB Datasheet(HTML) 3 Page - Texas Instruments

  TPS3106E16DVB Datasheet HTML 1Page - Texas Instruments TPS3106E16DVB Datasheet HTML 2Page - Texas Instruments TPS3106E16DVB Datasheet HTML 3Page - Texas Instruments TPS3106E16DVB Datasheet HTML 4Page - Texas Instruments TPS3106E16DVB Datasheet HTML 5Page - Texas Instruments TPS3106E16DVB Datasheet HTML 6Page - Texas Instruments TPS3106E16DVB Datasheet HTML 7Page - Texas Instruments TPS3106E16DVB Datasheet HTML 8Page - Texas Instruments TPS3106E16DVB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
TPS31xxExx, TPS31xxH20, TPS31xxK33
ULTRALOW SUPPLY CURRENT/SUPPLY VOLTAGE SUPERVISORY CIRCUITS
SLVS363B − AUGUST 2001 − REVISED SEPTEMBER 2004
www.ti.com
3
ordering information
TPS31
03
E
15
DBV R
Reel
Package
Nominal Supply Voltage
Typical Reset Threshold Voltage
Functionality
Family
DEVICE NAME
NOMINAL SUPPLY
VOLTAGE, VN(dc)
DEVICE NAME
TYPICAL RESET
THRESHOLD VOLTAGE,
VIT
TPS310xx09DBV
TPS311xx09DBV
0.9 V
TPS310XEXXDBV
TPS311XEXXDBV
VN(dc) − 5%
TPS310xx12DBV
TPS311xx12DBV
1.2 V
TPS310XHXXDBV
VN(dc) − 8%
TPS310xx15DBV
TPS311xx15DBV
1.5 V
TPS310XKXXDBV
TPS311XKXXDBV
VN(dc) − 11%
TPS310xx16DBV
1.6 V
TPS310xx20DBV
2 V
TPS310xx33DBV-
TPS311xx33DBV
3.3 V
Function Tables
TPS3110†
MR
V(SENSE) > 0.551 V
VDD > VIT
RESET
L
x
x
L
H
00
L
H
01
L
H
10
L
H
1
1
H
† Function of watchdog-timer not shown
x = Don’t care
TPS3103
MR
V(PFI) > 0.551 V
VDD > VIT
RESET
PFO
L
0
x
L
L
L
1x
L
H
H
00
L
L
H
01
H
L
H
10
L
H
H
1
1
H
H
TPS3106
MR
V(SENSE) > 0.551 V
VDD > VIT
RSTVDD
RSTSENSE
L
x
x
L
L
H
00
L
L
H
01
H
L
H
10
L
H
H
1
1
H
H


Número de pieza similar - TPS3106E16DVB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS3106E16DBVR TI-TPS3106E16DBVR Datasheet
348Kb / 20P
[Old version datasheet]   UltraLow Supply-Current/Supply-Voltage Supervisory Circuits
TPS3106E16DBVR TI-TPS3106E16DBVR Datasheet
555Kb / 23P
[Old version datasheet]   UltraLow Supply-Current/Supply-Voltage Supervisory Circuits
TPS3106E16DBVR TI1-TPS3106E16DBVR Datasheet
755Kb / 25P
[Old version datasheet]   UltraLow Supply-Current/Supply-Voltage Supervisory Circuits
TPS3106E16DBVR TI1-TPS3106E16DBVR Datasheet
1Mb / 31P
[Old version datasheet]   Ultralow Supply-Current Voltage Monitor With Optional Watchdog
TPS3106E16DBVRG4 TI-TPS3106E16DBVRG4 Datasheet
348Kb / 20P
[Old version datasheet]   UltraLow Supply-Current/Supply-Voltage Supervisory Circuits
More results

Descripción similar - TPS3106E16DVB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS3103XXX TI-TPS3103XXX_1 Datasheet
525Kb / 23P
[Old version datasheet]   UltraLow Supply-Current/Supply-Voltage Supervisory Circuits
TPS31XXEXX TI-TPS31XXEXX Datasheet
298Kb / 19P
[Old version datasheet]   ULTRALOW SUPPLY-CURRENT/SUPPLY-VOLTAGE SUPERVISORY CIRCUITS
TPS3103E12 TI1-TPS3103E12 Datasheet
755Kb / 25P
[Old version datasheet]   UltraLow Supply-Current/Supply-Voltage Supervisory Circuits
TPS3103XXX TI-TPS3103XXX Datasheet
348Kb / 20P
[Old version datasheet]   UltraLow Supply-Current/Supply-Voltage Supervisory Circuits
TPS3103XXX TI-TPS3103XXX_08 Datasheet
555Kb / 23P
[Old version datasheet]   UltraLow Supply-Current/Supply-Voltage Supervisory Circuits
TPS3103-EP TI1-TPS3103-EP Datasheet
508Kb / 22P
[Old version datasheet]   Ultra-Low Supply-Current/Supply-Voltage Supervisory Circuits
TPS3106-EP TI-TPS3106-EP_15 Datasheet
472Kb / 23P
[Old version datasheet]   Ultra-Low Supply-Current/Supply-Voltage Supervisory Circuits
TPS3103XXX-EP TI1-TPS3103XXX-EP Datasheet
477Kb / 23P
[Old version datasheet]   Ultra-Low Supply-Current/Supply-Voltage Supervisory Circuits
TPS3103 TI1-TPS3103 Datasheet
1Mb / 31P
[Old version datasheet]   Ultralow Supply-Current Voltage Monitor With Optional Watchdog
TPS3831 TI1-TPS3831_16 Datasheet
1Mb / 31P
[Old version datasheet]   Ultralow Power, Supply Voltage Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com