Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS60111PWP Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS60111PWP
Descripción Electrónicos  REGULATER 5-V 150-MA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS60111PWP Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS60111PWP Datasheet HTML 7Page - Texas Instruments TPS60111PWP Datasheet HTML 8Page - Texas Instruments TPS60111PWP Datasheet HTML 9Page - Texas Instruments TPS60111PWP Datasheet HTML 10Page - Texas Instruments TPS60111PWP Datasheet HTML 11Page - Texas Instruments TPS60111PWP Datasheet HTML 12Page - Texas Instruments TPS60111PWP Datasheet HTML 13Page - Texas Instruments TPS60111PWP Datasheet HTML 14Page - Texas Instruments TPS60111PWP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
TPS60111
REGULATED 5V 150mA LOW NOISE
CHARGE PUMP DC/DC CONVERTER
SLVS216B − JUNE 1999 − JUNE 2008
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
detailed description (continued)
start-up procedure
During start-up, i.e. when ENABLE is set from logic low to logic high, the switches T12 and T14 (charge pump
1), and the switches T22 and T24 (charge pump 2) are conducting to charge up the output capacitor until the
output voltage VO reaches 0.8×VIN. When the start-up comparator detects this limit, the IC begins to operate
in the mode selected with SKIP and COM. This start-up charging of the output capacitor guarantees a short
start-up time and eliminates the need for a Schottky diode between IN and OUT.
pulse-skip mode
In pulse-skip mode (SKIP = high), the error amplifier disables switching of the power stages when it detects an
output higher than 5 V. The oscillator halts. The IC then skips switching cycles until the output voltage drops
below 5 V. Then the error amplifier reactivates the oscillator and switching of the power stages starts again. The
pulse-skip regulation mode minimizes operating current because it does not switch continuously and
deactivates all functions except bandgap reference and error amplifier when the output is higher than 5 V. When
switching is disabled from the error amplifier, the load is also isolated from the input. SKIP is a logic input and
should not remain floating. The typical operating circuit of the TPS60111 in pulse skip mode is shown in Figure
1.
constant-frequency mode
When SKIP is low, the charge pump runs continuously at the frequency fOSC. The control circuit, fed from the
error amplifier, controls the charge on C1F and C2F by driving the gates of the FETs T12/T13 and T22/T23,
respectively. When the output voltage falls, the gate drive increases, resulting in a larger voltage across C1F
and C2F. This regulation scheme minimizes output ripple. Since the device switches continuously, the output
noise contains well-defined frequency components, and the circuit requires smaller external capacitors for a
given output ripple. However, constant-frequency mode, due to higher operating current, is less efficient at light
loads than pulse-skip mode.
IN
IN
C1+
C1−
ENABLE
OUT
OUT
FB
C2+
C2−
SYNC
SKIP COM CLK
PGND GND
INPUT
2.7 V to 5.4 V
CIN
4.7
µF
OUTPUT
5 V 150 mA
CO = 33 µF
C2F
1
µF
C1F
1
µF
+
OFF/ON
TPS60111
+
Figure 26. Typical Operating Circuit TPS60111 in Constant Frequency Mode
Table 1. Tradeoffs Between Operating Modes
FEATURE
PULSE-SKIP MODE
(SKIP = High)
CONSTANT-FREQUENCY MODE
(SKIP = Low)
Best light-load efficiency
X
Smallest external component size for a given output ripple
X
Output ripple amplitude
Small amplitude
Very small amplitude
Output ripple frequency
Variable
Constant
Load regulation
Very good
Good
NOTE: Even in pulse-skip mode the output ripple amplitude is small if the push-pull operating mode is selected via COM.


Número de pieza similar - TPS60111PWP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS60111PWP TI-TPS60111PWP Datasheet
278Kb / 19P
[Old version datasheet]   REGULATED 5-V 150-mA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
More results

Descripción similar - TPS60111PWP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS60111 TI-TPS60111_15 Datasheet
978Kb / 25P
[Old version datasheet]   REGULATER 5-V 150-MA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60111 TI-TPS60111 Datasheet
278Kb / 19P
[Old version datasheet]   REGULATED 5-V 150-mA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60110 TI1-TPS60110_13 Datasheet
1,005Kb / 26P
[Old version datasheet]   REGULATED 5-V 300-mA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60110 TI-TPS60110 Datasheet
291Kb / 20P
[Old version datasheet]   REGULATED 5-V 300-mA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60100 TI-TPS60100_15 Datasheet
1Mb / 28P
[Old version datasheet]   REGULATED 3.3 V 200-MA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60100 TI1-TPS60100_16 Datasheet
1Mb / 28P
[Old version datasheet]   REGULATED 3.3 V 200-MA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60101 TI-TPS60101 Datasheet
330Kb / 21P
[Old version datasheet]   REGULATED 3.3-V 100-mA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60100 TI-TPS60100 Datasheet
348Kb / 22P
[Old version datasheet]   REGULATED 3.3 V 200-mA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
logo
Shenzhen Huazhimei Semi...
HM3110 HMSEMI-HM3110 Datasheet
417Kb / 6P
   Low noise charge pump DC/DC converter
logo
ON Semiconductor
CAT3200HU2 ONSEMI-CAT3200HU2_14 Datasheet
129Kb / 9P
   Low Noise Regulated Charge Pump DC-DC Converter
September, 2014 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com