Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS60121 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS60121
Descripción Electrónicos  REGULATED 5-V,300 MA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS60121 Datasheet(HTML) 5 Page - Texas Instruments

  TPS60121 Datasheet HTML 1Page - Texas Instruments TPS60121 Datasheet HTML 2Page - Texas Instruments TPS60121 Datasheet HTML 3Page - Texas Instruments TPS60121 Datasheet HTML 4Page - Texas Instruments TPS60121 Datasheet HTML 5Page - Texas Instruments TPS60121 Datasheet HTML 6Page - Texas Instruments TPS60121 Datasheet HTML 7Page - Texas Instruments TPS60121 Datasheet HTML 8Page - Texas Instruments TPS60121 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
TPS60130, TPS60131, TPS60132, TPS60133
REGULATED 5V, 300 mA HIGH EFFICIENCY CHARGE PUMP
DC/DC CONVERTERS
SLVS258A − NOVEMBER 1999 − REVISED DECEMBER 1999
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
adaptive mode switching (continued)
The voltage on the flying capacitors is measured and compared with the supply voltage VI. If the voltage across
the flying capacitors is smaller than half of the supply voltage, then the charge pump switches into the
1.5x conversion-mode. The charge pump switches back from a 1.5x conversion-mode to a voltage doubler
mode if the load current in 1.5x conversion-mode can no more be delivered.
With this control mode the device runs in doubler -mode at low VI and in 1.5x conversion-mode at high VI to
optimize the efficiency. The most desirable transfer mode is automatically selected depending on both VI and
IL. This means that at light loads the device selects the 1.5x conversion-mode already at smaller supply voltages
than at heavy loads.
The TPS60130 output voltage is regulated using the ACTIVE-CYCLE-regulation. An active cycle controlled
charge pump utilizes two methods to control the output voltage. At high load currents it varies the on-resistances
of the internal switches and keeps the ratio ON/OFF time (=frequency) constant. That means the charge pump
runs at a fixed frequency. It also keeps the output voltage ripple as low as in linear-mode. At light loads the
internal resistance and also the amount of energy transferred per pulse is fixed and the charge pump regulates
the voltage by means of a variable ratio of ON-to-OFF time. In this operating point it runs like a skip mode
controlled charge pump with a very high internal resistance, which also enables a low ripple in this operation
mode. Since the charge pump does effectively switch at lower frequencies at light loads, it achieves a low
quiescent current.
pulse-skip mode
In pulse-skip mode the error amplifier disables switching of the power stages when it detects an output higher
than 5 V. The oscillator halts and the IC then skips switching cycles until the output voltage drops below 5 V.
The error amplifier reactivates the oscillator and starts switching the power stages again. The pulse-skip
regulation mode minimizes operating current because it does not switch continuously and deactivates all
functions except bandgap reference, error amplifier, and low-battery/power-good comparator when the output
is higher than 5 V. When switching is disabled from the error amplifier, the load is also isolated from the input.
In pulse-skip mode, a special current control circuitry, limits the peak current. This assures moderate output
voltage ripple and also prevents the device from drawing excessive current spikes out of the battery.
start-up procedure
During start-up, i.e. when ENABLE is set from logic low to logic high, the output capacitor is charged up, with
a limited current, until the output voltage VO reaches 0.8 × VI. When the start-up comparator detects this voltage
limit, the IC begins switching. This start-up charging of the output capacitor assures a short start-up time and
eliminates the need of a Schottky diode between IN and OUT. The IC starts with a maximum load, which is
defined by a 16-
Ω or 33-Ω resistor, respectively.
shutdown
Driving ENABLE low places the device in shutdown mode. This disables all switches, the oscillator, and control
logic. The device typically draws 0.05
µA (1 µA max) of supply current in this mode. Leakage current drawn from
the output is as low as 1
µA max. The device exits shutdown once ENABLE is set to a high level. The typical
no-load shutdown exit time is 10
µs. When the device is in shutdown, the load is isolated from the input.
undervoltage lockout
The TPS6013x devices have an undervoltage lockout feature that deactivates the device and places it in
shutdown mode when the input voltage falls below 1.6 V.
low-battery detector (TPS60130 and TPS60132)
The internal low-battery comparator trips at 1.21 V
±5% when the voltage on pin LBI ramps down. The battery
voltage at which the comparator initiates a low battery warning at the LBO output can easily be programmed
with a resistive divider as shown in Figure 3. The sum of resistors R1 and R2 is recommended to be in the 100-k
to 1-M
Ω range.


Número de pieza similar - TPS60121

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS60121 TI-TPS60121 Datasheet
561Kb / 27P
[Old version datasheet]   REGULATED 3.3 V, 200-mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60121 TI-TPS60121 Datasheet
1Mb / 39P
[Old version datasheet]   REGULATED 200-mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60121 TI-TPS60121 Datasheet
971Kb / 30P
[Old version datasheet]   REGULATED 200-mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60121 TI-TPS60121 Datasheet
513Kb / 24P
[Old version datasheet]   SINGLE-CELL TO 3-V/3.3-V, 20-mA DUAL OUTPUT, HIGH-EFFICIENCY CHARGE PUMP WITH SNOOZE MODE
TPS60121 TI1-TPS60121 Datasheet
1,011Kb / 26P
[Old version datasheet]   SINGLE-CELL TO 3-V/3.3-V, 20-mA DUAL OUTPUT, HIGH-EFFICIENCY CHARGE PUMP WITH SNOOZE MODE
More results

Descripción similar - TPS60121

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS60130 TI-TPS60130_15 Datasheet
1Mb / 29P
[Old version datasheet]   REGULATED 5-V,300 MA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60130 TI-TPS60130 Datasheet
476Kb / 23P
[Old version datasheet]   REGULATED 5-V, 300 mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60120 TI-TPS60120_15 Datasheet
971Kb / 30P
[Old version datasheet]   REGULATED 200-mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60120 TI-TPS60120_07 Datasheet
1Mb / 39P
[Old version datasheet]   REGULATED 200-mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60120 TI-TPS60120 Datasheet
561Kb / 27P
[Old version datasheet]   REGULATED 3.3 V, 200-mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60110 TI1-TPS60110_13 Datasheet
1,005Kb / 26P
[Old version datasheet]   REGULATED 5-V 300-mA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60110 TI-TPS60110 Datasheet
291Kb / 20P
[Old version datasheet]   REGULATED 5-V 300-mA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
logo
Advanced Analog Technol...
AAT1501 AAT-AAT1501_3 Datasheet
840Kb / 15P
   REGULATED CHARGE PUMP DC/DC CONVERTERS
AAT1501 AAT-AAT1501 Datasheet
122Kb / 10P
   REGULATED CHARGE PUMP DC/DC CONVERTERS
logo
STMicroelectronics
ST619LB STMICROELECTRONICS-ST619LB_07 Datasheet
703Kb / 16P
   DC-DC converter regulated 5 V charge pump
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com