Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

TPS60130PWPR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No. de Pieza. TPS60130PWPR
Descripción  REGULATED 5-V,300 MA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
Descarga  29 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo 

TPS60130PWPR Datasheet(HTML) 10 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
TPS60130, TPS60131, TPS60132, TPS60133
REGULATED 5V, 300 mA HIGH EFFICIENCY CHARGE PUMP
DC/DC CONVERTERS
SLVS258A − NOVEMBER 1999 − REVISED DECEMBER 1999
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
IN
IN
LBI
C1+
C1−
ENABLE
PGND GND
OUT
OUT
FB
LBO
C2+
C2−
Co
3 x 10
µF
Ci
4.7
µF + 15µF
C2
2.2
µF
C1
2.2
µF
R1
R2
OFF/ON
TPS60130
Used capacitor types:
Ci: Ceramic, X7R
Co: Ceramic, X7R
C1, C2: Ceramic, X7R
R3
Figure 5. Circuit Used For Typical Characteristics Measurements
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
Efficiency
vs Output Current (TPS60130 and TPS60132)
6, 7
η
Efficiency
vs Input Voltage (TPS60130 and TPS60132)
8, 9
I
Supply Current
vs Input Voltage
10
VO
Output Voltage
vs Output Current (TPS60130 and TPS60132)
11, 12
VO
Output Voltage
vs Input Voltage (TPS60130 and TPS60132)
13, 14
VO
Output Voltage Ripple
vs Time
15 − 17
VPP
Output Voltage Ripple Amplitude
vs Input Voltage
18
f(OSC)
Oscillator Frequency
vs Input Voltage
19
Load Transient Response
20
Line Transient Response
21
VO
Output Voltage
vs Time (Start-Up Timing)
22


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn