Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FAN5608MPX Datasheet(PDF) 11 Page - Fairchild Semiconductor

No. de pieza FAN5608MPX
Descripción Electrónicos  Serial/Parallel LED Driver with Current-Regulated, Step-Up DC/DC Converter
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5608MPX Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button FAN5608MPX Datasheet HTML 7Page - Fairchild Semiconductor FAN5608MPX Datasheet HTML 8Page - Fairchild Semiconductor FAN5608MPX Datasheet HTML 9Page - Fairchild Semiconductor FAN5608MPX Datasheet HTML 10Page - Fairchild Semiconductor FAN5608MPX Datasheet HTML 11Page - Fairchild Semiconductor FAN5608MPX Datasheet HTML 12Page - Fairchild Semiconductor FAN5608MPX Datasheet HTML 13Page - Fairchild Semiconductor FAN5608MPX Datasheet HTML 14Page - Fairchild Semiconductor FAN5608MPX Datasheet HTML 15Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
FAN5608
PRODUCT SPECIFICATION
REV. 1.0.3 6/28/04
11
4. Driver For 12 White LEDs
Note:
Refer to the Application Information, if a higher load current compliance rating is required
Typical Performance Characteristics
TA = 25°C, CIN = COUT = 4.7µF, L = 4.7µH, unless otherwise noted.
NN
2.7V to 5V
L = 4.7
µH
V
IN
B1
A1
A2
IND
IND
GND
B2
CH1
CH2
V
OUT
DAC Input For CH1
DAC Input For CH2
4.7
µF
NC
V
OUT
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0.50
0.55
0.60
0.65
0.70
0.75
0.80
Twelve LEDs
Efficiency vs Input Voltage
Input Voltage (V)
ILED = 20mA
ILED = 10mA
Figure 4
2.53.0
3.54.0
4.5
5.0
5.5
0.035
0.040
0.045
0.050
0.055
0.060
0.065
Shutdown Current vs Input Voltage
Input Voltage (V)


Número de pieza similar - FAN5608MPX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN5608 FAIRCHILD-FAN5608 Datasheet
365Kb / 13P
   Serial / Parallel LED Driver with Current-Regulated, Step-Up DC/DC Converter
FAN5608DHMPX FAIRCHILD-FAN5608DHMPX Datasheet
365Kb / 13P
   Serial / Parallel LED Driver with Current-Regulated, Step-Up DC/DC Converter
FAN5608 FAIRCHILD-FAN5608_06 Datasheet
365Kb / 13P
   Serial / Parallel LED Driver with Current-Regulated, Step-Up DC/DC Converter
More results

Descripción similar - FAN5608MPX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN5608 FAIRCHILD-FAN5608_06 Datasheet
365Kb / 13P
   Serial / Parallel LED Driver with Current-Regulated, Step-Up DC/DC Converter
FAN5606 FAIRCHILD-FAN5606 Datasheet
112Kb / 9P
   Serial LED Driver with Current-Regulated, Step-Up DC/DC Converter
logo
YOBON TECHNOLOGIES,INC.
YB1522 YOBON-YB1522 Datasheet
1Mb / 12P
   Step-up DC-DC Converter White LED Driver
logo
Taiwan Semiconductor Co...
TS1520 TSC-TS1520_10 Datasheet
221Kb / 12P
   Step-up DC-DC Converter, White LED Driver
logo
YOBON TECHNOLOGIES,INC.
YB1508 YOBON-YB1508 Datasheet
774Kb / 7P
   Step-up DC-DC Converter , White LED Driver
YB1506 YOBON-YB1506 Datasheet
566Kb / 10P
   Step-up DC-DC Converter , White LED Driver
logo
Torex Semiconductor
XC9116 TOREX-XC9116 Datasheet
1Mb / 22P
   Step-Up DC/DC Converter-Backlight LED Driver
logo
SHENZHEN FUMAN ELECTRON...
A3127 FUMAN-A3127 Datasheet
191Kb / 7P
   Step-up DC/DC converter white LED driver
logo
YOBON TECHNOLOGIES,INC.
YB1517 YOBON-YB1517 Datasheet
337Kb / 10P
   Step-up DC-DC Converter & White LED Driver
logo
Shenzhen Huazhimei Semi...
HM5662 HMSEMI-HM5662 Datasheet
640Kb / 6P
   Step-up DC/DC converter White LED driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com