Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FAN1585AT15 Datasheet(PDF) 2 Page - Fairchild Semiconductor

No. de pieza FAN1585AT15
Descripción Electrónicos  5A Adjustable/Fixed Low Dropout Linear Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN1585AT15 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FAN1585AT15 Datasheet HTML 1Page - Fairchild Semiconductor FAN1585AT15 Datasheet HTML 2Page - Fairchild Semiconductor FAN1585AT15 Datasheet HTML 3Page - Fairchild Semiconductor FAN1585AT15 Datasheet HTML 4Page - Fairchild Semiconductor FAN1585AT15 Datasheet HTML 5Page - Fairchild Semiconductor FAN1585AT15 Datasheet HTML 6Page - Fairchild Semiconductor FAN1585AT15 Datasheet HTML 7Page - Fairchild Semiconductor FAN1585AT15 Datasheet HTML 8Page - Fairchild Semiconductor FAN1585AT15 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
FAN1585A
PRODUCT SPECIFICATION
2
REV. 1.1.5 11/7/03
Pin Assignments
*With package soldered to 0.5 square inch copper area over backside ground plane or internal power plane,
ΘJA can vary from
30°C/W to more than 40°C/W. Other mounting techniques can provide a thermal resistance lower than 30°C/W.
Absolute Maximum Ratings
Absolute Maximum Safe Operating Area
Parameter
Min.
Max.
Unit
VIN
18
V
Operating Junction Temperature Range
0
125
°C
Storage Temperature Range
-65
150
°C
Lead Temperature (Soldering, 10 sec.)
300
°C
ADJ OUT
FRONT VIEW
3-Lead Plastic TO-220
θJC = 3°C/W
IN
ADJ
FRONT VIEW
3-Lead Plastic TO-263
θJC = 3°C/W*
IN
12
3
12
3
GND OUT
OUT
OUT
FRONT VIEW
IN
12
3
GND
FRONT VIEW
FAN1585AM
FAN1585AM-1.5
FAN1585AM-1.8
FAN1585AT-1.5
FAN1585AT-1.8
FAN1585AT
IN
12
3
ADJ
FRONT VIEW
3-Lead Plastic TO-263 Center Cut
θJC = 3°C/W*
IN
Tab is Out.
Tab is Out.
Tab is Out.
12
3
GND
FRONT VIEW
FAN1585AMC
FAN1585AMC-1.5
FAN1585AMC-1.8
IN
12
3
VIN–VOUT (V)
02
4
6
8
12
10
14
7
6
5
4
3
2
1
0


Número de pieza similar - FAN1585AT15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN1585AT15 FAIRCHILD-FAN1585AT15 Datasheet
122Kb / 13P
   5A Adjustable/Fixed Low Dropout Linear Regulator
More results

Descripción similar - FAN1585AT15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
RC1585M FAIRCHILD-RC1585M Datasheet
87Kb / 12P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
E-Tech Electronics LTD
UZ1084 ETL-UZ1084 Datasheet
204Kb / 6P
   5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Fairchild Semiconductor
RC1585 FAIRCHILD-RC1585 Datasheet
96Kb / 13P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
Unisonic Technologies
UZ1084 UTC-UZ1084_09 Datasheet
192Kb / 6P
   5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ1084 UTC-UZ1084_12 Datasheet
209Kb / 6P
   5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Fairchild Semiconductor
FAN1585A FAIRCHILD-FAN1585A_05 Datasheet
122Kb / 13P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
Unisonic Technologies
UZ1084 UTC-UZ1084_V01 Datasheet
231Kb / 6P
   5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Fairchild Semiconductor
FAN1581 FAIRCHILD-FAN1581 Datasheet
85Kb / 13P
   5A Adjustable/Fixed Ultra Low Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G1084 GMT-G1084_07 Datasheet
344Kb / 11P
   5A Adjustable Low-Dropout Linear Regulator
G1084 GMT-G1084_15 Datasheet
35Kb / 1P
   5A Adjustable Low-Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com