Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BZX585-B13 Datasheet(PDF) 2 Page - NXP Semiconductors

No. de pieza BZX585-B13
Descripción Electrónicos  Voltage regulator diodes
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BZX585-B13 Datasheet(HTML) 2 Page - NXP Semiconductors

  BZX585-B13 Datasheet HTML 1Page - NXP Semiconductors BZX585-B13 Datasheet HTML 2Page - NXP Semiconductors BZX585-B13 Datasheet HTML 3Page - NXP Semiconductors BZX585-B13 Datasheet HTML 4Page - NXP Semiconductors BZX585-B13 Datasheet HTML 5Page - NXP Semiconductors BZX585-B13 Datasheet HTML 6Page - NXP Semiconductors BZX585-B13 Datasheet HTML 7Page - NXP Semiconductors BZX585-B13 Datasheet HTML 8Page - NXP Semiconductors BZX585-B13 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2004 Jun 22
2
Philips Semiconductors
Product specification
Voltage regulator diodes
BZX585 series
FEATURES
• Total power dissipation: max. 300 mW
• Two tolerance series: ± 2 % and ± 5 %
• Working voltage range: nominal 2.4 V to 75 V
(E24 range)
• Non-repetitive peak reverse power dissipation: max.
40 W.
APPLICATIONS
• General regulation functions.
DESCRIPTION
Low-power voltage regulator diodes encapsulated in an
ultra small SOD523 plastic SMD package.
The diodes are available in the normalized E24
± 2%
(BZX585-B) and
± 5 % (BZX585-C) tolerance range.
The series consists of 37 types with nominal working
voltages from 2.4 V to 75 V.
PINNING
PIN
DESCRIPTION
1
cathode
2
anode
handbook, halfpage
,

12
Top view
MAM387
Fig.1 Simplified outline (SOD523) and symbol.
The marking bar indicates the cathode.
MARKING
TYPE
NUMBER
MARKING
CODE
TYPE
NUMBER
MARKING
CODE
TYPE
NUMBER
MARKING
CODE
TYPE
NUMBER
MARKING
CODE
Marking codes for BZX585-B2V4 to BZX585-B75
BZX585-B2V4
C1
BZX585-B6V2
E1
BZX585-B16
EA
BZX585-B43
EM
BZX585-B2V7
C2
BZX585-B6V8
E2
BZX585-B18
EB
BZX585-B47
EN
BZX585-B3V0
C3
BZX585-B7V5
E3
BZX585-B20
EC
BZX585-B51
EP
BZX585-B3V3
C4
BZX585-B8V2
E4
BZX585-B22
ED
BZX585-B56
ER
BZX585-B3V6
C5
BZX585-B9V1
E5
BZX585-B24
EE
BZX585-B62
ES
BZX585-B3V9
C6
BZX585-B10
E6
BZX585-B27
EF
BZX585-B68
ET
BZX585-B4V3
C7
BZX585-B11
E7
BZX585-B30
EG
BZX585-B75
EU
BZX585-B4V7
C8
BZX585-B12
E8
BZX585-B33
EH
BZX585-B5V1
C9
BZX585-B13
E9
BZX585-B36
EK
BZX585-B5V6
C0
BZX585-B15
E0
BZX585-B39
EL


Número de pieza similar - BZX585-B13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nexperia B.V. All right...
BZX585-B13 NEXPERIA-BZX585-B13 Datasheet
307Kb / 13P
   Voltage regulator diodes
Rev. 6 - 4 December 2020
BZX585-B13 NEXPERIA-BZX585-B13 Datasheet
901Kb / 13P
   Voltage regulator diodes
Rev. 5 - 11 October 2016
More results

Descripción similar - BZX585-B13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BZX384 PHILIPS-BZX384 Datasheet
73Kb / 11P
   Voltage regulator diodes
2004 Mar 22
1N4728A PHILIPS-1N4728A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
BZD23 PHILIPS-BZD23 Datasheet
40Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZD27 PHILIPS-BZD27 Datasheet
38Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZW03 PHILIPS-BZW03 Datasheet
48Kb / 9P
   Voltage regulator diodes
1996 May 14
BZX84-A36215 PHILIPS-BZX84-A36215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZX585-B15 PHILIPS-BZX585-B15 Datasheet
646Kb / 10P
   Voltage regulator diodes
2004 Jun 22
PDZ11B PHILIPS-PDZ11B Datasheet
192Kb / 9P
   Voltage regulator diodes
2004 Mar 22
BZX84-C47215 NXP-BZX84-C47215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZV55C3V6115 NXP-BZV55C3V6115 Datasheet
126Kb / 14P
   Voltage regulator diodes
Rev. 5-26 January 2011
BZX84-B3V3 NXP-BZX84-B3V3 Datasheet
741Kb / 11P
   Voltage regulator diodes
2003 Apr 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com