Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SB05-24-12S Datasheet(PDF) 1 Page - Arch Electronics Corp.

No. de pieza SB05-24-12S
Descripción Electrónicos  Power Module for PCB Mountable
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ARCH [Arch Electronics Corp.]
Página de inicio  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

SB05-24-12S Datasheet(HTML) 1 Page - Arch Electronics Corp.

  SB05-24-12S Datasheet HTML 1Page - Arch Electronics Corp. SB05-24-12S Datasheet HTML 2Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VER : B_6
update : 2016.05.12
Encapsulated DC-DC Converter
SB05 SERIES
5 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508
FAX: +886-2-26981319
-1-
ELECTRICAL SPECIFICATIONS
Model No.
SB05-24-3.3S
SB05-24-5S
SB05-24-12S
SB05-24-15S
SB05-24-24S
SB05-24-5D
SB05-24-12D
SB05-24-15D
Max. Output Wattage (W)
4W
5W
6W
6W
6W
5W
6W
6W
Input Voltage (V.DC.)
(Note 3)
24V (9-36V)
24V (9-36V)
24V (9-36V)
24V (9-36V)
24V (9-36V)
24V (9-36V)
24V (9-36V)
24V (9-36V)
Output Voltage (V.DC.)
3.3V / 1200mA
5V / 1000mA
12V / 500mA
15V / 400mA
24V / 250mA
5V / 500mA
12V /250mA
15V /200mA
Efficiency (at 12V.DC)
71%
75%
81%
80%
80%
75%
78%
76%
Model No.
SB05-48-3.3S
SB05-48-5S
SB05-48-12S
SB05-48-15S
SB05-48-24S
SB05-48-5D
SB05-48-12D
SB05-48-15D
Max. Output Wattage (W)
4W
5W
6W
6W
6W
5W
6W
6W
Input Voltage (V.DC.)
(Note 3)
48V (18-75V)
48V (18-75V)
48V (18-75V)
48V (18-75V)
48V (18-75V)
48V (18-75V)
48V (18-75V)
48V (18-75V)
Output Voltage (V.DC.)
3.3V / 1200mA
5V / 1000mA
12V / 500mA
15V / 400mA
24V / 250mA
5V / 500mA
12V /250mA
15V /200mA
Efficiency (at 24V.DC)
70%
75%
80%
80%
80%
77%
83%
81%
Model No.
SB05-24-3.3S
SB05-48-3.3S
SB05-24-5S
SB05-48-5S
SB05-24-12S
SB05-48-12S
SB05-24-15S
SB05-48-15S
SB05-24-24S
SB05-48-24S
SB05-24-5D
SB05-48-5D
SB05-24-12D
SB05-48-12D
SB05-24-15D
SB05-48-15D
Max Output Wattage (W)
4W
5W
6W
6W
6W
5W
6W
6W
Input
Input Filter
 type
Voltage (V.DC.)
3.3
5
12
15
24
5
12
15
Voltage Accuracy
2%
Current (mA) max
1200
1000
500
400
250
500
250
200
Line Regulation (LL-HL) (typ.)
0.5%
Load Regulation (10-100%) (typ.)
3%
1%
1%
1%
1%
1%
1%
1%
Output
Ripple & Noise
<0.5% Vout +50mV max (Vp-p)
Over Power Protection
Works over 120% of rating and recovers automatically.
Protection
Short Circuit Protection
Current limit, auto-recovery
Voltage
1600 VDC.
Resistance
10
8 ohms
Isolation
Capacitance
1000 pF
Operating Temperature
-25°C…+70°C (at Full Load)
Storage Temperature
-55°C…+105°C
Case temperature
+100°C max.
Temperature Coefficient
0.02% Per°C
Humidity
95% RH
Environment
MTBF
>800,000 h @ 25°C (MIL-HDBK-217F)
Dimension (L x W x H)
1.25 x 0.8 x 0.4 Inches ( 31.8 x 20.3 x 10.2 mm ) Tolerance
0.5 mm
Case Material
Five-side shielded Aluminum with Non-Conductive base, Black Anodize
Weight
20 g
Physical
Cooling Method
Free-air convection
KEY FEATURES
 Power Module for PCB Mountable
 4:1 Wide Input Range
 Regulated Output
 Low Ripple and Noise
 3-Year Product Warranty
1.All specifications valid at normal input voltage, full load and +25°C after warm-up time unless otherwise stated.
2.Ripple & Noise are measured at 20MHz of bandwidth with 0.1UF & 47UF parallel capacitor.
3.If Input Voltage <10 VDC needs 1% Minimum Load.


Número de pieza similar - SB05-24-12S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Arch Electronics Corp.
SB05-24-12S ARCH-SB05-24-12S Datasheet
110Kb / 2P
   Encapsulated DC-DC Converter
More results

Descripción similar - SB05-24-12S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Arch Electronics Corp.
ST10 ARCH-ST10_16 Datasheet
205Kb / 4P
   Power Module for PCB Mountable
SK30 ARCH-SK30_16 Datasheet
267Kb / 3P
   Power Module for PCB Mountable
ST20 ARCH-ST20_16 Datasheet
194Kb / 3P
   Power Module for PCB Mountable
ST30 ARCH-ST30_16 Datasheet
222Kb / 4P
   Power Module for PCB Mountable
SH08 ARCH-SH08_16 Datasheet
198Kb / 3P
   Power Module for PCB Mountable
SH10 ARCH-SH10_16 Datasheet
200Kb / 3P
   Power Module for PCB Mountable
ST60 ARCH-ST60 Datasheet
191Kb / 2P
   Power Module for PCB Mountable
SB03 ARCH-SB03_16 Datasheet
152Kb / 2P
   Power Module for PCB Mountable
SB08 ARCH-SB08_16 Datasheet
149Kb / 3P
   Power Module for PCB Mountable
ST15 ARCH-ST15_16 Datasheet
291Kb / 4P
   Power Module for PCB Mountable
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com