Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS62160-Q1 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS62160-Q1
Descripción Electrónicos  3-V to 17-V 1-A Step-Down Converter with DCS-Control
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62160-Q1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS62160-Q1 Datasheet HTML 5Page - Texas Instruments TPS62160-Q1 Datasheet HTML 6Page - Texas Instruments TPS62160-Q1 Datasheet HTML 7Page - Texas Instruments TPS62160-Q1 Datasheet HTML 8Page - Texas Instruments TPS62160-Q1 Datasheet HTML 9Page - Texas Instruments TPS62160-Q1 Datasheet HTML 10Page - Texas Instruments TPS62160-Q1 Datasheet HTML 11Page - Texas Instruments TPS62160-Q1 Datasheet HTML 12Page - Texas Instruments TPS62160-Q1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
(
)
IN(min)
OUT(min)
OUT
DS(on)
L
V
V
I
R
R
=
+
+
(
)
OUT
LPSM(pea
IN
ON
k)
V
V
t
L
I
-
´
=
OUT
ON
IN
V
t
420ns
V
=
´
TPS62160-Q1
www.ti.com
SLVSCK6 – DECEMBER 2014
Device Functional Modes (continued)
8.4.2 Power Save Operation
The TPS62160-Q1's built in Power Save Mode will be entered seamlessly, if the load current decreases. This
secures a high efficiency in light load operation. The device remains in Power Save Mode as long as the inductor
current is discontinuous.
In Power Save Mode the switching frequency decreases linearly with the load current maintaining high efficiency.
The transition into and out of Power Save Mode happens within the entire regulation scheme and is seamless in
both directions.
The TPS62160-Q1 includes a fixed on-time circuitry. This on-time, in steady-state operation, can be estimated
as:
space
(1)
space
For very small output voltages, the on-time increases beyond the result of Equation 1, to stay above an absolute
minimum on-time, tON(min), which is around 80 ns to limit switching losses. The peak inductor current in PSM can
be approximated by:
space
(2)
space
When VIN decreases to typically 15% above VOUT, the TPS62160-Q1 does not enter Power Save Mode,
regardless of the load current. The device maintains output regulation in PWM mode.
8.4.3 100% Duty-Cycle Operation
The duty cycle of the buck converter is given by D = Vout/Vin and increases as the input voltage comes close to
the output voltage. In this case, the device starts 100% duty cycle operation turning on the high-side switch
100% of the time. The high-side switch stays turned on as long as the output voltage is below the internal set
point. This allows the conversion of small input to output voltage differences, e.g. for longest operation time of
battery-powered applications. In 100% duty cycle mode, the low-side FET is switched off.
The minimum input voltage to maintain output voltage regulation, depending on the load current and the output
voltage level, can be calculated as:
space
(3)
where
IOUT is the output current,
RDS(on) is the RDS(on) of the high-side FET and
RL is the DC resistance of the inductor used.
space
8.4.4 Current Limit and Short Circuit Protection
The TPS62160-Q1 is protected against heavy load and short circuit events. At heavy loads, the current limit
determines the maximum output current. If the current limit is reached, the high-side FET will be turned off.
Avoiding shoot through current, the low-side FET will be switched on to sink the inductor current. The high-side
FET will turn on again, only if the current in the low-side FET has decreased below the low side current limit
threshold.
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPS62160-Q1


Número de pieza similar - TPS62160-Q1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS62160-Q1 TI1-TPS62160-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   3-V to 17-V 1-A Step-Down Converter with DCS-Control
TPS62160-Q1 TI1-TPS62160-Q1_16 Datasheet
1Mb / 34P
[Old version datasheet]   3-V to 17-V 1-A Step-Down Converter with DCS-Control
More results

Descripción similar - TPS62160-Q1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS62160-Q1 TI1-TPS62160-Q1_16 Datasheet
1Mb / 34P
[Old version datasheet]   3-V to 17-V 1-A Step-Down Converter with DCS-Control
TPS62152C-Q1 TI1-TPS62152C-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   3-V to 17-V 1 A Step-Down Converter with DCS-Control
TPS62130A-Q1_016 TI1-TPS62130A-Q1_016 Datasheet
1Mb / 37P
[Old version datasheet]   3-V to 17-V 3-A Step-Down Converter with DCS-Control
TLV62130 TI-TLV62130_15 Datasheet
1Mb / 38P
[Old version datasheet]   TLV62130x 3-V to 17-V 3-A Step-Down Converter With DCS-Control?
TPS62150A-Q1 TI1-TPS62150A-Q1_V01 Datasheet
1Mb / 39P
[Old version datasheet]   3-V to 17-V 1 A Step-Down Converter with DCS-ControlTM
TLV62150 TI-TLV62150_15 Datasheet
1Mb / 38P
[Old version datasheet]   TLV62150x 4-V to 17-V 1-A Step-Down Converter With DCS-Control?
TPS62130A-Q1 TI1-TPS62130A-Q1_16 Datasheet
1Mb / 35P
[Old version datasheet]   TPS6213xA-Q1 3-V to 17-V 3-A Step-Down Converter with DCS-Control
TPS62148 TI1-TPS62148 Datasheet
2Mb / 46P
[Old version datasheet]   High Accuracy 3-V to 17-V 2-A Step-Down Converter With DCS-Control
TPS62136 TI1-TPS62136 Datasheet
3Mb / 45P
[Old version datasheet]   1-MHz High Accuracy 3-V to 17-V 4-A Step-Down Converters with DCS Control
TPS62135 TI1-TPS62135 Datasheet
1Mb / 40P
[Old version datasheet]   High Accuracy 3-V to 17-V 3.5-A Step-Down Converters with DCS-Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com