Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS62150A Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS62150A
Descripción Electrónicos  3-V to 17-V, 1-A Step-Down Converter in 3-mm3-mm QFN Package
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62150A Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS62150A Datasheet HTML 6Page - Texas Instruments TPS62150A Datasheet HTML 7Page - Texas Instruments TPS62150A Datasheet HTML 8Page - Texas Instruments TPS62150A Datasheet HTML 9Page - Texas Instruments TPS62150A Datasheet HTML 10Page - Texas Instruments TPS62150A Datasheet HTML 11Page - Texas Instruments TPS62150A Datasheet HTML 12Page - Texas Instruments TPS62150A Datasheet HTML 13Page - Texas Instruments TPS62150A Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 43 page
background image
10
TPS62150, TPS62150A, TPS62151, TPS62152, TPS62153
SLVSAL5D – NOVEMBER 2011 – REVISED SEPTEMBER 2016
www.ti.com
Product Folder Links: TPS62150 TPS62150A TPS62151 TPS62152 TPS62153
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
Feature Description (continued)
Using a very small capacitor (or leaving the SS/TR pin disconnected) provides fastest start-up behavior. There is
no theoretical limit for the longest startup time. The TPS6215x can start into a pre-biased output. During
monotonic pre-biased start-up, both the power MOSFETs are not allowed to turn on until the internal ramp of the
device sets an output voltage above the pre-bias voltage. If the device is set to shutdown (EN = GND),
undervoltage lockout, or thermal shutdown, an internal resistor pulls the SS/TR pin down to ensure a proper low
level. Returning from those states causes a new start-up sequence as set by the SS/TR connection.
A voltage supplied to SS/TR can be used for tracking a master voltage. The output voltage follows this voltage in
both directions, up and down (see Application and Implementation).
8.3.3 Power Good (PG)
The TPS6215x has a built-in power-good (PG) function to indicate whether the output voltage has reached its
appropriate level or not. One use of the PG signal can be for start-up sequencing of multiple rails. The PG pin is
an open-drain output that requires a pullup resistor (to any voltage below 7 V). It can sink 2 mA of current and
maintain its specified logic-low level. With TPS62150 it it is high impedance when the device is turned off due to
EN, UVLO or thermal shutdown. TPS62150A features PG=Low in this case and can be used to actively
discharge VOUT (see Figure 45). VIN must remain present for the PG pin to stay Low. See SLVA644 for
application details. If not used, the PG pin should be connected to GND but may be left floating.
space
Table 1. Power Good Pin Logic Table (TPS62150)
Device State
PG Logic Status
High Impedance
Low
Enable (EN=High)
VFB ≥ VTH_PG
VFB ≤ VTH_PG
Shutdown (EN=Low)
UVLO
0.7 V < VIN < VUVLO
Thermal Shutdown
TJ > TSD
Power Supply Removal
VIN < 0.7 V
space
Table 2. Power Good Pin Logic Table (TPS62150A)
Device State
PG Logic Status
High Impedance
Low
Enable (EN=High)
VFB ≥ VTH_PG
VFB ≤ VTH_PG
Shutdown (EN=Low)
UVLO
0.7 V < VIN < VUVLO
Thermal Shutdown
TJ > TSD
Power Supply Removal
VIN < 0.7 V
(1)
Maximum allowed voltage is 7 V. Therefore, the recommended connection for DEF is to VOUT, not VIN.
space
8.3.4 Pin-Selectable Output Voltage (DEF)
Setting the DEF pin to High increases the output voltage of the TPS62150x devices by 5% above the nominal
voltage (1). When DEF is Low, the device regulates to the nominal output voltage. Increasing the nominal voltage
allows adapting the power supply voltage to the variations of the application hardware. More detailed information
on voltage margining using the TPS62150x device is in SLVA489. The pin has an internally connected pulldown
resistor of about 400 kΩ to ensure a proper logic level if the pin is high-impedance or floating after an initially Low
setting. Setting the pin High disconnects the resistor.


Número de pieza similar - TPS62150A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS62150A TI1-TPS62150A Datasheet
1Mb / 34P
[Old version datasheet]   3-17V 1A Step-Down Converter in 3x3 QFN Package
TPS62150A TI-TPS62150A Datasheet
1Mb / 35P
[Old version datasheet]   TPS6215xA-Q1 3V to 17-V 1A Step-Down Converter with DCS-ControlTM
TPS62150A TI1-TPS62150A Datasheet
1Mb / 39P
[Old version datasheet]   3-V to 17-V 1 A Step-Down Converter with DCS-ControlTM
TPS62150A-Q1 TI-TPS62150A-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   TPS6215xA-Q1 3V to 17-V 1A Step-Down Converter with DCS-ControlTM
TPS62150A-Q1 TI1-TPS62150A-Q1 Datasheet
1Mb / 39P
[Old version datasheet]   3-V to 17-V 1 A Step-Down Converter with DCS-ControlTM
More results

Descripción similar - TPS62150A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS62150 TI-TPS62150_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPS6215x 3-V to 17-V, 1-A Step-Down Converter in 3-mm 횞 3-mm QFN Package
TPS62140 TI1-TPS62140 Datasheet
1Mb / 34P
[Old version datasheet]   3-V to 17-V 2-A Step-Down Converter in 3-mm 횞 3-mm QFN Package
TPS62152-Q1 TI1-TPS62152-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   3 to 17-V 1-A Step-Down Converter in 3x3-mm QFN Package
TPS62140 TI-TPS62140_15 Datasheet
1Mb / 40P
[Old version datasheet]   TPS6214x 3-V to 17-V 2-A Step-Down Converter in 3 횞 3 QFN Package
TPS62140 TI-TPS62140_13 Datasheet
1Mb / 35P
[Old version datasheet]   3-V to 17-V 2-A Step-Down Converter in 3x3 QFN Package
TPS62825 TI1-TPS62825_18 Datasheet
1Mb / 24P
[Old version datasheet]   2-, 3-A Step-Down Converter with 1% Output Accuracy in 1.5-mm 횞 1.5-mm QFN Package
TPS62590-Q1 TI1-TPS62590-Q1 Datasheet
833Kb / 25P
[Old version datasheet]   1-A Step-Down Converter in 2-mm 횞 2-mm QFN Package
TPS62816-Q1 TI-TPS62816-Q1 Datasheet
7Mb / 40P
[Old version datasheet]   TPS62816-Q1 2.7-V to 6-V, 6-A Automotive Step-Down Converter in 3-mm 횞 2-mm QFN Package with Wettable Flanks
TPS62816-Q1 TI-TPS62816-Q1_V01 Datasheet
8Mb / 41P
[Old version datasheet]   TPS62816-Q1 2.7-V to 6-V, 6-A Automotive Step-Down Converter in 3-mm 횞 2-mm QFN Package with Wettable Flanks
DECEMBER 2021
TPS62825 TI-TPS62825_V01 Datasheet
2Mb / 33P
[Old version datasheet]   TPS6282x 2.4-V to 5.5-V Input, 1-, 2-, 3-, 4-A Step-down Converter with 1% Output Accuracy in 1.5-mm 횞 1.5-mm QFN Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com