Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS62184YZFT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS62184YZFT
Descripción Electrónicos  4-V to 17-V, 6-A, 2-Phase Step-Down Converter with AEE
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62184YZFT Datasheet(HTML) 5 Page - Texas Instruments

  TPS62184YZFT Datasheet HTML 1Page - Texas Instruments TPS62184YZFT Datasheet HTML 2Page - Texas Instruments TPS62184YZFT Datasheet HTML 3Page - Texas Instruments TPS62184YZFT Datasheet HTML 4Page - Texas Instruments TPS62184YZFT Datasheet HTML 5Page - Texas Instruments TPS62184YZFT Datasheet HTML 6Page - Texas Instruments TPS62184YZFT Datasheet HTML 7Page - Texas Instruments TPS62184YZFT Datasheet HTML 8Page - Texas Instruments TPS62184YZFT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
TPS62184
www.ti.com
SLVSCQ5A – DECEMBER 2014 – REVISED FEBRUARY 2015
7.5 Electrical Characteristics
Over operating junction temperature range (TJ = –40°C to +125°C) and VIN = 4 V to 17 V.
Typical values at VIN = 12 V and TJ = 25°C (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY
VIN
Input voltage range
4
17
V
EN = High, IOUT = 0 mA, Device not switching,
IQ
Operating quiescent current
28
55
µA
(TJ = –40°C to +85°C)
ISD
Shutdown current
EN = Low (
≤ 0.3 V), (TJ = –40°C to +85°C)
2.8
15
µA
VUVLO
Falling input voltage
3.5
3.6
3.7
V
Undervoltage lockout threshold (1)
Hysteresis
300
mV
TSD
Rising junction temperature
160
Thermal shutdown
°C
Hysteresis
20
CONTROL (EN, SS/TR, PG)
VH_EN
High-level input threshold voltage (EN)
0.97
1
1.03
V
VL_EN
Low-level input threshold voltage (EN)
0.87
0.9
0.93
V
ILKG_EN
Input leakage current (EN)
EN = VIN or GND
0.01
1.2
µA
ISS/TR
SS/TR pin source current
4.5
5
5.5
µA
Rising (%VOUT)
94%
96%
98%
VTH_PG
Power good threshold voltage
Falling (%VOUT)
90%
92%
94%
VOL_PG
Power good output low voltage
IPG= -2 mA
0.3
V
ILKG_PG
Input leakage current (PG)
1
100
nA
POWER SWITCH
Phase 1
High-side MOSFET ON-resistance
27
65
m
Ω
Phase 2
RDS(ON)
VIN = 7.5 V
Phase 1
Low-side MOSFET ON-resistance
21
45
m
Ω
Phase 2
ILIM
High-side MOSFET current limit
Each phase, VIN = 7.5 V
3.5
4.2
5.0
A
TPSD
Phase shift delay time
Phase 2 after Phase 1, PWM mode
250
ns
OUTPUT
VREF
Internal reference voltage
0.792
0.8
0.808
V
ILKG_FB
Input leakage current (FB)
VFB = 0.8 V
1
100
nA
RDISCHARGE Output discharge resistance
EN = Low
60
Ω
Output voltage range
VIN ≥ VOUT
0.9
3.5
V
PWM Mode, VIN ≥ VOUT + 1 V
–1%
1%
Power Save Mode, VOUT = 3.3 V, Iload ≥ 1 mA,
L = 1 µH, COUT = 2 x 47 µF, (TJ = –40°C to +85°C)
-1%
2%
Feedback voltage accuracy(2)
Power Save Mode, VOUT = 1.8 V, Iload ≥ 1 mA,
VOUT
L = 1 µH, COUT = 4 x 47 µF, (TJ = –40°C to +85°C)
Power Save Mode, VOUT=0.9V, Iload ≥ 1 mA,
–1%
3%
L = 1 µH, COUT = 4 x 47 µF, (TJ = –40°C to +85°C)
Load regulation
PWM Mode operation
0.06
%/A
Line regulation
4 V
≤ VIN ≤ 17 V, IOUT = 4 A
0.01
%/V
Hiccup on time
0.9
tHICCUP
ms
Hiccup off time
5
(1)
The minimum VIN value of 4 V is not violated by UVLO threshold and hysteresis variations.
(2)
The accuracy in Power Save Mode can be improved by increasing the output capacitor value, reducing the output voltage ripple.
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS62184


Número de pieza similar - TPS62184YZFT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS62184 TI-TPS62184_15 Datasheet
1Mb / 32P
[Old version datasheet]   TPS62184 4-V to 17-V, 6-A, 2-Phase Step-Down Converter with AEE?
More results

Descripción similar - TPS62184YZFT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS62184 TI-TPS62184_15 Datasheet
1Mb / 32P
[Old version datasheet]   TPS62184 4-V to 17-V, 6-A, 2-Phase Step-Down Converter with AEE?
TPS62180 TI1-TPS62180_16 Datasheet
1Mb / 35P
[Old version datasheet]   4-V to 15-V, 6-A, 2-Phase Step-Down Converters with AEE
TPS62180 TI-TPS62180_15 Datasheet
1Mb / 35P
[Old version datasheet]   TPS6218x 4-V to 15-V, 6-A, 2-Phase Step-Down Converters with AEE?
TPS54620 TI1-TPS54620_16 Datasheet
2Mb / 46P
[Old version datasheet]   4.5-V to 17-V Input, 6-A Synchronous Step Down SWIFT Converter
TLV62150 TI-TLV62150_15 Datasheet
1Mb / 38P
[Old version datasheet]   TLV62150x 4-V to 17-V 1-A Step-Down Converter With DCS-Control?
TPS62148 TI1-TPS62148 Datasheet
2Mb / 46P
[Old version datasheet]   High Accuracy 3-V to 17-V 2-A Step-Down Converter With DCS-Control
TPS54620 TI-TPS54620_15 Datasheet
1Mb / 41P
[Old version datasheet]   TPS54620 4.5-V to 17-V Input, 6-A Synchronous Step Down SWIFT??Converter
TPS62130A-Q1_016 TI1-TPS62130A-Q1_016 Datasheet
1Mb / 37P
[Old version datasheet]   3-V to 17-V 3-A Step-Down Converter with DCS-Control
TPS62160-Q1 TI1-TPS62160-Q1_16 Datasheet
1Mb / 34P
[Old version datasheet]   3-V to 17-V 1-A Step-Down Converter with DCS-Control
TPS62152C-Q1 TI1-TPS62152C-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   3-V to 17-V 1 A Step-Down Converter with DCS-Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com