Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS62260IDRVRQ1 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS62260IDRVRQ1
Descripción Electrónicos  2.25-MHz 600-mA STEP-DOWN CONVERTERS
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62260IDRVRQ1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS62260IDRVRQ1 Datasheet HTML 4Page - Texas Instruments TPS62260IDRVRQ1 Datasheet HTML 5Page - Texas Instruments TPS62260IDRVRQ1 Datasheet HTML 6Page - Texas Instruments TPS62260IDRVRQ1 Datasheet HTML 7Page - Texas Instruments TPS62260IDRVRQ1 Datasheet HTML 8Page - Texas Instruments TPS62260IDRVRQ1 Datasheet HTML 9Page - Texas Instruments TPS62260IDRVRQ1 Datasheet HTML 10Page - Texas Instruments TPS62260IDRVRQ1 Datasheet HTML 11Page - Texas Instruments TPS62260IDRVRQ1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
1.74
1.76
1.78
1.8
1.82
1.84
1.86
1.88
0.01
0.1
1
10
100
1000
I
– OutputCurrent – mA
O
T =85 C
V
=1.8V
MODE=GND
L =2.2 H
C =10 F
A
OUT
O
°
m
m
1.746
1.764
1.782
1.8
1.818
1.836
1.854
0.01
0.1
1
10
100
1000
I
-OutputCurrent-mA
O
V
=2.3V
IN
V
=2.7V
V
=3V
V
=3.6V
V
=4.5V
IN
IN
IN
IN
T =25°C,
V
=1.8V,
MODE=V ,
L =2.2 H
A
OUT
IN
m
1.74
1.76
1.78
1.8
1.82
1.84
1.86
1.88
PFMMode,VoltagePositioning
0.01
0.1
1
10
100
1000
I
– OutputCurrent – mA
O
T =25°C
V
=1.8V
MODE=GND
L =2.2 H
C
=10 F
A
OUT
O
m
m
1.74
1.76
1.78
1.8
1.82
1.84
1.86
1.88
0.01
0.1
1
10
100
1000
I
– OutputCurrent – mA
O
T = –40 C
V
=1.8V
MODE=GND
L =2.2 H
C =10 F
A
OUT
O
°
m
m
TPS62260-Q1, TPS62261-Q1
TPS62262-Q1, TPS62263-Q1
SLVSA16C – AUGUST 2009 – REVISED JULY 2012
www.ti.com
OUTPUT VOLTAGE ACCURACY
OUTPUT VOLTAGE ACCURACY (Power Save Mode)
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
Figure 7.
Figure 8.
OUTPUT VOLTAGE ACCURACY (Power Save Mode)
OUTPUT VOLTAGE ACCURACY (PWM Mode)
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
Figure 9.
Figure 10.
8
Submit Documentation Feedback
Copyright © 2009–2012, Texas Instruments Incorporated
Product Folder Link(s): TPS62260-Q1 TPS62261-Q1 TPS62262-Q1 TPS62263-Q1


Número de pieza similar - TPS62260IDRVRQ1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS62260IDRVRQ1 TI1-TPS62260IDRVRQ1 Datasheet
1Mb / 32P
[Old version datasheet]   2.25-MHz 600-mA STEP-DOWN CONVERTERS
More results

Descripción similar - TPS62260IDRVRQ1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS62260-Q1 TI1-TPS62260-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   2.25-MHz 600-mA STEP-DOWN CONVERTERS
TPS62420-Q1 TI1-TPS62420-Q1 Datasheet
1Mb / 36P
[Old version datasheet]   2.25-MHz 600-mA/1000-mA DUAL STEP-DOWN CONVERTER
TPS62404-Q1 TI1-TPS62404-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   2.25-MHz 400-mA/600-mA DUAL STEP-DOWN CONVERTER
TPS62400-Q1 TI1-TPS62400-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   2.25-MHz 400-mA and 600-mA Dual Step-Down Converter
TPS62260 TI-TPS62260 Datasheet
1Mb / 32P
[Old version datasheet]   2.25 MHz 600 mA Step Down Converter in 2x2SON/TSOT-23 Package
TPS62260 TI-TPS62260_08 Datasheet
1Mb / 31P
[Old version datasheet]   2.25 MHz 600 mA Step Down Converter in 2x2SON/TSOT-23 Package
TPS62262DDCT TI-TPS62262DDCT Datasheet
1Mb / 32P
[Old version datasheet]   2.25 MHz 600 mA Step Down Converter in 2x2 QFN / TSOT-23 Package
TPS65000-Q1 TI1-TPS65000-Q1_15 Datasheet
2Mb / 29P
[Old version datasheet]   2.25-MHz Step-Down Converter
TPS62270 TI-TPS62270_09 Datasheet
1,003Kb / 24P
[Old version datasheet]   2.25 MHz 400-mA Step Down Converter With Selectable VOUT
TPS62270 TI-TPS62270_08 Datasheet
983Kb / 23P
[Old version datasheet]   2.25 MHz 400-mA Step Down Converter With Selectable VOUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com