Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS60202DGSRG4 Datasheet(PDF) 6 Page - Texas Instruments

No. de pieza TPS60202DGSRG4
Descripción Electrónicos  TPS6020x Regulated 3.3 V, 100-mA Low-Ripple Charge Pump Low Power DC/DC Converters
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS60202DGSRG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS60202DGSRG4 Datasheet HTML 2Page - Texas Instruments TPS60202DGSRG4 Datasheet HTML 3Page - Texas Instruments TPS60202DGSRG4 Datasheet HTML 4Page - Texas Instruments TPS60202DGSRG4 Datasheet HTML 5Page - Texas Instruments TPS60202DGSRG4 Datasheet HTML 6Page - Texas Instruments TPS60202DGSRG4 Datasheet HTML 7Page - Texas Instruments TPS60202DGSRG4 Datasheet HTML 8Page - Texas Instruments TPS60202DGSRG4 Datasheet HTML 9Page - Texas Instruments TPS60202DGSRG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
6
TPS60200, TPS60201, TPS60202, TPS60203
SLVS274A – MARCH 2000 – REVISED APRIL 2016
www.ti.com
Product Folder Links: TPS60200 TPS60201 TPS60202 TPS60203
Submit Documentation Feedback
Copyright © 2000–2016, Texas Instruments Incorporated
7.5 Electrical Characteristics
Ci = 2.2 µF, C1 = C2 = 1 µF, CO = 2.2 µF, TA = –40°C to 85°C, VI = 2.4 V, and EN = VI (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IO(MAX)
Maximum continuous output current
TPS60200 and TPS60201, VI = 2 V
100
mA
TPS60202 and TPS60203, VI = 2 V
50
VO
Output voltage
1.6 V < VI < 1.8 V,
0 < IO < 0.25 × IO(MAX)
3
V
1.8 V < VI < 2 V,
0 < IO < 0.5 × IO(MAX)
3.17
3.43
2 V < VI < 3.3 V, 0 < IO < IO(MAX)
3.17
3.43
3.3 V < VI < 3.6 V, 0 < IO < IO(MAX)
3.17
3.47
VPP
Output voltage ripple
IO = IO(MAX)
5
mVPP
I(Q)
Quiescent current (no-load input
current)
IO = 0 mA, VI = 1.8 V to 3.6 V
35
70
µA
I(SD)
Shutdown supply current
EN = 0 V
0.05
1
µA
f(OSC)
Internal switching frequency
200
300
400
kHz
f(SYNC)
External clock signal frequency
400
600
800
kHz
External clock signal duty cycle
30%
70%
VIL
EN input low voltage
VI = 1.6 V to 3.6 V
0.3 × VI
V
VIH
EN input leakage current
VI = 1.6 V to 3.6 V
0.7 × VI
V
Ilkg(EN)
EN input leakage current
EN = 0 V or VI
0.01
0.1
µA
Output capacitor auto discharge time
EN is set from VI to GND,
time until VO < 0.5 V
0.6
ms
Output resistance in shutdown
EN = 0 V
70
Ω
LinSkip threshold
VI = 2.2 V
7
mA
Output load regulation
10 mA < IO< IO(MAX), TA = 25°C
0.01%
mA
Output line regulation
2 V < VI < 3.3 V,
IO = 0.5 × IO(MAX), TA = 25°C
0.6%
V
I(SC)
Short-circuit current
VI = 2.4 V, VO = 0 V
60
mA
(1)
During start-up of the converter, the LBO output signal is invalid for the first 500 µs.
7.6 Electrical Characteristics – Low-Battery Comparator
TPS60200 and TPS60202 devices only at TA = –40°C to 85°C, VI = 2.4 V, and EN = VI (unless otherwise noted)
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V(LBI)
LBI trip voltage
VI = 1.6 V to 2.2 V,
TC = 0°C to 70°C
1.13
1.18
1.23
V
LBI trip voltage hysteresis
For rising voltage at LBI
10
mV
II(LBI)
LBI input current
V(LBI) = 1.3 V
2
50
nA
VO(LBO)
LBO output voltage low
V(LBI) = 0 V, I(LBO) = 1 mA
0.4
V
Ilkg(LBO)
LBO leakage current
V(LBI) = 1.3 V, V(LBO) = 3.3 V
0.01
0.1
µA
(1)
During start-up of the converter, the PG output signal is invalid for the first 500 µs.
7.7 Electrical Characteristics – Power-Good Comparator
TPS60201 and TPS60203 devices only at TA = –40°C to 85°C, VI = 2.4 V, and EN = VI (unless otherwise noted)
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V(PG)
Power-good trip voltage
TC = 0°C to 70°C
0.87 × VO
0.91 × VO
0.95 × VO
V
Vhys(PG)
Power-good trip voltage hysteresis
VO decreasing, TC = 0°C to 70°C
1%
VO(PG)
Power-good output voltage low
VO = 0 V, I(PG) = 1 mA
0.4
V
Ilkg(PG)
Power-good leakage current
VO = 3.3 V, V(PG) = 3.3 V
0.01
0.1
µA


Número de pieza similar - TPS60202DGSRG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS60202DGS TI-TPS60202DGS Datasheet
436Kb / 20P
[Old version datasheet]   REGULATED 3.3 V, 100-mA LOW-RIPPLE CHARGE PUMP LOW POWER DC/DC CONVERTERS
More results

Descripción similar - TPS60202DGSRG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS60204 TI-TPS60204_15 Datasheet
568Kb / 21P
[Old version datasheet]   REGULATED 3.3-V 100-MA LOW-RIPPLE CHARGE PUMP LOW POWER DC/DC CONVERTERS
TPS60204 TI-TPS60204 Datasheet
388Kb / 18P
[Old version datasheet]   REGULATED 3.3-V, 100-mA LOW-RIPPLE CHARGE PUMP LOW POWER DC/DC CONVERTERS
TPS60200 TI-TPS60200_15 Datasheet
609Kb / 24P
[Old version datasheet]   REGULATED 3.3 V, 100-mA LOW-RIPPLE CHARGE PUMP LOW POWER DC/DC CONVERTERS
TPS60200 TI-TPS60200 Datasheet
436Kb / 20P
[Old version datasheet]   REGULATED 3.3 V, 100-mA LOW-RIPPLE CHARGE PUMP LOW POWER DC/DC CONVERTERS
TPS60101 TI-TPS60101 Datasheet
330Kb / 21P
[Old version datasheet]   REGULATED 3.3-V 100-mA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60100 TI-TPS60100_15 Datasheet
1Mb / 28P
[Old version datasheet]   REGULATED 3.3 V 200-MA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60100 TI1-TPS60100_16 Datasheet
1Mb / 28P
[Old version datasheet]   REGULATED 3.3 V 200-MA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60100 TI-TPS60100 Datasheet
348Kb / 22P
[Old version datasheet]   REGULATED 3.3 V 200-mA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60120 TI-TPS60120 Datasheet
561Kb / 27P
[Old version datasheet]   REGULATED 3.3 V, 200-mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60101 TI-TPS60101_15 Datasheet
496Kb / 24P
[Old version datasheet]   REGULATED 3.3-V 100-ML LOW-NOISE CHARGE PUMP DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com