Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ST15-48-5S Datasheet(PDF) 2 Page - Arch Electronics Corp.

No. de pieza ST15-48-5S
Descripción Electrónicos  Power Module for PCB Mountable
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ARCH [Arch Electronics Corp.]
Página de inicio  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

ST15-48-5S Datasheet(HTML) 2 Page - Arch Electronics Corp.

  ST15-48-5S Datasheet HTML 1Page - Arch Electronics Corp. ST15-48-5S Datasheet HTML 2Page - Arch Electronics Corp. ST15-48-5S Datasheet HTML 3Page - Arch Electronics Corp. ST15-48-5S Datasheet HTML 4Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
VER : D_4
update : 2016.09.01
Encapsulated DC-DC Converter
ST15 SERIES
15 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508
FAX: +886-2-26981319
-2-
Model No.
( Single Output )
ST15-12-3.3S
ST15-24-3.3S
ST15-24F-3.3S
ST15-48-3.3S
ST15-48F-3.3S
ST15-12-5S
ST15-24-5S
ST15-24F-5S
ST15-48-5S
ST15-48F-5S
ST15-12-12S
ST15-24-12S
ST15-24F-12S
ST15-48-12S
ST15-48F-12S
ST15-12-15S
ST15-24-15S
ST15-24F-15S
ST15-48-15S
ST15-48F-15S
ST15-12-24S
ST15-24-24S
ST15-48-24S
Max Output Wattage (W)
9.9W
15W
15W
15W
15W
Input
Input Filter
 type
Voltage (V.DC.)
3.3
5
12
15
24
Voltage Accuracy
2%
Current (mA) max
3000
3000
1250
1000
625
Line Regulation (LL-HL) (typ.)
0.5%
Load Regulation (10-100%) (typ.)
1%
Minimum Load
3%
3%
1%
1%
0%
Ripple
<0.2% Vout +40mV max (Vp-p)
Noise
<0.5% Vout +50mV max (Vp-p)
Output
Switching Frequency
300KHz
Over Power Protection
Works over 120% of rating and recovers automatically.
Over Voltage Protection
Zener diode clamp
Protection
Short Circuit Protection
Current limit, auto-recovery
Voltage
1600 VDC.
Resistance
10
8 ohms
Isolation
Capacitance
1000 pF
Operating Temperature
-25°C…+70°C (with derating)
Storage Temperature
-55°C…+105°C
Case Temperature
+100°C max.
Temperature Coefficient
0.02% Per°C
Humidity
95% RH
Environment
MTBF
>800,000 h @ 25°C (MIL-HDBK-217F)
Dimension (L x W x H)
1.97 x 1.0 x 0.425 Inches ( 50.1 x 25.4 x 10.8 mm ) Tolerance
0.5 mm
Case Material
Five-side shielded Aluminum with Non-Conductive base, Black Anodize
Weight
32 g
Physical
Cooling Method
Free-air convection
Safety
Agency Approvals
CE, UL
EMC
EMI (Conducted & Radiated Emission) (Note3)
EN 55022 class A
Model No.
( Dual Output )
ST15-24F-5D
ST15-48F-5D
ST15-24F-12D
ST15-48F-12D
ST15-24F-15D
ST15-48F-15D
Max Output Wattage (W)
15W
Input
Input Filter
 type
Voltage (V.DC.)
5
12
15
Voltage Accuracy
2%
Current (mA) max
1500
625
500
Line Regulation (LL-HL) (typ.)
0.5%
Load Regulation (10-100%)(Balance Load)
1%
Minimum Load
3%
Ripple
<0.2% Vout +40mV max (Vp-p)
Noise
<0.5% Vout +50mV max (Vp-p)
Output
Switching Frequency
300KHz
Over Power Protection
Works over 120% of rating and recovers automatically.
Over Voltage Protection
Zener diode clamp
Protection
Short Circuit Protection
Current limit, auto-recovery
Voltage
1600 VDC.
Resistance
10
8 ohms
Isolation
Capacitance
1000 pF
Operating Temperature
-25°C…+70°C (with derating)
Storage Temperature
-55°C…+105°C
Case Temperature
+100°C max.
Temperature Coefficient
0.02% Per°C
Humidity
95% RH
Environment
MTBF
>800,000 h @ 25°C (MIL-HDBK-217F)
Dimension (L x W x H)
1.97 x 1.0 x 0.425 Inches ( 50.1 x 25.4 x 10.8 mm ) Tolerance
0.5 mm
Case Material
Five-side shielded Aluminum with Non-Conductive base, Black Anodize
Weight
32 g
Physical
Cooling Method
Free-air convection
Safety
Agency Approvals
CE, UL
EMC
EMI (Conducted & Radiated Emission) (Note3)
EN 55022 class A


Número de pieza similar - ST15-48-5S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Arch Electronics Corp.
ST15-48-5S ARCH-ST15-48-5S Datasheet
193Kb / 4P
   Encapsulated DC-DC Converter
ST15-48-5S ARCH-ST15-48-5S Datasheet
316Kb / 4P
   Encapsulated DC-DCConverter
More results

Descripción similar - ST15-48-5S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Arch Electronics Corp.
ST10 ARCH-ST10_16 Datasheet
205Kb / 4P
   Power Module for PCB Mountable
SB05 ARCH-SB05_16 Datasheet
152Kb / 2P
   Power Module for PCB Mountable
SK30 ARCH-SK30_16 Datasheet
267Kb / 3P
   Power Module for PCB Mountable
ST20 ARCH-ST20_16 Datasheet
194Kb / 3P
   Power Module for PCB Mountable
ST30 ARCH-ST30_16 Datasheet
222Kb / 4P
   Power Module for PCB Mountable
SH08 ARCH-SH08_16 Datasheet
198Kb / 3P
   Power Module for PCB Mountable
SH10 ARCH-SH10_16 Datasheet
200Kb / 3P
   Power Module for PCB Mountable
ST60 ARCH-ST60 Datasheet
191Kb / 2P
   Power Module for PCB Mountable
SB03 ARCH-SB03_16 Datasheet
152Kb / 2P
   Power Module for PCB Mountable
SB08 ARCH-SB08_16 Datasheet
149Kb / 3P
   Power Module for PCB Mountable
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com