Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS62410 Datasheet(PDF) 4 Page - Texas Instruments

No. de pieza TPS62410
Descripción Electrónicos  2.25-MHz 2 x 800-mA Dual Step-Down Converter in Small 3 횞 3 mm VSON Package
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62410 Datasheet(HTML) 4 Page - Texas Instruments

  TPS62410_16 Datasheet HTML 1Page - Texas Instruments TPS62410_16 Datasheet HTML 2Page - Texas Instruments TPS62410_16 Datasheet HTML 3Page - Texas Instruments TPS62410_16 Datasheet HTML 4Page - Texas Instruments TPS62410_16 Datasheet HTML 5Page - Texas Instruments TPS62410_16 Datasheet HTML 6Page - Texas Instruments TPS62410_16 Datasheet HTML 7Page - Texas Instruments TPS62410_16 Datasheet HTML 8Page - Texas Instruments TPS62410_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
TPS62410
SLVS737A – FEBRUARY 2007 – REVISED JULY 2015
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
Over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Input voltage on VIN
(2)
–0.3
7
V
Voltage on EN, MODE/DATA, DEF_1
–0.3
VIN +0.3, ≤7
V
Maximum current into MODE/DATA
500
μA
Voltage on SW1, SW2
–0.3
7
V
Voltage on ADJ2, FB1
–0.3
VIN +0.3, ≤7
V
TJ(max) Maximum junction temperature
150
°C
TA
Operating ambient temperature
–40
85
°C
Tstg
Storage temperature
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute–maximum–rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network ground terminal.
6.2 ESD Ratings
VALUE
UNIT
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V(ESD) Electrostatic discharge
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±1000
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
Over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VIN
Supply voltage
2.5
6
V
Output voltage range for adjustable voltage
0.6
VIN
V
TA
Operating ambient temperature
-40
85
°C
TJ
Operating junction temperature
-40
125
°C
6.4 Thermal Information
TPS62410
THERMAL METRIC(1)
DRC (VSON)
UNIT
10 PINS
RθJA
Junction-to-ambient thermal resistance
45.9
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
64.3
°C/W
RθJB
Junction-to-board thermal resistance
20.4
°C/W
ψJT
Junction-to-top characterization parameter
1.3
°C/W
ψJB
Junction-to-board characterization parameter
20.6
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
2.8
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
4
Submit Documentation Feedback
Copyright © 2007–2015, Texas Instruments Incorporated
Product Folder Links: TPS62410


Número de pieza similar - TPS62410_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS62410 TI-TPS62410_15 Datasheet
1Mb / 36P
[Old version datasheet]   TPS62410 2.25-MHz 2 x 800-mA Dual Step-Down Converter in Small 3 횞 3 mm VSON
More results

Descripción similar - TPS62410_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS62410 TI-TPS62410_15 Datasheet
1Mb / 36P
[Old version datasheet]   TPS62410 2.25-MHz 2 x 800-mA Dual Step-Down Converter in Small 3 횞 3 mm VSON
TPS62420 TI-TPS62420_15 Datasheet
1Mb / 38P
[Old version datasheet]   TPS6242x 2.25-MHz 600-mA and 1000-mA Dual Step-Down Converter in Small 3-mm 횞 3-mm VSON Package
TLV62085 TI1-TLV62085_16 Datasheet
417Kb / 22P
[Old version datasheet]   High Efficiency 3-A Step-Down Converter in 2-mm 횞 2-mm VSON Package
TLV62085 TI-TLV62085_15 Datasheet
349Kb / 20P
[Old version datasheet]   TLV62085 High Efficiency 3-A Step-Down Converter in 2-mm 횞 2-mm VSON Package
TPS62560 TI-TPS62560_15 Datasheet
1Mb / 32P
[Old version datasheet]   2.25-MHz, 600-mA Step-Down Converter in TSOT and 2 횞 2 횞 0.8-mm QFN Package
TPS62560 TI-TPS62560 Datasheet
1Mb / 29P
[Old version datasheet]   2.25-MHz, 600-mA Step-Down Converter in TSOT and 2- 횞 2- 횞 0,8-mm SON Package
TLV620612-Q1 TI1-TLV620612-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   3-MHz 2-A Step-Down Converter in 2-mm 횞 2-mm SON Package
TPS62065 TI-TPS62065_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPS6206x 3-MHz, 2-A, Step-Down Converter in 2-mm 횞 2-mm SON Package
TLV62065-Q1 TI1-TLV62065-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   3-MHz 2-A Step-Down Converter in 2-mm x 2-mm SON Package
TLV62065-Q1 TI-TLV62065-Q1_15 Datasheet
1Mb / 28P
[Old version datasheet]   TLV62065-Q1 3-MHz 2-A Step-Down Converter in 2-mm 횞 2-mm WSON Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com