Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS62410 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS62410
Descripción Electrónicos  2.25-MHz 2 x 800-mA Dual Step-Down Converter in Small 3 횞 3 mm VSON Package
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62410 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS62410 Datasheet HTML 4Page - Texas Instruments TPS62410 Datasheet HTML 5Page - Texas Instruments TPS62410 Datasheet HTML 6Page - Texas Instruments TPS62410 Datasheet HTML 7Page - Texas Instruments TPS62410 Datasheet HTML 8Page - Texas Instruments TPS62410 Datasheet HTML 9Page - Texas Instruments TPS62410 Datasheet HTML 10Page - Texas Instruments TPS62410 Datasheet HTML 11Page - Texas Instruments TPS62410 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
TPS62410
SLVS737A – FEBRUARY 2007 – REVISED JULY 2015
www.ti.com
7 Detailed Description
7.1 Overview
7.1.1 Operation
The TPS62410 includes two synchronous step-down converters. The converters operate with typically 2.25-MHz
fixed frequency pulse width modulation (PWM) at moderate to heavy load currents. If power-save mode is
enabled, the converters automatically enter power-save mode at light load currents and operate in pulse
frequency modulation (PFM). During PWM operation the converters use a unique fast response voltage mode
controller scheme with input voltage feed-forward to achieve good line and load regulation allowing the use of
small ceramic input and output capacitors. At the beginning of each clock cycle initiated by the clock signal, the
P-channel MOSFET switch is turned on and the inductor current ramps up until the comparator trips and the
control logic turns off the switch.
Each converter integrates two current limits, one in the P-channel MOSFET and another one in the N-channel
MOSFET. When the current in the P-channel MOSFET reaches its current limit, the P-channel MOSFET is
turned off and the N-channel MOSFET is turned on. If the current in the N-channel MOSFET is above the N-
MOS current limit threshold, the N-channel MOSFET remains on until the current drops below its current limit.
The two DC/DC converters operate synchronized to each other. A 180° phase shift between converter 1 and
converter 2 decreases the input RMS current.
7.1.1.1 Converter 1
In the adjustable output voltage version TPS62410 the converter 1 output voltage can be set through an external
resistor network on pin DEF_1, which operates as an analog input. In this case, the output voltage can be set in
the range of 0.6 V to VIN. The FB1 pin must be directly connected to the converter 1 output voltage VOUT1. It
feeds back the output voltage directly to the regulation loop.
The output voltage of converter 1 can also be changed by the EasyScale™ serial interface. This makes the
device very flexible for output voltage adjustment. In this case, the device uses an internal resistor network.
7.1.1.2 Converter 2
In the adjustable output voltage version TPS62410, the converter 2 output voltage is set by an external resistor
divider connected to ADJ2 pin and uses an external feed forward capacitor of 33 pF.
It is also possible to change the output voltage of converter 2 through the EasyScale™ interface. In this case, the
ADJ2 pin must be directly connected to converter 2 output voltage VOUT2. At TPS62410 no external resistor
network may be connected.
8
Submit Documentation Feedback
Copyright © 2007–2015, Texas Instruments Incorporated
Product Folder Links: TPS62410


Número de pieza similar - TPS62410

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS62410 TI-TPS62410 Datasheet
1Mb / 34P
[Old version datasheet]   2.25MHz 2x800mA Dual Step Down Converter In Small 3x3mm QFN Package
TPS62410-Q1 TI1-TPS62410-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   2.25MHz 2x800mA Dual Step Down Converter In Small 3x3mm QFN Package
TPS62410-Q1 TI-TPS62410-Q1_15 Datasheet
1Mb / 36P
[Old version datasheet]   2.25MHz 2x800mA Dual Step Down Converter In Small 3x3mm QFN Package
TPS62410DRC TI-TPS62410DRC Datasheet
1Mb / 34P
[Old version datasheet]   2.25MHz 2x800mA Dual Step Down Converter In Small 3x3mm QFN Package
TPS62410DRCR TI-TPS62410DRCR Datasheet
1Mb / 34P
[Old version datasheet]   2.25MHz 2x800mA Dual Step Down Converter In Small 3x3mm QFN Package
More results

Descripción similar - TPS62410

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS62410 TI-TPS62410_15 Datasheet
1Mb / 36P
[Old version datasheet]   TPS62410 2.25-MHz 2 x 800-mA Dual Step-Down Converter in Small 3 횞 3 mm VSON
TPS62420 TI-TPS62420_15 Datasheet
1Mb / 38P
[Old version datasheet]   TPS6242x 2.25-MHz 600-mA and 1000-mA Dual Step-Down Converter in Small 3-mm 횞 3-mm VSON Package
TLV62085 TI1-TLV62085_16 Datasheet
417Kb / 22P
[Old version datasheet]   High Efficiency 3-A Step-Down Converter in 2-mm 횞 2-mm VSON Package
TLV62085 TI-TLV62085_15 Datasheet
349Kb / 20P
[Old version datasheet]   TLV62085 High Efficiency 3-A Step-Down Converter in 2-mm 횞 2-mm VSON Package
TPS62560 TI-TPS62560_15 Datasheet
1Mb / 32P
[Old version datasheet]   2.25-MHz, 600-mA Step-Down Converter in TSOT and 2 횞 2 횞 0.8-mm QFN Package
TPS62560 TI-TPS62560 Datasheet
1Mb / 29P
[Old version datasheet]   2.25-MHz, 600-mA Step-Down Converter in TSOT and 2- 횞 2- 횞 0,8-mm SON Package
TLV620612-Q1 TI1-TLV620612-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   3-MHz 2-A Step-Down Converter in 2-mm 횞 2-mm SON Package
TPS62065 TI-TPS62065_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPS6206x 3-MHz, 2-A, Step-Down Converter in 2-mm 횞 2-mm SON Package
TLV62065-Q1 TI1-TLV62065-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   3-MHz 2-A Step-Down Converter in 2-mm x 2-mm SON Package
TLV62065-Q1 TI-TLV62065-Q1_15 Datasheet
1Mb / 28P
[Old version datasheet]   TLV62065-Q1 3-MHz 2-A Step-Down Converter in 2-mm 횞 2-mm WSON Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com