Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS60300DGSR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS60300DGSR
Descripción Electrónicos  TPS6030x Single-Cell to 3-V or 3.3-V, 20-mA Dual Output, High-Efficiency Charge Pump
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS60300DGSR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS60300DGSR Datasheet HTML 3Page - Texas Instruments TPS60300DGSR Datasheet HTML 4Page - Texas Instruments TPS60300DGSR Datasheet HTML 5Page - Texas Instruments TPS60300DGSR Datasheet HTML 6Page - Texas Instruments TPS60300DGSR Datasheet HTML 7Page - Texas Instruments TPS60300DGSR Datasheet HTML 8Page - Texas Instruments TPS60300DGSR Datasheet HTML 9Page - Texas Instruments TPS60300DGSR Datasheet HTML 10Page - Texas Instruments TPS60300DGSR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
TPS60300, TPS60301, TPS60302, TPS60303
www.ti.com
SLVS302B – DECEMBER 2000 – REVISED OCTOBER 2015
Electrical Characteristics (continued)
CIN = C1F = C2F = C(OUT1) = C(OUT2) = 1 µF, TC = –40°C to 85°C, VIN = 1 V, V(EN) = VIN (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOUT(OUT2) = 0 V
5
20
50
Short circuit current
VIN = 1.8 V
mA
VOUT(OUT1) = 0 V
2
80
150
Output
VO(OUT1) = 3 V, VOUT(OUT2) = nominal,
leakage
OUT2
1
µA
EN = 0 V
current
VIN = 1.25 V, TC = 25°C, 2 mA <
Output load regulation
0.1
%/mA
IOUT(OUT2) < 20 mA
1 V < VIN < 1.65 V; TC = 25°C,
Output line regulation
0.75
%/V
IOUT(OUT) = 10 mA
No-load start-up time
400
µs
Impedance of first charge pump
4
Ω
stage
VIN ≥ 1.1 V
165
Start-up performance at OUT2
VIN ≥ 1 V
330
Ω
(minimum start-up load resistance)
VIN = 0.9 V
1000
Start-up performance at OUT1
VIN = 1 V
500
Ω
(minimum start-up load resistance)
FOR POWER GOOD COMPARATOR:
V(PG)
Power good trip voltage
VOUT ramping positive
VOUT – 2%
VOUT
V
Vhys
Power good trip voltage hysteresis
VOUT ramping negative
10%
VOL
Power good output voltage low
VOUT = 0 V, I(PG) = 1.6 mA
0.3
V
Ilkg
Power good
TPS60300
VOUT = 3.3 V, V(PG) = 3.3 V
0.01
0.1
leakage
TPS60301
VOUT = 3 V, V(PG) = 3 V
0.01
0.1
µA
current
VOH
Power good
TPS60303
3
output
I(PG) = –5 mA
V
TPS60302
2.7
voltage high
IOUT(PG,0)
Output
current at
All devices
V(PG) = 0 V
1.6
mA
power good
(sink)
R(PG,1)
TPS60302,
Output
V(PG) = VO(OUT2)
15
Ω
TPS60303
resistance at
power good
R(PG,0)
All devices
V(PG) = 0 V
100
Ω
Copyright © 2000–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPS60300 TPS60301 TPS60302 TPS60303


Número de pieza similar - TPS60300DGSR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS60300DGSR TI-TPS60300DGSR Datasheet
367Kb / 22P
[Old version datasheet]   SINGLE-CELL TO 3.0-V/3.3-V, 20-mA DUAL OUTPUT, HIGH-EFFICIENCY CHARGE PUMP
TPS60300DGSRG4 TI-TPS60300DGSRG4 Datasheet
367Kb / 22P
[Old version datasheet]   SINGLE-CELL TO 3.0-V/3.3-V, 20-mA DUAL OUTPUT, HIGH-EFFICIENCY CHARGE PUMP
More results

Descripción similar - TPS60300DGSR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS60300 TI-TPS60300_15 Datasheet
1Mb / 25P
[Old version datasheet]   TPS6030x Single-Cell to 3-V or 3.3-V, 20-mA Dual Output, High-Efficiency Charge Pump
TPS60300 TI-TPS60300 Datasheet
367Kb / 22P
[Old version datasheet]   SINGLE-CELL TO 3.0-V/3.3-V, 20-mA DUAL OUTPUT, HIGH-EFFICIENCY CHARGE PUMP
TPS60310 TI-TPS60310 Datasheet
334Kb / 20P
[Old version datasheet]   SINGLE-CELL TO 3-V/3.3-V, 20-mA DUAL OUTPUT,HIGH-EFFICIENCY CHARGE PUMP WITH SNOOZE MODE
TPS60210 TI1-TPS60210_17 Datasheet
1,011Kb / 26P
[Old version datasheet]   SINGLE-CELL TO 3-V/3.3-V, 20-mA DUAL OUTPUT, HIGH-EFFICIENCY CHARGE PUMP WITH SNOOZE MODE
TPS60310 TI-TPS60310_15 Datasheet
513Kb / 24P
[Old version datasheet]   SINGLE-CELL TO 3-V/3.3-V, 20-mA DUAL OUTPUT, HIGH-EFFICIENCY CHARGE PUMP WITH SNOOZE MODE
TPS60120 TI-TPS60120 Datasheet
561Kb / 27P
[Old version datasheet]   REGULATED 3.3 V, 200-mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60130 TI1-TPS60130_16 Datasheet
1Mb / 29P
[Old version datasheet]   REGULATED 5-V,300 MA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60130 TI-TPS60130_15 Datasheet
1Mb / 29P
[Old version datasheet]   REGULATED 5-V,300 MA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60130 TI-TPS60130 Datasheet
476Kb / 23P
[Old version datasheet]   REGULATED 5-V, 300 mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
logo
Rohm
BD4XXM5-C ROHM-BD4XXM5-C Datasheet
1Mb / 39P
   500-mA 3.3-V or 5.0-V Output LDO Regulators
22.Feb.2017 Rev.006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com