Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS62684YFFR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS62684YFFR
Descripción Electrónicos  1600-mA, High-Efficiency Step-Down Converter Optimized for Smallest Solution Size
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62684YFFR Datasheet(HTML) 5 Page - Texas Instruments

  TPS62684YFFR Datasheet HTML 1Page - Texas Instruments TPS62684YFFR Datasheet HTML 2Page - Texas Instruments TPS62684YFFR Datasheet HTML 3Page - Texas Instruments TPS62684YFFR Datasheet HTML 4Page - Texas Instruments TPS62684YFFR Datasheet HTML 5Page - Texas Instruments TPS62684YFFR Datasheet HTML 6Page - Texas Instruments TPS62684YFFR Datasheet HTML 7Page - Texas Instruments TPS62684YFFR Datasheet HTML 8Page - Texas Instruments TPS62684YFFR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
TPS62684
www.ti.com
SLVSAC5 – APRIL 2014
7.4 Thermal Information
TPS62684
THERMAL METRIC(1)
YFF
UNIT
6 TERMINALS
RθJA
Junction-to-ambient thermal resistance
108.9
RθJC(top)
Junction-to-case (top) thermal resistance
1.0
RθJB
Junction-to-board thermal resistance
17.5
°C/W
ψJT
Junction-to-top characterization parameter
4.1
ψJB
Junction-to-board characterization parameter
17.5
RθJC(bot)
Junction-to-case (bottom) thermal resistance
n/a
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS62684


Número de pieza similar - TPS62684YFFR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS62684 TI-TPS62684 Datasheet
1Mb / 27P
[Old version datasheet]   TPS62684 1600-mA, High-Efficiency Step-Down Converter Optimized for Smallest Solution Size
TPS62684 TI-TPS62684_15 Datasheet
1Mb / 27P
[Old version datasheet]   TPS62684 1600-mA, High-Efficiency Step-Down Converter Optimized for Smallest Solution Size
More results

Descripción similar - TPS62684YFFR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS62684 TI-TPS62684_15 Datasheet
1Mb / 27P
[Old version datasheet]   TPS62684 1600-mA, High-Efficiency Step-Down Converter Optimized for Smallest Solution Size
TPS8268180 TI-TPS8268180_15 Datasheet
2Mb / 32P
[Old version datasheet]   TPS8268x 1600-mA High-Efficiency MicroSiP Step-Down Converter Module
TPS62026 TI-TPS62026 Datasheet
612Kb / 24P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62020 TI1-TPS62020_16 Datasheet
1Mb / 28P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62020 TI-TPS62020 Datasheet
425Kb / 18P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62692 TI1-TPS62692_16 Datasheet
2Mb / 31P
[Old version datasheet]   800-mA , 3-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62690 TI1-TPS62690 Datasheet
875Kb / 27P
[Old version datasheet]   500-mA / 600-mA, 4-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62020 TI-TPS62020_15 Datasheet
1Mb / 28P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62692 TI-TPS62692 Datasheet
1Mb / 29P
[Old version datasheet]   800-mA , 3-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
logo
Richtek Technology Corp...
RT8092 RICHTEK-RT8092 Datasheet
327Kb / 27P
   High Efficiency Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com