Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS62684YFFT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS62684YFFT
Descripción Electrónicos  1600-mA, High-Efficiency Step-Down Converter Optimized for Smallest Solution Size
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62684YFFT Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS62684YFFT Datasheet HTML 3Page - Texas Instruments TPS62684YFFT Datasheet HTML 4Page - Texas Instruments TPS62684YFFT Datasheet HTML 5Page - Texas Instruments TPS62684YFFT Datasheet HTML 6Page - Texas Instruments TPS62684YFFT Datasheet HTML 7Page - Texas Instruments TPS62684YFFT Datasheet HTML 8Page - Texas Instruments TPS62684YFFT Datasheet HTML 9Page - Texas Instruments TPS62684YFFT Datasheet HTML 10Page - Texas Instruments TPS62684YFFT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1000 2000
Current (mA)
VIN = 3.3V
VIN = 3.6V
VIN = 4.2V
VIN = 5.0V
VIN = 5.5V
TPS62684
VOUT = 2.85V
L = DFE252012P−R47M (TOKO)
G000
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1000 2000
Current (mA)
VIN = 3.3V
VIN = 3.6V
VIN = 4.2V
VIN = 5.0V
VIN = 5.5V
TPS62684
VOUT = 2.85V
L = MDT2012-CRR56M (TOKO)
G000
TPS62684
www.ti.com
SLVSAC5 – APRIL 2014
7.7 Typical Characteristics
TABLE OF GRAPHS
FIGURE
Figure 1, Figure 2, Figure 3,
vs Load current
Figure 4
η
Efficiency
vs Input voltage
Figure 5
Figure 8, Figure 9, Figure 10,
Load transient response
Figure 11, Figure 12,
Figure 13, Figure 14
AC load transient response
Figure 15
Line Transient Response
Figure 16
VOUT
DC output voltage
vs Load current
Figure 6, Figure 7
fsw
PWM switching frequency
vs Input voltage
Figure 17
PWM switching frequency
vs Load Current
Figure 18
PWM operation
Figure 19
Spread spectrum frequency
Figure 20
modulation operation
Start-up
Figure 21, Figure 22
Shutdown
Figure 23
Figure 1. Efficiency Vs Load Current
Figure 2. Efficiency Vs Load Current
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPS62684


Número de pieza similar - TPS62684YFFT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS62684 TI-TPS62684 Datasheet
1Mb / 27P
[Old version datasheet]   TPS62684 1600-mA, High-Efficiency Step-Down Converter Optimized for Smallest Solution Size
TPS62684 TI-TPS62684_15 Datasheet
1Mb / 27P
[Old version datasheet]   TPS62684 1600-mA, High-Efficiency Step-Down Converter Optimized for Smallest Solution Size
More results

Descripción similar - TPS62684YFFT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS62684 TI-TPS62684_15 Datasheet
1Mb / 27P
[Old version datasheet]   TPS62684 1600-mA, High-Efficiency Step-Down Converter Optimized for Smallest Solution Size
TPS8268180 TI-TPS8268180_15 Datasheet
2Mb / 32P
[Old version datasheet]   TPS8268x 1600-mA High-Efficiency MicroSiP Step-Down Converter Module
TPS62026 TI-TPS62026 Datasheet
612Kb / 24P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62020 TI1-TPS62020_16 Datasheet
1Mb / 28P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62020 TI-TPS62020 Datasheet
425Kb / 18P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62692 TI1-TPS62692_16 Datasheet
2Mb / 31P
[Old version datasheet]   800-mA , 3-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62690 TI1-TPS62690 Datasheet
875Kb / 27P
[Old version datasheet]   500-mA / 600-mA, 4-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62020 TI-TPS62020_15 Datasheet
1Mb / 28P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62692 TI-TPS62692 Datasheet
1Mb / 29P
[Old version datasheet]   800-mA , 3-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
logo
Richtek Technology Corp...
RT8092 RICHTEK-RT8092 Datasheet
327Kb / 27P
   High Efficiency Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com