Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS62693 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS62693
Descripción Electrónicos  800-mA , 3-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62693 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS62693 Datasheet HTML 4Page - Texas Instruments TPS62693 Datasheet HTML 5Page - Texas Instruments TPS62693 Datasheet HTML 6Page - Texas Instruments TPS62693 Datasheet HTML 7Page - Texas Instruments TPS62693 Datasheet HTML 8Page - Texas Instruments TPS62693 Datasheet HTML 9Page - Texas Instruments TPS62693 Datasheet HTML 10Page - Texas Instruments TPS62693 Datasheet HTML 11Page - Texas Instruments TPS62693 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
20.0
30.0
40.0
50.0
60.0
70.0
80.0
90.0
100.0
0.1
1
10
100
1000
Current (mA)
VIN = 3.3V
VIN = 3.6V
VIN = 3.9V
VIN = 4.2V
VIN = 3.6V (PWM)
VOUT = 3.0V
G000
40.0
50.0
60.0
70.0
80.0
90.0
100.0
0.1
1
10
100
1000
Current (mA)
VIN = 2.7V
VIN = 3.0V
VIN = 3.3V
VIN = 3.6V
VIN = 3.9V
VIN = 4.2V
VIN = 4.5V
VIN = 4.8V
VOUT = 2.2V
MODE = Low
G000
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
Current (mA)
VIN = 3.0V
VIN = 3.6V
VIN = 4.2V
VIN = 3.6V (PWM)
VOUT = 2.85V
G000
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
Current (mA)
VIN = 3.0V
VIN = 3.3V
VIN = 3.6V
VIN = 3.9V
VIN = 4.2V
VIN = 4.5V
VOUT = 2.85V
MODE = Low
G000
TPS62692, TPS62693
TPS62694, TPS62698
SLVSAZ1 – DECEMBER 2012
www.ti.com
TYPICAL CHARACTERISTICS (continued)
EFFICIENCY
EFFICIENCY
vs
vs
LOAD CURRENT
LOAD CURRENT
Figure 3.
Figure 4.
EFFICIENCY
EFFICIENCY
vs
vs
LOAD CURRENT
LOAD CURRENT
Figure 5.
Figure 6.
8
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: TPS62692 TPS62693 TPS62694 TPS62698


Número de pieza similar - TPS62693

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS62693YFDR TI-TPS62693YFDR Datasheet
1Mb / 29P
[Old version datasheet]   800-mA , 3-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62693YFDT TI-TPS62693YFDT Datasheet
1Mb / 29P
[Old version datasheet]   800-mA , 3-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
More results

Descripción similar - TPS62693

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS62692 TI-TPS62692 Datasheet
1Mb / 29P
[Old version datasheet]   800-mA , 3-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62355DRCR TI1-TPS62355DRCR Datasheet
1Mb / 46P
[Old version datasheet]   800-mA / 1000-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER
TPS62650 TI1-TPS62650_11 Datasheet
847Kb / 38P
[Old version datasheet]   800-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER WITH I2CTM COMPATIBLE
FEBRUARY2011
TPS62026 TI-TPS62026 Datasheet
612Kb / 24P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62020 TI1-TPS62020_16 Datasheet
1Mb / 28P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62020 TI-TPS62020 Datasheet
425Kb / 18P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62020 TI-TPS62020_15 Datasheet
1Mb / 28P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
logo
Analog Devices
ADP2139CB-1.8EVALZ AD-ADP2139CB-1.8EVALZ Datasheet
544Kb / 20P
   Compact, 800 mA, 3 MHz, Step-Down DC-to-DC Converter
REV. C
logo
Texas Instruments
TPS62690 TI1-TPS62690 Datasheet
875Kb / 27P
[Old version datasheet]   500-mA / 600-mA, 4-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
logo
Analog Devices
ADP2138 AD-ADP2138 Datasheet
520Kb / 16P
   Compact, 800 mA, 3 MHz, Step-Down DC-to-DC Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com