Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS62700YZF Datasheet(PDF) 6 Page - Texas Instruments

No. de pieza TPS62700YZF
Descripción Electrónicos  2 MHz 650 mA Step Down Converter for RF Power Amplifiers in Tiny 8-pin WCSP Package
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62700YZF Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS62700YZF Datasheet HTML 2Page - Texas Instruments TPS62700YZF Datasheet HTML 3Page - Texas Instruments TPS62700YZF Datasheet HTML 4Page - Texas Instruments TPS62700YZF Datasheet HTML 5Page - Texas Instruments TPS62700YZF Datasheet HTML 6Page - Texas Instruments TPS62700YZF Datasheet HTML 7Page - Texas Instruments TPS62700YZF Datasheet HTML 8Page - Texas Instruments TPS62700YZF Datasheet HTML 9Page - Texas Instruments TPS62700YZF Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
)
R
R
(
I
V
V
L
MAX
_
DSON
MAX
_
OUT
MIN
_
OUT
MIN
_
IN
+
´
+
=
(1)
ENABLE
SHORT-CIRCUIT PROTECTION
THERMAL SHUTDOWN
UNDERVOLTAGE LOCKOUT
CLOCK DITHERING
TYPICAL CHARACTERISTICS
TPS62700, TPS62701
SLVS784B – DECEMBER 2007 – REVISED JUNE 2008................................................................................................................................................... www.ti.com
With further decreases of VIN, the High-Side MOSFET switch is turned on completely. In this case, the converter
offers a low input-to-output voltage difference. This is particularly useful in battery-powered applications to
achieve longest operation time by taking full advantage of the entire battery voltage range. The minimum input
voltage to maintain regulation depends on the load current and output voltage, and can be calculated as:
With:
IOUT_MAX = maximum output current plus inductor ripple current
RDSON_MAX = maximum P-channel switch RDSON.
RL = DC resistance of the inductor
VOUT_MAX = nominal output voltage plus maximum output voltage tolerance
The device is enabled by setting the EN pin to high and at first the internal circuits are settled. Afterwards the
device activates the soft start circuit and ramps up the output voltage. The output voltage is ramped up from 0 V
to 3.09 V within typically 190
µs after the EN pin changes from low to high. A low signal at the EN pin sets the
device in Shutdown Mode with less than 2
µA current consumption.
The High-Side and Low-Side MOSFET switches are protected with maximum output current = ILIMF in case a
short circuit on the output occurs. When the High-Side MOSFET switch reaches its current limit, it is turned off,
and the Low-Side MOSFET switch is turned on. The High-Side MOSFET switch can only turn on again, after the
current in the Low-Side MOSFET switch decreases below its current limit.
As soon as the junction temperature, TJ, exceeds 150°C (typical) the device goes into thermal shutdown. In this
mode, the High-Side and Low-Side MOSFETs are turned-off. The device continues its operation when the
junction temperature falls by typical 20°C.
The device stops operation at typ. 1.5 V with falling input voltage and starts operation at typ. 1.7 V with rising
input voltage. This prevents malfunction of the device due to low input voltage.
In order to reduce switch frequency harmonics in the higher RF bands, the TPS62701 has a built-in
clock-dithering circuit.
Typical Characteristic Graphs
FIGURE
Switching Frequency
vs Input Voltage (VIN)
Figure 1
RDSON
vs VIN, N-Channel
Figure 2
RDSON
vs VIN, P-Channel
Figure 3
Shutdown Current (ISD)
vs Temperature
Figure 4
Quiescent Current (IQ) into AVIN
vs VIN
Figure 5
EN High Threshold Voltage
vs VIN
Figure 6
Efficiency
vs Output Current
Figure 7
Efficiency
vs Output Current
Figure 8
Efficiency
vs Output Voltage
Figure 9
Efficiency
vs Output Voltage
Figure 10
6
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): TPS62700 TPS62701


Número de pieza similar - TPS62700YZF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS62700YZF TI-TPS62700YZF Datasheet
877Kb / 25P
[Old version datasheet]   2 MHz 650 mA Step Down Converter for RF Power Amplifiers in Tiny 8-pin WCSP Package
TPS62700YZF TI-TPS62700YZF Datasheet
885Kb / 25P
[Old version datasheet]   2 MHz 650 mA Step Down Converter for RF Power Amplifiers in Tiny 8-pin WCSP Package
More results

Descripción similar - TPS62700YZF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS62700 TI-TPS62700 Datasheet
877Kb / 25P
[Old version datasheet]   2 MHz 650 mA Step Down Converter for RF Power Amplifiers in Tiny 8-pin WCSP Package
TPS62700_0806 TI-TPS62700_0806 Datasheet
885Kb / 25P
[Old version datasheet]   2 MHz 650 mA Step Down Converter for RF Power Amplifiers in Tiny 8-pin WCSP Package
logo
National Semiconductor ...
LM3218 NSC-LM3218 Datasheet
4Mb / 16P
   650 mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
logo
Texas Instruments
TPS62088 TI1-TPS62088 Datasheet
1Mb / 27P
[Old version datasheet]   Tiny 6-pin 3-A Step-Down Converter in 1.2-mm x 0.8-mm WCSP
TPS62088 TI1-TPS62088_18 Datasheet
1Mb / 27P
[Old version datasheet]   Tiny 6-pin 3-A Step-Down Converter in 1.2-mm x 0.8-mm WCSP
TPS6283810 TI1-TPS6283810 Datasheet
1Mb / 25P
[Old version datasheet]   Tiny 6-pin 3-A Step-Down Converter in 1.2-mm x 0.8-mm WCSP
TPS62240 TI-TPS62240 Datasheet
1Mb / 29P
[Old version datasheet]   2.25 MHz 300 mA Step Down Converter in 2x2SON/TSOT23 Package
LM3218SEE TI1-LM3218SEE Datasheet
4Mb / 18P
[Old version datasheet]   LM3218 650 mA Miniature, Adjustable, Step-Down DC-DC Converter for RF
TPS62240 TI1-TPS62240_13 Datasheet
1Mb / 29P
[Old version datasheet]   2.25 MHz 300 mA Step Down Converter in 2x2SON/TSOT23 Package
TPS62242-Q1 TI1-TPS62242-Q1 Datasheet
700Kb / 21P
[Old version datasheet]   2.25-MHz 300-mA Step-Down Converter in DDC/TSOT23 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com