Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS62740 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS62740
Descripción Electrónicos  360nA IQ Step Down Converter For Low Power Applications
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62740 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS62740 Datasheet HTML 3Page - Texas Instruments TPS62740 Datasheet HTML 4Page - Texas Instruments TPS62740 Datasheet HTML 5Page - Texas Instruments TPS62740 Datasheet HTML 6Page - Texas Instruments TPS62740 Datasheet HTML 7Page - Texas Instruments TPS62740 Datasheet HTML 8Page - Texas Instruments TPS62740 Datasheet HTML 9Page - Texas Instruments TPS62740 Datasheet HTML 10Page - Texas Instruments TPS62740 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.8
2.2
2.6
3.0
3.4
Output Voltage VOUT (V)
T = −40°C
A
T = 25°C
A
T = 60°C
A
T = 85°C
A
T = -40°C
A
T = 25°C
T = 60°C
T = 85°C
A
A
A
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Input Voltage VIN (V)
T = −40°C
A
T = 25°C
A
T = 60°C
A
T = 85°C
A
0
100
200
300
400
500
600
700
800
900
1000
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Input Voltage VIN (V)
T = −40°C
A
T = 25°C
A
T = 60°C
A
T = 85°C
A
0
100
200
300
400
500
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Input Voltage VIN (V)
T = −40°C
A
T = 25°C
A
T = 60°C
A
T = 85°C
A
TPS62740, TPS62742
www.ti.com
SLVSB02B – NOVEMBER 2013 – REVISED JULY 2014
8.6 Typical Characteristics
EN = VIN, VOUT = 1.8V, CTRL = GND
Device Not Switching
EN = GND
Figure 1. Quiescent Current
Figure 2. Shutdown Current ISD
Figure 4. RDSON Low Side Mosfet
Figure 3. RDSON High Side Mosfet
Figure 5. Load Switch Resistance RLOAD
Copyright © 2013–2014, Texas Instruments Incorporated
Submit Documentation Feedback
7


Número de pieza similar - TPS62740

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS62740 TI1-TPS62740 Datasheet
3Mb / 32P
[Old version datasheet]   360nA IQ Step Down Converter for Low Power Applications
TPS62740DSSR TI1-TPS62740DSSR Datasheet
3Mb / 32P
[Old version datasheet]   360nA IQ Step Down Converter for Low Power Applications
TPS62740DSST TI1-TPS62740DSST Datasheet
3Mb / 32P
[Old version datasheet]   360nA IQ Step Down Converter for Low Power Applications
TPS62740EVM-186 TI-TPS62740EVM-186 Datasheet
453Kb / 14P
[Old version datasheet]   TPS62740EVM-186 Evaluation Module
More results

Descripción similar - TPS62740

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS62740 TI1-TPS62740 Datasheet
3Mb / 32P
[Old version datasheet]   360nA IQ Step Down Converter for Low Power Applications
TPS82740A TI-TPS82740A_15 Datasheet
2Mb / 30P
[Old version datasheet]   TPS82740x 360nA IQ MicroSIPTM Step Down Converter Module for Low Power Applications
TPS62745 TI1-TPS62745_16 Datasheet
4Mb / 34P
[Old version datasheet]   Dual-cell Ultra Low IQ Step Down Converter for Low Power Wireless Applications
TPS62745 TI-TPS62745_15 Datasheet
4Mb / 34P
[Old version datasheet]   TPS62745 Dual-cell Ultra Low IQ Step Down Converter for Low Power Wireless Applications
TPS82740A TI1-TPS82740A_16 Datasheet
2Mb / 28P
[Old version datasheet]   MicroSIP Step Down Converter Module for Low Power Applications
logo
Linear Technology
LTC3892-2 LINER-LTC3892-2 Datasheet
426Kb / 8P
   60V, Low IQ Multiphase Synchronous Step-Down Converter
logo
Monolithic Power System...
EV2269-D-00A MPS-EV2269-D-00A Datasheet
759Kb / 6P
   30V, 1A, Low IQ Step-Down Converter Evaluation Board
logo
Richtek Technology Corp...
RTQ2102A-QA RICHTEK-RTQ2102A-QA Datasheet
254Kb / 16P
   1.5A, 6V, Low IQ ACOT Synchronous Step-Down Converter
October 2019
logo
ELMOS Semiconductor AG
E522.71 ELMOS-E522.71 Datasheet
307Kb / 2P
   LOW POWER STEP DOWN CONVERTER
logo
Texas Instruments
TPS62730 TI1-TPS62730_14 Datasheet
5Mb / 29P
[Old version datasheet]   Step Down Converter with Bypass Mode for Ultra Low Power Wireless Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com