Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS626751YFDR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS626751YFDR
Descripción Electrónicos  500-mA/650-mA, 6-MHz High-Efficiency Step-Down Converter in Low Profile Chip Scale Packaging (Height < 0.4mm)
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS626751YFDR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS626751YFDR Datasheet HTML 7Page - Texas Instruments TPS626751YFDR Datasheet HTML 8Page - Texas Instruments TPS626751YFDR Datasheet HTML 9Page - Texas Instruments TPS626751YFDR Datasheet HTML 10Page - Texas Instruments TPS626751YFDR Datasheet HTML 11Page - Texas Instruments TPS626751YFDR Datasheet HTML 12Page - Texas Instruments TPS626751YFDR Datasheet HTML 13Page - Texas Instruments TPS626751YFDR Datasheet HTML 14Page - Texas Instruments TPS626751YFDR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
6.5
0
20
40
60
80
100
120
140
160
V
=1.2V
O
V =3.6V
I
V =4.5V
I
V =2.7V
I
I
-LoadCurrent-mA
O
0
5
10
15
20
25
30
35
40
45
50
55
60
65
70
75
80
85
0.01
0.1
1
10
100
1000
f - Frequency - kHz
I
= 10 mA
PFM Operation
O
I
= 400 mA
PWM Operation
O
I
= 150 mA
PWM Operation
O
V = 3.6 V,
V
= 1.8 V
I
O
V - Input Voltage - V
I
2.5
3
3.5
4
4.5
5
5.5
6
6.5
2.5
2.7
2.9
3.1
3.3
3.5
3.7
3.9
4.1
4.3
4.5
V
= 1.8 V
O
I
= 500 mA
O
I
= 400 mA
O
I
= 300 mA
O
I
= 150 mA
O
4.5
4.7
4.9
5.1
5.3
5.5
5.7
5.9
6.1
6.3
6.5
2.5
2.7
2.9
3.1
3.3
3.5
3.7
3.9
4.1
4.3
4.5
V -InputVoltage-V
I
I
Rangingfrom0to500mA
O
V
=1.2V
O
2.7
3
3.3
3.6
3.9
4.2
4.5
4.8
V - Input Voltage - V
I
0
20
40
60
80
100
120
140
160
180
200
V
= 1.2 V
O
PFM to PWM
Mode Change
PWM to PFM
Mode Change
Always PWM
Always PFM
The switching mode changes
at these borders
V -InputVoltage-V
I
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
2.7
3
3.3
3.6
3.9
4.2
4.5
4.8
T =85°C
A
T =25°C
A
T =-40°C
A
TPS62671, TPS62672, TPS62674
TPS62675, TPS626751, TPS626765, TPS62679
www.ti.com
SLVS952F – APRIL 2010 – REVISED JUNE 2014
Typical Characteristics (continued)
Figure 14. Quiescent Current vs Input Voltage
Figure 13. PFM/PWM Boundaries
Figure 16. PWM Switching Frequency vs Input Voltage
Figure 15. PWM Switching Frequency vs Input Voltage
Figure 18. PSRR vs Frequency
Figure 17. PFM Switching Frequency vs Input Voltage
Copyright © 2010–2014, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPS62671 TPS62672 TPS62674 TPS62675 TPS626751 TPS626765 TPS62679


Número de pieza similar - TPS626751YFDR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS62675 TI-TPS62675 Datasheet
1Mb / 34P
[Old version datasheet]   500-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN LOW PROFILE CHIP SCALE PACKAGING (HEIGHT
More results

Descripción similar - TPS626751YFDR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS62671 TI-TPS62671_15 Datasheet
1Mb / 35P
[Old version datasheet]   TPS6267x 500-mA/650-mA, 6-MHz High-Efficiency Step-Down Converter in Low Profile Chip Scale Packaging (Height < 0.4mm)
TPS62616 TI-TPS62616 Datasheet
749Kb / 27P
[Old version datasheet]   350-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN LOW PROFILE CHIP SCALE PACKAGING (HEIGHT < 0.4mm)
TPS62619 TI-TPS62619_10 Datasheet
915Kb / 29P
[Old version datasheet]   350-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN LOW PROFILE CHIP SCALE PACKAGING (HEIGHT < 0.4mm)
TPS62619 TI-TPS62619 Datasheet
770Kb / 26P
[Old version datasheet]   350-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN LOW PROFILE CHIP SCALE PACKAGING (HEIGHT < 0.4mm)
TPS62674 TI-TPS62674 Datasheet
756Kb / 28P
[Old version datasheet]   500-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN LOW PROFILE CHIP SCALE PACKAGING
TPS62671 TI-TPS62671_11 Datasheet
1Mb / 34P
[Old version datasheet]   500-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN LOW PROFILE CHIP SCALE PACKAGING (HEIGHT
TPS62690 TI-TPS62690_15 Datasheet
1Mb / 28P
[Old version datasheet]   500-mA / 600-mA, 4-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62600 TI-TPS62600 Datasheet
590Kb / 21P
[Old version datasheet]   500-mA, 6-MHz SYNCHRONOUS STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62620 TI-TPS62620 Datasheet
1Mb / 28P
[Old version datasheet]   600-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62620 TI1-TPS62620_16 Datasheet
1Mb / 28P
[Old version datasheet]   600-mA, 6-MHz High-Efficiency Step-Down Converter In Chip Scale Packaging
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com