Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

TPS630241YFFT Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
No. de Pieza. TPS630241YFFT
Descripción  High Current, High Efficiency Single Inductor Buck-Boost Converter
Descarga  29 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo 

TPS630241YFFT Datasheet(HTML) 18 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
Input Voltage (V)
20
30
40
50
60
70
80
90
100
2.3
2.6
2.9
3.2
3.5
3.8
4.1
4.4
4.7
5
5.3 5.5
IOUT
= 10mA
IOUT = 1A
IOUT = 1.5A
I
OUT
= 200mA
TPS630242
Input Voltage (V)
70
75
80
85
90
95
100
2.3
2.6
2.9
3.2
3.5
3.8
4.1
4.4
4.7
5
5.3 5.5
IOUT
= 10mA
IOUT = 1A
IOUT = 1.5A
I
OUT
= 200mA
TPS630242
Output Current (A)
45
50
55
60
65
70
75
80
85
90
95
100
100µ
1m
10m
100m
1 1.5
TPS630241
VIN = 2.8V, VOUT = 2.9V
VIN = 4.2V, VOUT = 2.9V
VIN = 2.9V, VOUT = 2.9V
VIN = 3.6V, VOUT = 2.9V
Output Current (A)
100µ
1m
10m
100m
11.5
0
10
20
30
40
50
60
70
80
90
100
TPS630241
VIN = 2.8V, VOUT = 2.9V
VIN = 4.2V, VOUT = 2.9V
VIN = 2.9V, VOUT = 2.9V
VIN = 3.6V, VOUT = 2.9V
Output Current (A)
100µ
1m
10m
100m
1 1.5
0
10
20
30
40
50
60
70
80
90
100
TPS630242
VIN = 2.8V, VOUT = 3.3V
VIN = 4.2V, VOUT = 3.3V
VIN = 3.3V, VOUT = 3.3V
VIN = 3.6V, VOUT = 3.3V
TPS63024
TPS630241, TPS630242
SLVSCK8A – NOVEMBER 2014 – REVISED DECEMBER 2014
www.ti.com
PFM/PWM = High
Figure 7. Efficiency vs Output Current
PFM/PWM = High
PFM/PWM = Low
Figure 9. Efficiency vs Output Current
Figure 8. Efficiency vs Output Current
PFM/PWM = Low
VOUT = 3.3 V
PFM/PWM = High
VOUT = 3.3 V
Figure 10. Efficiency vs Input Voltage
Figure 11. Efficiency vs Input Voltage
18
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: TPS630241 TPS630242


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn