Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

TPS630241YFFT Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
No. de Pieza. TPS630241YFFT
Descripción  High Current, High Efficiency Single Inductor Buck-Boost Converter
Descarga  29 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo 

TPS630241YFFT Datasheet(HTML) 20 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
Time 200µs/div
Output Voltage
200mV/div, AC
Output Current
1A/div
TPS630242
Time 200µs/div
Output Voltage
200mV/div, AC
Output Current
1A/div
TPS630242
Time 1µs/div
VOUT_Ripple 50mV/div
L1
L2
TPS630242
Time 1µs/div
VOUT_Ripple 10mV/div
L1
L2
TPS630242
Time 4µs/div
TPS630242
L2
L1
VOUT_Ripple 50mV/div
Time 1µs/div
L1
L2
TPS630242
VOUT_Ripple 50mV/div
TPS63024
TPS630241, TPS630242
SLVSCK8A – NOVEMBER 2014 – REVISED DECEMBER 2014
www.ti.com
VIN = 4.2 V
IOUT = 16 mA
VIN = 2.5 V
IOUT = 1 A
Figure 18. Output Voltage Ripple in Buck Mode
Figure 19. Switching Waveforms in Boost Mode
and PFM Operation
and PWM Operation
VIN = 4.5 V
IOUT = 1 A
VIN = 3.3 V
IOUT = 1 A
Figure 20. Switching Waveforms in Buck Mode
Figure 21. Switching Waveforms in Buck-Boost Mode
and PWM Operation
and PWM Operation
VIN = 2.8 V
IOUT = 0 A to 1.5 A
VIN = 4.2 V
IOUT = 0 A to 1.5 A
Figure 22. Load Transient Response Boost Mode
Figure 23. Load Transient Response Buck Mode
20
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: TPS630241 TPS630242


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn