Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

TPS630241YFFT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No. de Pieza. TPS630241YFFT
Descripción  High Current, High Efficiency Single Inductor Buck-Boost Converter
Descarga  29 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo 

TPS630241YFFT Datasheet(HTML) 3 Page - Texas Instruments

 
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
A2
A4
A1
A3
B1
B4
B2
B3
C3
C4
C1
C2
D3
D2
D4
D1
E3
E2
E4
E1
TPS63024
TPS630241, TPS630242
www.ti.com
SLVSCK8A – NOVEMBER 2014 – REVISED DECEMBER 2014
6
Device Comparison Table
PART NUMBER
VOUT
TPS63024
Adjustable
TPS630241
2.9V
TPS630242
3.3V
7 Pin Configuration and Functions
WCSP
20-Pin
YFF (TOP VIEW)
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
VOUT
A1,A2,A3
PWR
Buck-boost converter output
FB
A4
IN
Voltage feedback of adjustable version, must be connected to VOUT for fixed output voltage versions
L2
B1,B2,B3
PWR
Connection for Inductor
PFM/PWM
B4
IN
set low for PFM mode, set high for forced PWM mode. It must not be left floating
PGND
C1,C2,C3
PWR
Power Ground
GND
C4
PWR
Analog Ground
L1
D1,D2,D3
PWR
Connection for Inductor
EN
D4
IN
Enable input. Set high to enable and low to disable. It must not be left floating.
VIN
E1,E2,E3
PWR
Supply voltage for power stage
VINA
E4
PWR
Supply voltage for control stage.
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPS630241 TPS630242


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn