Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

TPS630241YFFT Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
No. de Pieza. TPS630241YFFT
Descripción  High Current, High Efficiency Single Inductor Buck-Boost Converter
Descarga  29 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo 

TPS630241YFFT Datasheet(HTML) 12 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
0.8V
Ramp and Clock
Generator
TPS63024
TPS630241, TPS630242
SLVSCK8A – NOVEMBER 2014 – REVISED DECEMBER 2014
www.ti.com
9.4 Device Functional Modes
9.4.1
Control Loop Description
Figure 3. Average Current Mode Control
The controller circuit of the device is based on an average current mode topology. The average inductor current
is regulated by a fast current regulator loop which is controlled by a voltage control loop. Figure 3 shows the
control loop.
The non inverting input of the transconductance amplifier, gmv, is assumed to be constant. The output of gmv
defines the average inductor current. The inductor current is reconstructed by measuring the current through the
high side buck MOSFET. This current corresponds exactly to the inductor current in boost mode. In buck mode
the current is measured during the on time of the same MOSFET. During the off time, the current is
reconstructed internally starting from the peak value at the end of the on time cycle. The average current and the
feedback from the error amplifier gmv forms the correction signal gmc. This correction signal is compared to the
buck and the boost sawtooth ramp giving the PWM signal. Depending on which of the two ramps the gmc output
crosses either the Buck or the Boost stage is initiated. When the input voltage is close to the output voltage, one
buck cycle is always followed by a boost cycle. In this condition, no more than three cycles in a row of the same
mode are allowed. This control method in the buck-boost region ensures a robust control and the highest
efficiency.
12
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: TPS630241 TPS630242


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn