Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

TPS630241YFFT Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
No. de Pieza. TPS630241YFFT
Descripción  High Current, High Efficiency Single Inductor Buck-Boost Converter
Descarga  29 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo 

TPS630241YFFT Datasheet(HTML) 15 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
L1
VIN
EN
PGND
L2
VOUT
FB
L
1
C
2
V
OUT
TPS63024
C
1
PFM/
PWM
GND
2X22µF
3.3 V up to 1.5A
1µH
10µF
V
IN
2.5 V to 5.5 V
VINA
R
1
R
2
V
IN or GND
560k
180k
/C
3
TPS63024
TPS630241, TPS630242
www.ti.com
SLVSCK8A – NOVEMBER 2014 – REVISED DECEMBER 2014
10 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
10.1 Application Information
The TPS63024x are high efficiency, low quiescent current buck-boost converters suitable for application where
the input voltage is higher, lower or equal to the output. Output currents can go as high as 1.5A in boost mode
and as high as 3A in buck mode. The maximum average current in the switches is limited to a typical value of
3A.
10.2 Typical Application
3.3V Adjustable Version
10.2.1 Design Requirements
The design guideline provides a component selection to operate the device within the recommended operating
conditions.
Table 1 shows the list of components for the Application Characteristic Curves.
Table 1. Components for Application Characteristic Curves(1)
REFERENCE
DESCRIPTION
MANUFACTURER
TPS63024
Texas Instruments
L1
1
μH, 8.75A, 13mΩ, SMD
XAL4020-102MEB, Coilcraft
C1
10
μF 6.3V, 0603, X5R ceramic
Standard
C2,C3
22
μF 6.3V, 0603, X5R ceramic
Standard
R1
560k
Standard
R2
180k
Standard
(1)
See Third-Party Products Discalimer
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: TPS630241 TPS630242


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn