Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS61087QDRCRQ1 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS61087QDRCRQ1
Descripción Electrónicos  TPS61087-Q1 650-kHz or 1.2-MHz, 18.5-V Step-Up DC-DC Converter With 3.2-A Switch
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61087QDRCRQ1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS61087QDRCRQ1 Datasheet HTML 4Page - Texas Instruments TPS61087QDRCRQ1 Datasheet HTML 5Page - Texas Instruments TPS61087QDRCRQ1 Datasheet HTML 6Page - Texas Instruments TPS61087QDRCRQ1 Datasheet HTML 7Page - Texas Instruments TPS61087QDRCRQ1 Datasheet HTML 8Page - Texas Instruments TPS61087QDRCRQ1 Datasheet HTML 9Page - Texas Instruments TPS61087QDRCRQ1 Datasheet HTML 10Page - Texas Instruments TPS61087QDRCRQ1 Datasheet HTML 11Page - Texas Instruments TPS61087QDRCRQ1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
8
TPS61087-Q1
SLVSB50B – DECEMBER 2011 – REVISED JUNE 2016
www.ti.com
Product Folder Links: TPS61087-Q1
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
7.3 Feature Description
7.3.1 Soft Start
The boost converter has an adjustable soft start to prevent high inrush current during start-up. To minimize the
inrush current during start-up an external capacitor, connected to the SS pin and charged with a constant current,
is used to slowly ramp up the internal current limit of the boost converter. When the EN pin is pulled high, the
soft-start capacitor (CSS) is immediately charged to 0.3 V. The capacitor is then charged at a constant current of
10
μA typically until the output of the boost converter VS has reached its Power Good threshold (roughly 98% of
VS nominal value). During this time, the SS voltage directly controls the peak inductor current, starting with 0 A at
VSS = 0.3 V up to the full current limit at VSS = 800 mV. The maximum load current is available after the soft start
is completed. As the size of the capacitor increases the ramp of the current limit slows and the soft-start time
increases. A 100-nF capacitor is usually sufficient for most of the applications. When the EN pin is pulled low, the
soft-start capacitor is discharged to ground.
7.3.2 Frequency Select Pin (FREQ)
The switching frequency of the device is set using the frequency select pin (FREQ) to 650 kHz (FREQ = low) or
1.2 MHz (FREQ = high). Higher switching frequency improves load transient response but slightly reduces the
efficiency. Another benefit of higher switching frequency is a lower output ripple voltage. Unless light load
efficiency is a major concern, TI recommends using a 1.2-MHz switching frequency.
7.3.3 Undervoltage Lockout (UVLO)
To avoid misoperation of the device at low input voltages, an undervoltage lockout is included, which disables the
device if the input voltage falls below 2.4 V.
7.3.4 Thermal Shutdown
A thermal shutdown is implemented to prevent damages due to excessive heat and power dissipation. Typically
the thermal shutdown happens at a junction temperature of 150°C. When the thermal shutdown is triggered, the
device stops switching until the junction temperature falls below typically 136°C. Then the device starts switching
again.
7.3.5 Overvoltage Prevention
If overvoltage is detected on the FB pin (typically 3% above the nominal value of 1.238 V) the part stops
switching immediately until the voltage on this pin drops to its nominal value. This prevents overvoltage on the
output and secures the circuits connected to the output from excessive overvoltage.
7.4 Device Functional Modes
The converter operates in continuous conduction mode (CCM) as soon as the input current increases above half
the ripple current in the inductor; for lower load currents, the converter switches into discontinuous conduction
mode (DCM). If the load is further reduced, the part starts to skip pulses to maintain the output voltage.


Número de pieza similar - TPS61087QDRCRQ1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS61087QDRCRQ1 TI1-TPS61087QDRCRQ1 Datasheet
808Kb / 26P
[Old version datasheet]   650 kHz/1.2 MHz, 18.5 V STEP-UP DC-DC CONVERTER WITH 3.2 A SWITCH
More results

Descripción similar - TPS61087QDRCRQ1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS61087 TI-TPS61087_15 Datasheet
1Mb / 34P
[Old version datasheet]   TPS61087 650-kHz,1.2-MHz, 18.5-V Step-Up DC-DC Converter With 3.2-A Switch
TPS61087DRCR TI1-TPS61087DRCR Datasheet
1Mb / 30P
[Old version datasheet]   650 kHz/1.2 MHz, 18.5 V STEP-UP DC-DC CONVERTER WITH 3.2 A SWITCH
TPS61087-Q1 TI1-TPS61087-Q1 Datasheet
808Kb / 26P
[Old version datasheet]   650 kHz/1.2 MHz, 18.5 V STEP-UP DC-DC CONVERTER WITH 3.2 A SWITCH
TPS61087 TI-TPS61087 Datasheet
928Kb / 25P
[Old version datasheet]   650 kHz/1.2 MHz, 18.5 V STEP-UP DC-DC CONVERTER
TPS61085 TI-TPS61085 Datasheet
731Kb / 23P
[Old version datasheet]   650 kHz/1.2 MHz, 18.5 V STEP-UP DC-DC CONVERTER
TPS61085T TI-TPS61085T_15 Datasheet
1Mb / 26P
[Old version datasheet]   650-kHz/1.2-MHz 18.5-V STEP-UP DC-DC CONVERTER
TPS61085-Q1 TI-TPS61085-Q1_15 Datasheet
779Kb / 24P
[Old version datasheet]   650-kHz/1.2-MHz 18.5-V STEP-UP DC-DC CONVERTER
TPS61085 TI1-TPS61085_17 Datasheet
1Mb / 30P
[Old version datasheet]   650-kHz,1.2-MHz, 18.5-V Step-Up DC-DC Converter
TPS61085-Q1 TI1-TPS61085-Q1 Datasheet
794Kb / 22P
[Old version datasheet]   650-kHz/1.2-MHz 18.5-V STEP-UP DC-DC CONVERTER
TPS61085T TI1-TPS61085T Datasheet
874Kb / 24P
[Old version datasheet]   650-kHz/1.2-MHz 18.5-V STEP-UP DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com