Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS61089 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS61089
Descripción Electrónicos  TPS61089x 12.6-V, 7-A Fully-Integrated Synchronous Boost Converters in 2.0-mm x 2.5-mm VQFN Package
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61089 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS61089 Datasheet HTML 3Page - Texas Instruments TPS61089 Datasheet HTML 4Page - Texas Instruments TPS61089 Datasheet HTML 5Page - Texas Instruments TPS61089 Datasheet HTML 6Page - Texas Instruments TPS61089 Datasheet HTML 7Page - Texas Instruments TPS61089 Datasheet HTML 8Page - Texas Instruments TPS61089 Datasheet HTML 9Page - Texas Instruments TPS61089 Datasheet HTML 10Page - Texas Instruments TPS61089 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
Temperature (°C)
-40
-20
0
20
40
60
80
100
0
0.4
0.8
1.2
1.6
2
D007
7
TPS61089, TPS610891
www.ti.com
SLVSD38B – NOVEMBER 2015 – REVISED JULY 2016
Product Folder Links: TPS61089 TPS610891
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
VIN = 3.6 V, VOUT = 9 V, TJ = 25°C, unless otherwise noted
Figure 7. Shutdown Current vs Temperature


Número de pieza similar - TPS61089

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS61080 TI-TPS61080 Datasheet
911Kb / 25P
[Old version datasheet]   HIGH VOLTAGE DC/DC BOOST CONVERTER WITH 0.5-A/1.3-A INTEGRATED SWITCH
TPS61080 TI1-TPS61080 Datasheet
1Mb / 27P
[Old version datasheet]   HIGH VOLTAGE DC/DC BOOST CONVERTER WITH 0.5-A/1.3-A INTEGRATED SWITCH
TPS61080DRCR TI-TPS61080DRCR Datasheet
911Kb / 25P
[Old version datasheet]   HIGH VOLTAGE DC/DC BOOST CONVERTER WITH 0.5-A/1.3-A INTEGRATED SWITCH
TPS61080DRCR TI1-TPS61080DRCR Datasheet
1Mb / 27P
[Old version datasheet]   HIGH VOLTAGE DC/DC BOOST CONVERTER WITH 0.5-A/1.3-A INTEGRATED SWITCH
TPS61080DRCRG4 TI1-TPS61080DRCRG4 Datasheet
1Mb / 27P
[Old version datasheet]   HIGH VOLTAGE DC/DC BOOST CONVERTER WITH 0.5-A/1.3-A INTEGRATED SWITCH
More results

Descripción similar - TPS61089

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS61230A TI1-TPS61230A Datasheet
1Mb / 28P
[Old version datasheet]   TPS61230A 5-V / 6-A High Efficiency Step-Up Converter in 2.0-mm x 2.0-mm VQFN Package
logo
ILSI America LLC
I583 ILSI-I583 Datasheet
53Kb / 2P
   2.0 mm x 2.5 mm Ceramic Package SMD TCXO
I587 ILSI-I587 Datasheet
87Kb / 2P
   2.0 mm x 2.5 mm Ceramic Package SMD TCXO
logo
TEMEX
RXO2520P TEMEX-RXO2520P Datasheet
591Kb / 7P
   High Performance XO in 2.5 x 2.0 mm Surface Mount package
logo
Xtaltq Technologies Co....
BS2520A XTALTQ-BS2520A Datasheet
210Kb / 2P
   Typical 2.5 x 2.0 x 0.81 mm ceramic SMD package
logo
ILSI America LLC
ISM95 ILSI-ISM95 Datasheet
126Kb / 2P
   2.0 mm x 2.5 mm Ceramic Package SMD Oscillator, TTL / HC-MOS
logo
Texas Instruments
TPS61088-Q1 TI1-TPS61088-Q1_18 Datasheet
1Mb / 32P
[Old version datasheet]   10-A Fully-Integrated Synchronous Boost Converter
TPS61088-Q1 TI1-TPS61088-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   10-A Fully-Integrated Synchronous Boost Converter
logo
TAITIEN ELECTRONICS CO....
AT-0017-XY TAITIEN-AT-0017-XY Datasheet
467Kb / 1P
   2.5 x 2.0 mm SMD Crystal
XO-0108-32.768K-OX-OY TAITIEN-XO-0108-32.768K-OX-OY Datasheet
758Kb / 1P
   3.2 x 2.5 / 2.5 x 2.0 mm SMD Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com