Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMV1272-079LF Datasheet(PDF) 3 Page - Skyworks Solutions Inc.

No. de pieza SMV1272-079LF
Descripción Electrónicos  Hyperabrupt Junction Tuning Varactor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SKYWORKS [Skyworks Solutions Inc.]
Página de inicio  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SMV1272-079LF Datasheet(HTML) 3 Page - Skyworks Solutions Inc.

  SMV1272-079LF Datasheet HTML 1Page - Skyworks Solutions Inc. SMV1272-079LF Datasheet HTML 2Page - Skyworks Solutions Inc. SMV1272-079LF Datasheet HTML 3Page - Skyworks Solutions Inc. SMV1272-079LF Datasheet HTML 4Page - Skyworks Solutions Inc. SMV1272-079LF Datasheet HTML 5Page - Skyworks Solutions Inc. SMV1272-079LF Datasheet HTML 6Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DATA SHEET • SMV1272-079LF: HYPERABRUPT JUNCTION TUNING VARACTOR
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
202934B • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • August 7, 2015
3
Table 4. Capacitance vs Reverse Voltage
VR
(V)
CT
(pF)
VR
(V)
CT
(pF)
0
28.96
8
4.04
1
16.21
9
3.95
2
10.37
10
3.88
3
7.30
12
3.78
4
5.60
14
3.72
5
4.72
16
3.68
6
4.36
18
3.64
7
4.17
20
3.62
Typical Performance Characteristics
0
5
10
15
20
25
30
35
0
5
10
15
20
25
Reverse Voltage (V)
Figure 1. Capacitance vs Reverse Voltage


Número de pieza similar - SMV1272-079LF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Skyworks Solutions Inc.
SMV1270 SKYWORKS-SMV1270 Datasheet
540Kb / 7P
   Hyperabrupt Junction Tuning Varactors
SMV1270-040LF SKYWORKS-SMV1270-040LF Datasheet
540Kb / 7P
   Hyperabrupt Junction Tuning Varactors
logo
Alpha Industries
SMV1270-079 ALPHA-SMV1270-079 Datasheet
21Kb / 2P
   Hyperabrupt Junction Tuning Varactor
logo
Skyworks Solutions Inc.
SMV1270-079 SKYWORKS-SMV1270-079 Datasheet
138Kb / 4P
   Hyperabrupt Junction Tuning Varactor
SMV1270-079LF SKYWORKS-SMV1270-079LF Datasheet
138Kb / 4P
   Hyperabrupt Junction Tuning Varactor
More results

Descripción similar - SMV1272-079LF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Alpha Industries
SMV1283-011 ALPHA-SMV1283-011 Datasheet
21Kb / 2P
   Hyperabrupt Junction Tuning Varactor
logo
Skyworks Solutions Inc.
SMV1135-004 SKYWORKS-SMV1135-004 Datasheet
119Kb / 4P
   Hyperabrupt Junction Tuning Varactor
SMVA1211-001LF SKYWORKS-SMVA1211-001LF Datasheet
541Kb / 6P
   Hyperabrupt Junction Tuning Varactor
SMVA1470-004LF SKYWORKS-SMVA1470-004LF Datasheet
447Kb / 6P
   Hyperabrupt Junction Tuning Varactor
SMVA1705-004LF SKYWORKS-SMVA1705-004LF Datasheet
538Kb / 6P
   Hyperabrupt Junction Tuning Varactor
SMV1145-079LF SKYWORKS-SMV1145-079LF_15 Datasheet
600Kb / 6P
   Hyperabrupt Junction Tuning Varactor
logo
Alpha Industries
SMV1135 ALPHA-SMV1135 Datasheet
462Kb / 3P
   Hyperabrupt Junction Tuning Varactor
SMV1705-079 ALPHA-SMV1705-079 Datasheet
263Kb / 2P
   Hyperabrupt Junction Tuning Varactor
SMV2022 ALPHA-SMV2022 Datasheet
170Kb / 2P
   Hyperabrupt Junction Tuning Varactor
SMV1281-011 ALPHA-SMV1281-011 Datasheet
449Kb / 2P
   Hyperabrupt Junction Tuning Varactor
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com