Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS610985DSER Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS610985DSER
Descripción Electrónicos  TPS61098x Ultra-Low Quiescent Current Synchronous Boost with Integrated LDO/Load Switch
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS610985DSER Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS610985DSER Datasheet HTML 7Page - Texas Instruments TPS610985DSER Datasheet HTML 8Page - Texas Instruments TPS610985DSER Datasheet HTML 9Page - Texas Instruments TPS610985DSER Datasheet HTML 10Page - Texas Instruments TPS610985DSER Datasheet HTML 11Page - Texas Instruments TPS610985DSER Datasheet HTML 12Page - Texas Instruments TPS610985DSER Datasheet HTML 13Page - Texas Instruments TPS610985DSER Datasheet HTML 14Page - Texas Instruments TPS610985DSER Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
Boost Output Current (mA)
0
10
20
30
40
50
60
70
80
90
100
0.001
0.01
0.1
1
10
200
D026
VIN = 0.7 V
VIN = 1.2 V
VIN = 2 V
VIN = 3 V
Boost Output Current (mA)
20
30
40
50
60
70
80
90
100
0.001
0.01
0.1
1
10
200
D043
VIN = 0.7 V
VIN = 1.2 V
VIN = 2 V
VIN = 2.5 V
Boost Output Current (mA)
0
10
20
30
40
50
60
70
80
90
100
0.001
0.01
0.1
1
10
200
D009
VIN = 0.7 V
VIN = 1.2 V
VIN = 2 V
VIN = 3 V
Boost Output Current (mA)
0
10
20
30
40
50
60
70
80
90
100
0.001
0.01
0.1
1
10
200
D025
VIN = 0.7 V
VIN = 1.2 V
VIN = 2 V
VIN = 3 V
Boost Output Current (mA)
0
10
20
30
40
50
60
70
80
90
100
0.001
0.01
0.1
1
10
D007
VIN = 0.7 V
VIN = 1.5 V
VIN = 2.5 V
VIN = 3 V
VIN = 3.6 V
VIN = 4.3 V
Boost Output Current (mA)
20
30
40
50
60
70
80
90
100
0.001
0.01
0.1
1
10
200
D008
VIN = 0.7 V
VIN = 1.2 V
VIN = 2 V
VIN = 3 V
11
TPS61098, TPS610981
TPS610982, TPS610985, TPS610986, TPS610987
www.ti.com
SLVS873D – JUNE 2015 – REVISED APRIL 2016
Product Folder Links: TPS61098 TPS610981 TPS610982 TPS610985 TPS610986 TPS610987
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
TPS61098, '7
MODE = High
V(MAIN) = 4.3 V
Figure 19. Boost Efficiency vs Output Current
(Active Mode)
TPS610981
MODE = Low
V(MAIN) = 3.3 V
Figure 20. Boost Efficiency vs Output Current
(Low Power Mode)
TPS610981
MODE = High
V(MAIN) = 3.3 V
Figure 21. Boost Efficiency vs Output Current
(Active Mode)
TPS610982
MODE = Low
V(MAIN) = 3.3 V
Figure 22. Boost Efficiency vs Output Current
(Low Power Mode)
TPS610982
MODE = High
V(MAIN) = 3.3 V
Figure 23. Boost Efficiency vs Output Current
(Active Mode)
TPS610985
Mode = Low
V(MAIN) = 3 V
Figure 24. Boost Efficiency vs Output Current
(Low Power Mode)


Número de pieza similar - TPS610985DSER

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS610985DSER TI1-TPS610985DSER Datasheet
2Mb / 42P
[Old version datasheet]   Ultra-Low Quiescent Current Synchronous Boost
More results

Descripción similar - TPS610985DSER

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS61098 TI-TPS61098_15 Datasheet
2Mb / 38P
[Old version datasheet]   TPS61098x Ultra-Low Quiescent Current Synchronous Boost with Integrated LDO/Load Switch
TPS61098 TI1-TPS61098 Datasheet
2Mb / 42P
[Old version datasheet]   Ultra-Low Quiescent Current Synchronous Boost
TPS61099 TI1-TPS61099_17 Datasheet
2Mb / 23P
[Old version datasheet]   Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099 TI1-TPS61099_18 Datasheet
3Mb / 35P
[Old version datasheet]   Synchronous Boost Converter with Ultra-Low Quiescent Current
logo
SG Micro Corp
SGM66099B SGMICRO-SGM66099B Datasheet
979Kb / 17P
   Synchronous Boost Converter with Ultra-Low Quiescent Current
AUGUST2022-REV.B
logo
Texas Instruments
TPS61099 TI1-TPS61099_16 Datasheet
2Mb / 22P
[Old version datasheet]   Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099_017 TI1-TPS61099_017 Datasheet
3Mb / 31P
[Old version datasheet]   Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099 TI-TPS61099_V01 Datasheet
3Mb / 35P
[Old version datasheet]   TPS61099x Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099 TI1-TPS61099 Datasheet
2Mb / 22P
[Old version datasheet]   TPS61099x Synchronous Boost Converter with Ultra-Low Quiescent Current
logo
Taiwan Semiconductor Co...
TS1900 TSC-TS1900 Datasheet
235Kb / 5P
   Ultra Low Quiescent Current Smart Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com