Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMV1249 Datasheet(PDF) 2 Page - Skyworks Solutions Inc.

No. de pieza SMV1249
Descripción Electrónicos  Hyperabrupt Junction Tuning Varactors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SKYWORKS [Skyworks Solutions Inc.]
Página de inicio  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SMV1249 Datasheet(HTML) 2 Page - Skyworks Solutions Inc.

  SMV1249 Datasheet HTML 1Page - Skyworks Solutions Inc. SMV1249 Datasheet HTML 2Page - Skyworks Solutions Inc. SMV1249 Datasheet HTML 3Page - Skyworks Solutions Inc. SMV1249 Datasheet HTML 4Page - Skyworks Solutions Inc. SMV1249 Datasheet HTML 5Page - Skyworks Solutions Inc. SMV1249 Datasheet HTML 6Page - Skyworks Solutions Inc. SMV1249 Datasheet HTML 7Page - Skyworks Solutions Inc. SMV1249 Datasheet HTML 8Page - Skyworks Solutions Inc. SMV1249 Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
DATA SHEET • SMV1247-SMV1255 VARACTORS
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
2
February 22, 2016 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • 200061T
Table 1. Packaging and Marking
Single
Single
Single
Common Cathode
Single
SC-79
Green™
SOD-323
Green™
SOT-23
SOT-23
SOD-882
Green™
SMV1247-079LF
Marking: Cathode and AH
SMV1247-040LF
Marking: H
SMV1248-079LF
Marking: Cathode and CH
SMV1248-040LF
Marking: 8
SMV1249-079LF
Marking: Cathode and EH
SMV1249-011LF
Marking: EF
SMV1249-040LF
Marking: K
SMV1251-079LF
Marking: Cathode and FH
SMV1251-011LF
Marking: EH
SMV1251-040LF
Marking: EH1
SMV1253-004
Marking: AJ3
SMV1253-040LF
Marking: 3
SMV1253-079LF
Marking: Cathode and GH
SMV1253-011LF
Marking: EJ
SMV1253-004LF
Green™
Marking: EJ3
SMV1255-001
Marking: AK1
SMV1255-040LF
Marking: 4
SMV1255-079LF
Marking: Cathode and HH
SMV1255-011LF
Marking: EK
SMV1255-001LF
Green™
Marking: EK1
LS = 0.7 nH
LS = 1.5 nH
LS = 1.5 nH
LS = 1.5 nH
LS = 0.45 nH
The Pb-free symbol or “LF” in the part number denotes a lead-free, RoHS-compliant package unless otherwise noted as Green™. Tin/lead (Sn/Pb) packaging is not
recommended for new designs.
Electrical and Mechanical Specifications
The absolute maximum ratings of the SMV1247-SMV1255 group
of varactors are provided in Table 2. Electrical specifications are
provided in Table 3. Typical capacitance values are listed in
Table 4. Typical performance characteristics of the
SMV1247-SMV1255 varactors are illustrated in Figures 1
through 4.
The SPICE model for the SMV1247-SMV1255 varactors is shown
in Figure 5, and the associated model parameters are provided in
Table 5.
Package dimensions are shown in Figures 6 to 12 (even
numbers), and tape and reel dimensions are provided in Figures 7
to 13 (odd numbers).
Package and Handling Information
Instructions on the shipping container label regarding exposure to
moisture after the container seal is broken must be followed.
Otherwise, problems related to moisture absorption may occur
when the part is subjected to high temperature during solder
assembly.
The SMV1247-SMV1255 group of varactors are rated to Moisture
Sensitivity Level 1 (MSL1) at 260
C. They can be used for lead or
lead-free soldering. For additional information, refer to the
Skyworks Application Note, Solder Reflow Information, document
number 200164.
Care must be taken when attaching this product, whether it is
done manually or in a production solder reflow environment.
Production quantities of this product are shipped in a standard
tape and reel format.


Número de pieza similar - SMV1249

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Skyworks Solutions Inc.
SMV1249 SKYWORKS-SMV1249 Datasheet
82Kb / 6P
   Hyperabrupt Tuning Varactors
logo
Alpha Industries
SMV1249-001 ALPHA-SMV1249-001 Datasheet
502Kb / 4P
   Hyperabrupt Tuning Varactors
logo
List of Unclassifed Man...
SMV1249-001 ETC1-SMV1249-001 Datasheet
130Kb / 7P
   Plastic Packaged Surface Mount Varactor Diodes
logo
Skyworks Solutions Inc.
SMV1249-001 SKYWORKS-SMV1249-001 Datasheet
82Kb / 6P
   Hyperabrupt Tuning Varactors
SMV1249-001LF SKYWORKS-SMV1249-001LF Datasheet
82Kb / 6P
   Hyperabrupt Tuning Varactors
More results

Descripción similar - SMV1249

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Skyworks Solutions Inc.
SMV1129 SKYWORKS-SMV1129 Datasheet
119Kb / 4P
   Hyperabrupt Junction Tuning Varactors
SMV1770-079 SKYWORKS-SMV1770-079 Datasheet
140Kb / 4P
   Hyperabrupt Junction Tuning Varactors
SMV1771 SKYWORKS-SMV1771 Datasheet
539Kb / 7P
   Hyperabrupt Junction Tuning Varactors
SMV1245 SKYWORKS-SMV1245 Datasheet
524Kb / 7P
   Hyperabrupt Junction Tuning Varactors
SMV2019 SKYWORKS-SMV2019_15 Datasheet
822Kb / 10P
   Hyperabrupt Junction Tuning Varactors
SMV1281 SKYWORKS-SMV1281 Datasheet
130Kb / 4P
   Hyperabrupt Junction Tuning Varactors
SMV2019 SKYWORKS-SMV2019 Datasheet
110Kb / 9P
   Hyperabrupt Junction Tuning Varactors
logo
Alpha Industries
SMV1142 ALPHA-SMV1142 Datasheet
465Kb / 4P
   Hyperabrupt Junction Tuning Varactors
logo
Skyworks Solutions Inc.
SMV1130 SKYWORKS-SMV1130_15 Datasheet
598Kb / 8P
   Hyperabrupt Junction Tuning Varactors
SMV1231 SKYWORKS-SMV1231_15 Datasheet
1Mb / 12P
   Hyperabrupt Junction Tuning Varactors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com