Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS610986DSER Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS610986DSER
Descripción Electrónicos  TPS61098x Ultra-Low Quiescent Current Synchronous Boost with Integrated LDO/Load Switch
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS610986DSER Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS610986DSER Datasheet HTML 2Page - Texas Instruments TPS610986DSER Datasheet HTML 3Page - Texas Instruments TPS610986DSER Datasheet HTML 4Page - Texas Instruments TPS610986DSER Datasheet HTML 5Page - Texas Instruments TPS610986DSER Datasheet HTML 6Page - Texas Instruments TPS610986DSER Datasheet HTML 7Page - Texas Instruments TPS610986DSER Datasheet HTML 8Page - Texas Instruments TPS610986DSER Datasheet HTML 9Page - Texas Instruments TPS610986DSER Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
6
TPS61098, TPS610981
TPS610982, TPS610985, TPS610986, TPS610987
SLVS873D – JUNE 2015 – REVISED APRIL 2016
www.ti.com
Product Folder Links: TPS61098 TPS610981 TPS610982 TPS610985 TPS610986 TPS610987
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
(1)
TPS61098x is able to drive RLoad > 150 Ω after VMAIN is established over 1.8 V.
7.5 Electrical Characteristics
TJ = -40°C to 125°C and VIN = 0.7 V to 4.5 V. Typical values are at VIN = 1.5 V, TJ = 25°C, unless otherwise noted.
PARAMETER
VERSION
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Power Supply
VIN
Input voltage range
TPS61098x
0.7
4.5
V
VIN(start)
Minimum input voltage at startup
TPS61098x
RLoad ≥ 3 kΩ
(1)
0.7
V
IQ(VIN)
Quiescent current into VIN pin
in Active Mode
TPS61098x
MODE = High, Boost or Pass-through
No Load, No Switching
TJ = -40 °C to 85 °C
2
4
µA
Quiescent current into VIN pin
in Low Power Mode
TPS61098x
MODE = Low, Boost or Pass-through
No Load, No Switching
5
90
nA
IQ(VMAIN)
Quiescent current into VMAIN pin
in Active Mode
TPS61098/1/5/6/7
MODE = High, Boost or Pass-through
No Load, No Switching
TJ = -40 °C to 85 °C
15
23
µA
TPS610982
MODE = High, Boost or Pass-through
No Load, No Switching
TJ = -40 °C to 85 °C
18
23
µA
Quiescent current into VMAIN pin
in Low Power Mode
TPS61098/1/7
MODE = Low, Boost or Pass-through
No Load, No Switching
TJ = 25 °C
300
400
nA
TPS61098/1/5/6/7
MODE = Low, Boost or Pass-through
No Load, No Switching
TJ = -40 °C to 85 °C
300
800
nA
TPS610982
MODE = Low, Boost or Pass-through
No Load, No Switching
TJ = -40 °C to 85 °C
4
10
µA
ILKG(SW)
Leakage current of SW pin
(from SW pin to GND pin)
TPS61098x
V(MAIN) = V(SW) = 4.7 V, No Load
TJ = -40 °C to 85 °C
5
100
nA
ILKG(MAIN)
Leakage current of VMAIN pin
(from VMAIN pin to SW pin)
TPS61098x
V(MAIN) = 4.7 V, V(SW) = 0 V, No Load
TJ = -40 °C to 85 °C
10
200
nA
ILKG(SUB)
Leakage current of VSUB pin
(from VMAIN pin to VSUB pin)
TPS61098/1/5/6/7
MODE = Low, V(MAIN) = 4.7 V, V(SUB) = 0 V
TJ = -40 °C to 85 °C
10
150
nA
ILKG(MODE)
Leakage current into MODE pin
TPS61098x
V(MODE) = 5 V
TJ = -40 °C to 85 °C
5
30
nA
Power Switch
RDS(on)_LS
Low side switch on resistance
TPS61098/7
MODE = Low
600
1000
m
MODE = High
300
600
m
TPS610981/2/6
MODE = Low / High
350
650
m
TPS610985
MODE = Low / High
400
700
m
RDS(on)_HS
Rectifier on resistance
TPS61098/7
MODE = Low
700
1000
m
MODE = High
450
700
m
TPS610981/2/6
MODE = Low / High
500
700
m
TPS610985
MODE = Low / High
550
750
m
Ω
R(LS)
Load switch on resistance
TPS610985/6
1.2
2
V(Dropout)
LDO dropout voltage
TPS61098/1/2/7
ISUB = 50 mA
60
100
mV
ILH
Inductor current ripple
TPS61098x
100
mA
ILIM(BST)
Boost switch current limit
TPS61098x
0.7 V < VIN < V(MAIN)
350
500
650
mA
ILIM(SUB)
VSUB output current limit
TPS61098x
TJ = -20 °C to 125 °C
200
mA
I(DISCH)
Discharge current from VSUB pin to
GND pin
TPS610981/5/6/7
MODE = Low, V(SUB) = 3 V
5
8
mA


Número de pieza similar - TPS610986DSER

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS610986DSER TI1-TPS610986DSER Datasheet
2Mb / 42P
[Old version datasheet]   Ultra-Low Quiescent Current Synchronous Boost
More results

Descripción similar - TPS610986DSER

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS61098 TI-TPS61098_15 Datasheet
2Mb / 38P
[Old version datasheet]   TPS61098x Ultra-Low Quiescent Current Synchronous Boost with Integrated LDO/Load Switch
TPS61098 TI1-TPS61098 Datasheet
2Mb / 42P
[Old version datasheet]   Ultra-Low Quiescent Current Synchronous Boost
TPS61099 TI1-TPS61099_17 Datasheet
2Mb / 23P
[Old version datasheet]   Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099 TI1-TPS61099_18 Datasheet
3Mb / 35P
[Old version datasheet]   Synchronous Boost Converter with Ultra-Low Quiescent Current
logo
SG Micro Corp
SGM66099B SGMICRO-SGM66099B Datasheet
979Kb / 17P
   Synchronous Boost Converter with Ultra-Low Quiescent Current
AUGUST2022-REV.B
logo
Texas Instruments
TPS61099 TI1-TPS61099_16 Datasheet
2Mb / 22P
[Old version datasheet]   Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099_017 TI1-TPS61099_017 Datasheet
3Mb / 31P
[Old version datasheet]   Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099 TI-TPS61099_V01 Datasheet
3Mb / 35P
[Old version datasheet]   TPS61099x Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099 TI1-TPS61099 Datasheet
2Mb / 22P
[Old version datasheet]   TPS61099x Synchronous Boost Converter with Ultra-Low Quiescent Current
logo
Taiwan Semiconductor Co...
TS1900 TSC-TS1900 Datasheet
235Kb / 5P
   Ultra Low Quiescent Current Smart Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com