Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS61098 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS61098
Descripción Electrónicos  TPS61098x Ultra-Low Quiescent Current Synchronous Boost with Integrated LDO/Load Switch
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61098 Datasheet(HTML) 3 Page - Texas Instruments

  TPS61098 Datasheet HTML 1Page - Texas Instruments TPS61098 Datasheet HTML 2Page - Texas Instruments TPS61098 Datasheet HTML 3Page - Texas Instruments TPS61098 Datasheet HTML 4Page - Texas Instruments TPS61098 Datasheet HTML 5Page - Texas Instruments TPS61098 Datasheet HTML 6Page - Texas Instruments TPS61098 Datasheet HTML 7Page - Texas Instruments TPS61098 Datasheet HTML 8Page - Texas Instruments TPS61098 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
3
TPS61098, TPS610981
TPS610982, TPS610985, TPS610986, TPS610987
www.ti.com
SLVS873D – JUNE 2015 – REVISED APRIL 2016
Product Folder Links: TPS61098 TPS610981 TPS610982 TPS610985 TPS610986 TPS610987
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
Changes from Revision A (July 2015) to Revision B
Page
Added devices TPS610985DSE and TPS610986DSE to the Device Comparison Table ..................................................... 4
Added device TPS610982 to the Electrical Characteristics ................................................................................................... 6
Added Figure 3 and Figure 4.................................................................................................................................................. 8
Added Figure 11 and Figure 12.............................................................................................................................................. 8
Added Figure 22 and Figure 23............................................................................................................................................ 10
Added Figure 32 and Figure 33............................................................................................................................................ 12
Added Figure 40 and Figure 41............................................................................................................................................ 13
Added Figure 45 and Figure 46............................................................................................................................................ 14
Added Figure 51 and Figure 52............................................................................................................................................ 15
Added text to the Overview section: "The TPS610982 is an exception..."........................................................................... 17
Added text to the Low Power Mode Section: "The TPS610982 is an exception..." ............................................................. 21
Added Figure 88, Figure 89, Figure 90 and Figure 92 ......................................................................................................... 33
Added Figure 94 and Figure 95............................................................................................................................................ 33
Changes from Original (June 2015) to Revision A
Page
Changed text in the Description From: "can achieve 80% efficiency" To: " can achieve up to 88% efficiency".................... 1
Changed "LDO / LS CRTL" with LDO / LS CTRL" and 4.7 µF To 4.7 µH in the Simplified Schematic................................. 1
Changed VIN = 1.2 V To VIN = 1.5 V and VIN = 2 V to VIN = 2.5 V in Figure 19 .................................................................. 10
Changed "Boost Efficiency" To: "Boost Output Voltage" in Figure 28 To Figure 31............................................................ 11
Changed text "below the programmed threshold," To: "below the programmed threshold with a hysteresis," in
Thermal Shutdown .............................................................................................................................................................. 20
Changed text "unstable operation at IC temperatures at the overtemperature threshold." To: "unstable operation at
the overtemperature threshold." in Thermal Shutdown ....................................................................................................... 20
Changed text "sense or transfer signals" To: sense or transmit signals" in VMAIN to Power MCU and VSUB to
Power Subsystem ................................................................................................................................................................ 22
Changed 4.7 µF To 4.7 µH in Figure 57 .............................................................................................................................. 22
Changed text "TPS610981 enters into sleep mode" To: "TPS610981 enters into Low Power mode" in Control
Sequence ............................................................................................................................................................................. 25
Changed 4.7 µF To 4.7 µH in Figure 81 .............................................................................................................................. 30
Changed text "a boost converter and an LDO are needed: To: "a boost converter with an LDO is needed" in Figure 85 . 32
Changed 4.7 µF To 4.7 µH in Figure 85 .............................................................................................................................. 32


Número de pieza similar - TPS61098

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS61098 TI1-TPS61098 Datasheet
2Mb / 42P
[Old version datasheet]   Ultra-Low Quiescent Current Synchronous Boost
TPS610981DSER TI1-TPS610981DSER Datasheet
2Mb / 42P
[Old version datasheet]   Ultra-Low Quiescent Current Synchronous Boost
TPS610981DSET TI1-TPS610981DSET Datasheet
2Mb / 42P
[Old version datasheet]   Ultra-Low Quiescent Current Synchronous Boost
TPS610982DSER TI1-TPS610982DSER Datasheet
2Mb / 42P
[Old version datasheet]   Ultra-Low Quiescent Current Synchronous Boost
TPS610982DSET TI1-TPS610982DSET Datasheet
2Mb / 42P
[Old version datasheet]   Ultra-Low Quiescent Current Synchronous Boost
More results

Descripción similar - TPS61098

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS61098 TI-TPS61098_15 Datasheet
2Mb / 38P
[Old version datasheet]   TPS61098x Ultra-Low Quiescent Current Synchronous Boost with Integrated LDO/Load Switch
TPS61098 TI1-TPS61098 Datasheet
2Mb / 42P
[Old version datasheet]   Ultra-Low Quiescent Current Synchronous Boost
TPS61099 TI1-TPS61099_17 Datasheet
2Mb / 23P
[Old version datasheet]   Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099 TI1-TPS61099_18 Datasheet
3Mb / 35P
[Old version datasheet]   Synchronous Boost Converter with Ultra-Low Quiescent Current
logo
SG Micro Corp
SGM66099B SGMICRO-SGM66099B Datasheet
979Kb / 17P
   Synchronous Boost Converter with Ultra-Low Quiescent Current
AUGUST2022-REV.B
logo
Texas Instruments
TPS61099 TI1-TPS61099_16 Datasheet
2Mb / 22P
[Old version datasheet]   Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099_017 TI1-TPS61099_017 Datasheet
3Mb / 31P
[Old version datasheet]   Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099 TI-TPS61099_V01 Datasheet
3Mb / 35P
[Old version datasheet]   TPS61099x Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099 TI1-TPS61099 Datasheet
2Mb / 22P
[Old version datasheet]   TPS61099x Synchronous Boost Converter with Ultra-Low Quiescent Current
logo
Taiwan Semiconductor Co...
TS1900 TSC-TS1900 Datasheet
235Kb / 5P
   Ultra Low Quiescent Current Smart Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com