Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRL530N Datasheet(PDF) 6 Page - International Rectifier

No. de pieza IRL530N
Descripción Electrónicos  HEXFET Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

IRL530N Datasheet(HTML) 6 Page - International Rectifier

  IRL530N Datasheet HTML 1Page - International Rectifier IRL530N Datasheet HTML 2Page - International Rectifier IRL530N Datasheet HTML 3Page - International Rectifier IRL530N Datasheet HTML 4Page - International Rectifier IRL530N Datasheet HTML 5Page - International Rectifier IRL530N Datasheet HTML 6Page - International Rectifier IRL530N Datasheet HTML 7Page - International Rectifier IRL530N Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
IRL530N
Fig 12a. Unclamped Inductive Test Circuit
Fig 12b. Unclamped Inductive Waveforms
VDS
L
D.U.T.
VDD
IAS
tp
0.01
RG
+
-
tp
VDS
IAS
VDD
V(BR)DSS
5.0 V
QG
QGS
QGD
VG
Charge
Fig 13a. Basic Gate Charge Waveform
D.U.T.
VDS
ID
IG
3mA
VGS
.3
µF
50K
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
+
-
Fig 12c. Maximum Avalanche Energy
Vs. Drain Current
Fig 13b. Gate Charge Test Circuit
5.0 V
0
50
100
150
200
250
300
350
25
50
75
100
125
150
175
J
A
Starting T , J unc tion T em perature (°C )
V
= 25 V
I
TO P
3 .7A
6 .4A
B O TTO M
9.0 A
DD
D


Número de pieza similar - IRL530N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Inchange Semiconductor ...
IRL530N ISC-IRL530N Datasheet
338Kb / 2P
   N-Channel MOSFET Transistor
IRL530NL ISC-IRL530NL Datasheet
300Kb / 2P
   Isc N-Channel MOSFET Transistor
logo
International Rectifier
IRL530NLPBF IRF-IRL530NLPBF Datasheet
465Kb / 11P
   HEXFET Power MOSFET ( VDSS=100V , RDS(on)=0.10廓 , ID=17A )
IRL530NLPBF IRF-IRL530NLPBF Datasheet
466Kb / 11P
   Adavanced Process Technology
IRL530NPBF IRF-IRL530NPBF Datasheet
466Kb / 11P
   Adavanced Process Technology
More results

Descripción similar - IRL530N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com