Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

GS2962 Datasheet(PDF) 10 Page - Semtech Corporation

No. de pieza GS2962
Descripción Electrónicos  3G/HD/SD-SDI Serializer with Complete SMPTE Video Support
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SEMTECH [Semtech Corporation]
Página de inicio  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2962 Datasheet(HTML) 10 Page - Semtech Corporation

Back Button GS2962 Datasheet HTML 6Page - Semtech Corporation GS2962 Datasheet HTML 7Page - Semtech Corporation GS2962 Datasheet HTML 8Page - Semtech Corporation GS2962 Datasheet HTML 9Page - Semtech Corporation GS2962 Datasheet HTML 10Page - Semtech Corporation GS2962 Datasheet HTML 11Page - Semtech Corporation GS2962 Datasheet HTML 12Page - Semtech Corporation GS2962 Datasheet HTML 13Page - Semtech Corporation GS2962 Datasheet HTML 14Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 82 page
background image
GS2962 3G/HD/SD-SDI Serializer with Complete
SMPTE Video Support
Data Sheet
48005 - 7
October 2010
10 of 82
B5, C5, D5,
E2, E5, E6,
F4, F5, F6,
F7, G9, H5,
H6
CORE_GND
Input Power
Reserved. Connect to CORE_GND.
B7
VCO_VDD
Input Power
Power pin for VCO. Connect to 1.2V DC analog followed by an RC
filter (see Typical Application Circuit on page 77). VCO_VDD is
nominally 0.7V.
B8
VCO_GND
Input Power
Ground connection for VCO. Connect to analog GND.
B9, B10
A_GND
Input Power
GND pins for sensitive analog circuitry. Connect to analog GND.
C4V/VSYNCSynch-
ronous
with
PCLK
Input
PARALLEL DATA TIMING.
Signal levels are LVCMOS / LVTTL compatible.
TIM_861 = LOW:
The V signal is used to indicate the portion of the video field/frame
that is used for vertical blanking, when DETECT_TRS is set LOW.
The V signal should be set HIGH for the entire vertical blanking
period and should be set LOW for all lines outside of the vertical
blanking interval.
The V signal is ignored when DETECT_TRS = HIGH.
TIM_861 = HIGH:
The VSYNC signal indicates vertical timing. See Section 4.3 for
timing details.
The VSYNC signal is ignored when DETECT_TRS = HIGH.
C6, C7, C8PLL_GND
Input Power
Ground connection for PLL. Connect to analog GND.
C9, D9, E9,
F9
CD_GND
Input Power
Ground connection for the serial digital cable driver. Connect to
analog GND.
C10, D10
SDO, SDO
Output
Serial Data Output Signal.
Serial digital output signal operating at 2.97Gb/s, 2.97/1.001Gbs,
1.485Gb/s, 1.485 /1.001Gb/s or 270Mb/s.
The slew rate of the output is automatically controlled to meet
SMPTE 424M, SMPTE 292 and 259M specifications according to the
setting of the RATE_SEL0 and RATE_SEL1 pins.
D3
STANDBY
Input
Standby input.
HIGH to place the device in Standby mode.
D4
SDO_EN/DIS
Input
CONTROL SIGNAL INPUT.
Signal levels are LVCMOS / LVTTL compatible.
Used to enable or disable the serial digital output stage.
When SDO_EN/DIS is LOW, the serial digital output signals SDO and
SDO are disabled and become high impedance.
When SDO_EN/DIS is HIGH, the serial digital output signals SDO and
SDO are enabled.
Table 1-1: Pin Descriptions (Continued)
Pin
Number
Name
Timing
Type
Description


Número de pieza similar - GS2962

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Gennum Corporation
GS2962 GENNUM-GS2962 Datasheet
2Mb / 82P
   Integrated Narrow-Bandwidth PLL
More results

Descripción similar - GS2962

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Semtech Corporation
GS2972 SEMTECH-GS2972 Datasheet
3Mb / 125P
   3G/HD/SD-SDI Serializer with Complete SMPTE Audio & Video Support
GS1662 SEMTECH-GS1662 Datasheet
2Mb / 73P
   HD/SD-SDI Serializer with Complete SMPTE Video Support
GS1672 SEMTECH-GS1672 Datasheet
3Mb / 116P
   HD/SD-SDI Serializer with Complete SMPTE Audio & Video Support
GS1660A SEMTECH-GS1660A Datasheet
6Mb / 83P
   HD/SD SDI Receiver Complete with SMPTE Video Processing
GS1660 SEMTECH-GS1660 Datasheet
6Mb / 82P
   HD/SD SDI Receiver Complete with SMPTE Video Processing
GS1670A SEMTECH-GS1670A Datasheet
9Mb / 130P
   HD/SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS2960A SEMTECH-GS2960A Datasheet
7Mb / 99P
   3Gb/s, HD, SD SDI Receiver Complete with SMPTE Video Processing
GS1670 SEMTECH-GS1670 Datasheet
3Mb / 126P
   HD/SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS2960 SEMTECH-GS2960 Datasheet
7Mb / 97P
   3Gb/s, HD, SD SDI Receiver Complete with SMPTE Video Processing
logo
Glenair, Inc.
050-332 GLENAIR-050-332 Datasheet
708Kb / 16P
   SMPTE HD-SDI AND 3G-SDI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com