Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74LVC2G126HK3-7 Datasheet(PDF) 4 Page - Diodes Incorporated

No. de pieza 74LVC2G126HK3-7
Descripción Electrónicos  DUAL BUFFER GATE WITH 3-STATE OUTPUTS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC2G126HK3-7 Datasheet(HTML) 4 Page - Diodes Incorporated

  74LVC2G126HK3-7 Datasheet HTML 1Page - Diodes Incorporated 74LVC2G126HK3-7 Datasheet HTML 2Page - Diodes Incorporated 74LVC2G126HK3-7 Datasheet HTML 3Page - Diodes Incorporated 74LVC2G126HK3-7 Datasheet HTML 4Page - Diodes Incorporated 74LVC2G126HK3-7 Datasheet HTML 5Page - Diodes Incorporated 74LVC2G126HK3-7 Datasheet HTML 6Page - Diodes Incorporated 74LVC2G126HK3-7 Datasheet HTML 7Page - Diodes Incorporated 74LVC2G126HK3-7 Datasheet HTML 8Page - Diodes Incorporated 74LVC2G126HK3-7 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
74LVC2G126
Document number: DS37933 Rev. 2 - 2
4 of 11
www.diodes.com
June 2016
© Diodes Incorporated
74LVC2G126
Electrical Characteristics (All typical values are at TA = +25°C)
Symbol
Parameter
Test Conditions
VCC
-40°C to +85°C
-40°C to +125°C
Unit
Min
Typ.
Max
Min
Max
VIH
High-Level
Input Voltage
VCC = 1.65V to 1.95V
0.65 x VCC
0.65 x VCC
V
VCC = 2.3V to 2.7V
1.7
1.7
VCC = 2.7V to 3.6V
2.0
2.0
VCC = 4.5V to 5.5V
0.7 x VCC
0.7 x VCC
VIL
Low-Level
Input Voltage
VCC = 1.65V to 1.95V
0.35 x VCC
0.35 x VCC
V
VCC = 2.3V to 2.7V
0.7
0.7
VCC = 2.7V to 3.6V
0.8
0.8
VCC = 4.5V to 5.5V
0.3 x VCC
0.3 x VCC
VOH
High-Level
Output
Voltage
IOH = -100μA
1.65V to 5.5V
VCC – 0.1
Vcc
VCC – 0.1
V
IOH = -4mA
1.65V
1.2
1.53
0.95
IOH = -8mA
2.3V
1.9
2.13
1.7
IOH = -12mA
2.7
2.2
2.5
1.9
IOH = -16mA
3V
2.4
2.7
2.2
IOH = -24mA
2.3
2.6
2.0
IOH = -32mA
4.5V
3.8
4.1
3.4
VOL
Low-Level
Output
Voltage
IOL = 100μA
1.65V to 5.5V
0
0.1
0.1
V
IOL = 4mA
1.65V
0.08
0.45
0.7
IOL = 8mA
2.3V
0.14
0.3
0.45
IOL = 12mA
2.7V
0.19
0.4
0.6
IOL = 16mA
3V
0.25
0.4
0.6
IOL = 24mA
0.37
0.55
0.8
IOL = 32mA
4.5V
0.43
0.55
0.8
II
Input Current
VI = 5.5V or GND
0V to 5.5V
± 0.1
±5
± 20
μA
IOZ
Z-State
Leakage
Current
VI = VIH or VIL
VO = 5.5V or GND
3.6V
± 0.1
± 10
±20
μA
IOFF
Power Down
Leakage
Current
VI or VO = 5.5V
0V
± 0.1
±10
±20
μA
ICC
Supply
Current
VI = 5.5V or GND
IO=0A
1.65V to 5.5V
0.1
10
40
μA
ΔI
CC
Additional
Supply
Current
One input at
VCC –0.6V
Other inputs at VCC
or GND
2.3V to 5.5V
5
500
5,000
μA
CI
Input
Capacitance
VI = VCC or GND
3.3V
2.5
pF


Número de pieza similar - 74LVC2G126HK3-7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74LVC2G126 PHILIPS-74LVC2G126 Datasheet
95Kb / 16P
   Dual bus buffer/line driver; 3-state
2004 Sep 22
74LVC2G126 NXP-74LVC2G126 Datasheet
92Kb / 16P
   Dual bus buffer/line driver; 3-state
Rev. 06-7 September 2007
74LVC2G126 NXP-74LVC2G126 Datasheet
448Kb / 17P
   Dual bus buffer/line driver; 3-state
Rev. 08-5 May 2008
logo
Nexperia B.V. All right...
74LVC2G126 NEXPERIA-74LVC2G126 Datasheet
270Kb / 17P
   Dual bus buffer/line driver; 3-state
Rev. 15 - 28 April 2020
74LVC2G126-Q100 NEXPERIA-74LVC2G126-Q100 Datasheet
212Kb / 12P
   Bus buffer/line driver; 3-state
More results

Descripción similar - 74LVC2G126HK3-7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
74LVC2G125 DIODES-74LVC2G125 Datasheet
509Kb / 11P
   DUAL BUFFER GATE WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN74AHC2G126 TI1-SN74AHC2G126 Datasheet
86Kb / 6P
[Old version datasheet]   DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
logo
Unisonic Technologies
U74LVC2G125 UTC-U74LVC2G125_15 Datasheet
199Kb / 6P
   DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN74AUC2G126 TI-SN74AUC2G126 Datasheet
261Kb / 12P
[Old version datasheet]   DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LVC2G125 TI1-SN74LVC2G125_18 Datasheet
1Mb / 27P
[Old version datasheet]   Dual Bus Buffer Gate With 3-State Outputs
SN74LVC2G126-EP TI1-SN74LVC2G126-EP Datasheet
767Kb / 13P
[Old version datasheet]   DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LVC2G125 TI-SN74LVC2G125 Datasheet
346Kb / 13P
[Old version datasheet]   DUAL BUS BUFFER GATE WITH 3 STATE OUTPUTS
SN74LVC2G126 TI-SN74LVC2G126_08 Datasheet
430Kb / 12P
[Old version datasheet]   DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LVC2G125-Q1 TI-SN74LVC2G125-Q1 Datasheet
138Kb / 8P
[Old version datasheet]   DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
logo
Unisonic Technologies
U74LVC2G126 UTC-U74LVC2G126 Datasheet
173Kb / 6P
   DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com