Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SLX-5MS-4XX Datasheet(PDF) 3 Page - Red Lion Controls. Inc

No. de pieza SLX-5MS-4XX
Descripción Electrónicos  Managed Fast Ethernet Switches
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  REDLION [Red Lion Controls. Inc]
Página de inicio  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

SLX-5MS-4XX Datasheet(HTML) 3 Page - Red Lion Controls. Inc

  SLX-5MS-4XX Datasheet HTML 1Page - Red Lion Controls. Inc SLX-5MS-4XX Datasheet HTML 2Page - Red Lion Controls. Inc SLX-5MS-4XX Datasheet HTML 3Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SLX-5MS Industrial Ethernet Switch Specifications
ORDER GUIDE
PART NUMBER
PRODUCT LINE
SLX-5MS-1
5-Port Industrial Fast Ethernet Managed Switch (5 10/100Base-T Copper Ports)
SLX-5MS-4XX
5-Port Industrial Fast Ethernet Managed Switch (3 10/100Base-T, 2 100Base-FX, Multimode 2km Ports)
SLX-5MS-5XX
5-Port Industrial Fast Ethernet Managed Switch (3 10/100Base-T, 2 100Base-FX, Singlemode 30km Ports)
SLX-5MS-5XXL
5-Port Industrial Fast Ethernet Managed Switch (3 10/100Base-T, 2 100Base-FX, Singlemode 60km Ports)
ET-PS-024-02
Power supply – AC to 24VDC, 2A
SP-ETH-2
Dual port Ethernet surge & lightning protecton for the 10/100 ports only
RJ45-DB9F-CBL
Console port cable, DB9 to RJ45
Where XX = ST or SC connector
FIBER TRANSCEIVER CHARACTERISTICS
FIBER MODE
MM
SM
SM
Fiber Length
2 km
30 km
60 km
TX Power Min
-23.5 dBm
-15 dBm
-5 dBm
RX Sensitivity Max
-32 dBm
-34 dBm
-35 dBm
Wavelength
1310 nm
1310 nm
1310 nm
* Fiber Length distances represent typical performance. Link budgets should be evaluated based on specific application conditions.
w w w .r edlion.net
Connect. Monitor. Control.
Americas
sales@redlion.net
Asia-Pacific
asia@redlion.net
Europe
Middle East
Africa
europe@redlion.net
+1 (717) 767-6511
As the global experts in communication, monitoring and control for
industrial automation and networking, Red Lion has been delivering
innovative solutions for over forty years. Our automation, Ethernet and
cellular M2M technology enables companies worldwide to gain real-time
data visibility that drives productivity. Product brands include Red Lion,
N-Tron and Sixnet. With headquarters in York, Pennsylvania, the company
has offices across the Americas, Asia-Pacific and Europe. Red Lion is
part of Spectris plc, the productivity-enhancing instrumentation and
controls company. For more information, please visit www.redlion.net.
ADLD0210 051116 © 2016 Red Lion Controls, Inc. All rights reserved. Red Lion, the Red Lion logo, N-Tron and Sixnet are
registered trademarks of Red Lion Controls, Inc. All other company and product names are trademarks of their respective owners.


Número de pieza similar - SLX-5MS-4XX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Red Lion Controls. Inc
SLX-5MS-MDM REDLION-SLX-5MS-MDM Datasheet
386Kb / 3P
   Managed Fast Ethernet Switch with Telephone Modem
SLX-5MS-MDM-1 REDLION-SLX-5MS-MDM-1 Datasheet
386Kb / 3P
   Managed Fast Ethernet Switch with Telephone Modem
More results

Descripción similar - SLX-5MS-4XX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Moxa Inc.
IM-6700A MOXA-IM-6700A Datasheet
566Kb / 4P
   Fast Ethernet modules for modular managed switches
EDS-516A MOXA-EDS-516A Datasheet
800Kb / 5P
   16-port managed Ethernet switches
ICS-G7750A MOXA-ICS-G7750A Datasheet
758Kb / 6P
   Gigabit modular managed Ethernet switches
PT-G7509 MOXA-PT-G7509 Datasheet
704Kb / 6P
   Gigabit managed rackmount Ethernet switches
EDS-505A MOXA-EDS-505A Datasheet
1Mb / 6P
   5-port managed Ethernet switches
EDS-508A MOXA-EDS-508A Datasheet
856Kb / 6P
   8-port managed Ethernet switches
PT-G7728 MOXA-PT-G7728 Datasheet
2Mb / 7P
   Gigabit modular managed Ethernet switches
PT-G7828 MOXA-PT-G7828 Datasheet
2Mb / 7P
   gigabit modular managed Ethernet switches
ICS-G7852A MOXA-ICS-G7852A Datasheet
770Kb / 7P
   Gigabit modular managed Ethernet switches
logo
Red Lion Controls. Inc
SLX-16MS-1 REDLION-SLX-16MS-1 Datasheet
394Kb / 3P
   Managed Fast Ethernet Switch
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com