Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SLX-5EG-2SFP Datasheet(PDF) 1 Page - Red Lion Controls. Inc

No. de pieza SLX-5EG-2SFP
Descripción Electrónicos  SlimLine Plus Gigabit Industrial Connectivity
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  REDLION [Red Lion Controls. Inc]
Página de inicio  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

SLX-5EG-2SFP Datasheet(HTML) 1 Page - Red Lion Controls. Inc

  SLX-5EG-2SFP Datasheet HTML 1Page - Red Lion Controls. Inc SLX-5EG-2SFP Datasheet HTML 2Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SLX-5EG-2SFP Industrial Ethernet Switch
Sixnet Networking Series
SlimLine Plus Gigabit Industrial Connectivity
CONNECT. MONITOR. CONTROL.
The 5-port Red Lion Sixnet SLX-5EG-2SFP (2 + 3G) all Gigabit Ethernet switch is designed for exceptional
performance and superior reliability in industrial networking environments. Gigabit operation drives
ultrafast data throughput and network efficiency. The SLX series features rugged construction optimized
for high tolerance to extreme environmental conditions. Convenient plug-and-play capabilities eliminates
time-consuming setup and configuration. Ethernet SFP ports for fiber or copper links can be mixed and
matched to provide port flexibility.
PRODUCT HIGHLIGHTS
3 fully IEEE-compliant Gigabit PoE
ports (10/100/1000)
2 Gigabit SFP ports
High performance and reliability
Industrial-hardened design
APPLICATIONS
Video & Security
Transportation
Oil & Gas
Mining
Maritime
D ATASHEET
SLX-5EG-2SFP Industrial Ethernet Switch
SlimLine Plus Gigabit Industrial Connectivity
FEATURES & BENEFITS
Real-Time Ethernet Performance
• Provides plug-and-play simplicity
• Offers ease of use
– All Gigabit ports
– Flexible fiber configuration via SFP
– Auto-sensing for speed and duplex
– Auto-MDI/MDIX-crossover works with
straight or crossed cables
– Auto-polarity corrects for crossed signals
– No user configuration required
– Dual redundant power inputs
Rugged, Reliable Operation
• Supports deployment in extreme
environments
• Provides high reliability in the toughest
applications
– Ultra-reliable 1,000,000+ hours MTBF
– Operating temperature: -40° to +85°C
– Rugged corrosion-resistant metal
enclosure
– Hazardous locations for Class I, Div 2
and Zone 2
APPLICATION SCENARIO: VIDEO & SECURITY
Sixnet Ethernet Series


Número de pieza similar - SLX-5EG-2SFP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Red Lion Controls. Inc
SLX-5EG-1 REDLION-SLX-5EG-1 Datasheet
448Kb / 2P
   SlimLine Plus Gigabit Industrial Connectivity
More results

Descripción similar - SLX-5EG-2SFP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Red Lion Controls. Inc
SLX-3EG REDLION-SLX-3EG Datasheet
359Kb / 2P
   SlimLine Plus Gigabit Industrial Connectivity
SLX-5EG-1 REDLION-SLX-5EG-1 Datasheet
448Kb / 2P
   SlimLine Plus Gigabit Industrial Connectivity
SLX-3ES REDLION-SLX-3ES Datasheet
402Kb / 2P
   SlimLine Plus Unmanaged Industrial Connectivity
MIL318 REDLION-MIL318 Datasheet
806Kb / 4P
   Military-Rated Gigabit Industrial Connectivity
MIL312 REDLION-MIL312 Datasheet
742Kb / 4P
   Military-Rated Gigabit Industrial Connectivity
MIL316 REDLION-MIL316 Datasheet
801Kb / 4P
   Military-Rated Gigabit Industrial Connectivity
ET-8XG-MIL REDLION-ET-8XG-MIL Datasheet
824Kb / 3P
   Military-Rated Gigabit Industrial Connectivity
logo
List of Unclassifed Man...
HMI5043L ETC1-HMI5043L Datasheet
335Kb / 2P
   4.3??Slimline Industrial HMI
logo
Red Lion Controls. Inc
EL212F REDLION-EL212F Datasheet
1Mb / 4P
   ExtremeLine Managed Industrial Connectivity
ET-5XS-IP67 REDLION-ET-5XS-IP67 Datasheet
294Kb / 2P
   Military-Rated Industrial Connectivity
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com