Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DM1231-02SO-7 Datasheet(PDF) 4 Page - Diodes Incorporated

No. de pieza DM1231-02SO-7
Descripción Electrónicos  2-CHANNEL LOW CAPACITANCE ESD PROTECTION ARRAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DM1231-02SO-7 Datasheet(HTML) 4 Page - Diodes Incorporated

  DM1231-02SO-7 Datasheet HTML 1Page - Diodes Incorporated DM1231-02SO-7 Datasheet HTML 2Page - Diodes Incorporated DM1231-02SO-7 Datasheet HTML 3Page - Diodes Incorporated DM1231-02SO-7 Datasheet HTML 4Page - Diodes Incorporated DM1231-02SO-7 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
DM1231-02SO
Document number: DS37786 Rev.3
– 2
4 of 5
www.diodes.com
May 2016
© Diodes Incorporated
DM1231-02SO
10000
f = 1MHz
Figure 7, Typical Single-Ended S21
plot (1dB/div,1MHz to 10GHz)
-7dB
-1dB
-2dB
-3dB
-4dB
-5dB
-6dB
-8dB
-9dB
-10dB
-3.029212dB, 3.37GHz
0dB
10
1000
1
100
Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
a1
D
e
E1
E
b
A2
A1
Seating Plane
L
c
a
e1
A3
Suggested Pad Layout
Please see http://www.diodes.com/package-outlines.html for the latest version.
C1
Y1 G
X
Y
C
SOT26
Dim
Min
Max
Typ
A1
0.013 0.10
0.05
A2
1.00
1.30
1.10
A3
0.70
0.80
0.75
b
0.35
0.50
0.38
c
0.10
0.20
0.15
D
2.90
3.10
3.00
e
-
-
0.95
e1
-
-
1.90
E
2.70
3.00
2.80
E1
1.50
1.70
1.60
L
0.35
0.55
0.40
a
-
-
a1
-
-
All Dimensions in mm
Dimensions Value (in mm)
C
2.40
C1
0.95
G
1.60
X
0.55
Y
0.80
Y1
3.20


Número de pieza similar - DM1231-02SO-7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sharma Electro Componen...
DM12 SHARMA-DM12 Datasheet
252Kb / 1P
   Mica Capacitors
logo
Danisense A/S
DM1200ID DANISENSE-DM1200ID Datasheet
463Kb / 7P
   Ultra-stable, high precision (ppm class) fluxgate technology DM Series current transducer for non-intrusive, isolated DC and AC current measurement up to 1800A
2023 05 04
DM1200ID-CD3000 DANISENSE-DM1200ID-CD3000 Datasheet
477Kb / 7P
   Ultra-stable, high precision (ppm class) fluxgate technology DM Series current transducer for non-intrusive, isolated DC and AC current measurement up to 1500A
2022-11-29
DM1200UB-10V DANISENSE-DM1200UB-10V Datasheet
509Kb / 8P
   Ultra-stable, high precision (ppm class) fluxgate technology DM Series current transducer for non-intrusive, isolated DC and AC current measurement up to 1320A
2022-11-29
DM1200UB-1V DANISENSE-DM1200UB-1V Datasheet
525Kb / 8P
   Ultra-stable, high precision (ppm class) fluxgate technology DM Series current transducer for non-intrusive, isolated DC and AC current measurement up to 1800A
2022-11-29
More results

Descripción similar - DM1231-02SO-7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
HY ELECTRONIC CORP.
HYESD1025QG HY-HYESD1025QG Datasheet
196Kb / 2P
   2 Channel Low Capacitance ESD Protection DIode Array
logo
Union Semiconductor, In...
UM5202EEDF UNIONSEMI-UM5202EEDF_14 Datasheet
99Kb / 5P
   Dual Channel Low Capacitance ESD Protection Array
UM5204EECD UNIONSEMI-UM5204EECD Datasheet
198Kb / 6P
   Quad Channel Low Capacitance ESD Protection Array
UESD6V8V4A UNIONSEMI-UESD6V8V4A_15 Datasheet
259Kb / 8P
   Quad Channel Low Capacitance ESD Protection Array
UM5204 UNIONSEMI-UM5204_16 Datasheet
314Kb / 11P
   Quad Channel Low Capacitance ESD Protection Array
UM5204EEXF UNIONSEMI-UM5204EEXF Datasheet
255Kb / 8P
   Quad Channel Low Capacitance ESD Protection Array
UM5304EEXF UNIONSEMI-UM5304EEXF Datasheet
217Kb / 8P
   Quad Channel Low Capacitance ESD Protection Array
logo
ON Semiconductor
CM1293A-04SO ONSEMI-CM1293A-04SO_12 Datasheet
706Kb / 6P
   4-Channel Low Capacitance ESD Protection Array
January, 2012 ??Rev. 0
CM1213A-04SO ONSEMI-CM1213A-04SO_14 Datasheet
424Kb / 6P
   4-Channel Low Capacitance ESD Protection Array
July, 2014 ??Rev. 1
logo
Comchip Technology
CSRS045V0P-HF COMCHIP-CSRS045V0P-HF Datasheet
148Kb / 5P
   Low Capacitance ESD Protection Array
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com