Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS61160A Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS61160A
Descripción Electrónicos  TPS6116xA White LED Driver with PWM Brightness Control in 2-mm x 2-mm WSON Package
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61160A Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS61160A Datasheet HTML 4Page - Texas Instruments TPS61160A Datasheet HTML 5Page - Texas Instruments TPS61160A Datasheet HTML 6Page - Texas Instruments TPS61160A Datasheet HTML 7Page - Texas Instruments TPS61160A Datasheet HTML 8Page - Texas Instruments TPS61160A Datasheet HTML 9Page - Texas Instruments TPS61160A Datasheet HTML 10Page - Texas Instruments TPS61160A Datasheet HTML 11Page - Texas Instruments TPS61160A Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
t-2ms/div
CTRL
5V/div
VOUT
10V/div
COMP
500mV/div
I
200mA/div
L
t-100
s/div
m
OPENLED
5V/div
FB
200mV/div
VOUT
10V/div
I
200mA/div
L
t-100
s/div
m
PWM2V/div
VOUT 20mV/div AC
I
10mA/div
LED
t-1
s/div
m
SW
20V/div
VOUT
20mV/div
AC
I
200mA/div
L
0
40
80
120
160
200
0
20
40
60
80
100
PWMDutyCycle-%
10kHz,40kHz
300
400
500
600
700
800
900
1000
-40
-20
0
20
40
60
80
100
120
140
Temperature- C
°
8
TPS61160A, TPS61161A
SLVS937C – MARCH 2009 – REVISED JULY 2016
www.ti.com
Product Folder Links: TPS61160A TPS61161A
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
Figure 5. Switch Current Limit vs Temperature
Figure 6. FB Voltage vs PWM Duty Cycle
Figure 7. Output Ripple at PWM Dimming
Figure 8. Switching Waveform
Figure 9. Start-Up
Figure 10. Open LED Protection


Número de pieza similar - TPS61160A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS61160A TI-TPS61160A Datasheet
834Kb / 20P
[Old version datasheet]   White LED Driver With PWM Brightness Control in 2mm x 2mm QFN Package for up to 10 LEDs in Series
TPS61160A TI1-TPS61160A Datasheet
1Mb / 31P
[Old version datasheet]   White LED Driver with PWM Brightness Control in 2-mm x 2-mm WSON Package
TPS61160ADRV TI-TPS61160ADRV Datasheet
834Kb / 20P
[Old version datasheet]   White LED Driver With PWM Brightness Control in 2mm x 2mm QFN Package for up to 10 LEDs in Series
TPS61160ADRVR TI-TPS61160ADRVR Datasheet
834Kb / 20P
[Old version datasheet]   White LED Driver With PWM Brightness Control in 2mm x 2mm QFN Package for up to 10 LEDs in Series
TPS61160ADRVR TI1-TPS61160ADRVR Datasheet
1Mb / 31P
[Old version datasheet]   White LED Driver with PWM Brightness Control in 2-mm x 2-mm WSON Package
More results

Descripción similar - TPS61160A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS61160A TI1-TPS61160A_17 Datasheet
1Mb / 31P
[Old version datasheet]   White LED Driver with PWM Brightness Control in 2-mm x 2-mm WSON Package
TPS61160 TI1-TPS61160_17 Datasheet
1Mb / 39P
[Old version datasheet]   White LED Drivers With Digital and PWM Brightness Control in 2-mm x 2-mm WSON Package
logo
Will Semiconductor Ltd.
WD3148 WILLSEMI-WD3148 Datasheet
1Mb / 17P
   White LED Driver with PWM Brightness Control in Tiny Package
logo
Texas Instruments
TLV758P TI1-TLV758P Datasheet
754Kb / 16P
[Old version datasheet]   500-mA LDO in Small 2-mm x 2-mm WSON Package
logo
Shanghai awinic technol...
AW9962 AWINIC-AW9962 Datasheet
1Mb / 24P
   White LED Driver with PWM Brightness Control in Small Package
logo
Texas Instruments
TLV758P TI1-TLV758P_18 Datasheet
1Mb / 22P
[Old version datasheet]   500-mA LDO in Small 2-mm x 2-mm WSON Package
TPS62590 TI1-TPS62590_17 Datasheet
1Mb / 26P
[Old version datasheet]   1-A Step Down Converter in 2-mm x 2-mm WSON Package
TLV759P TI1-TLV759P Datasheet
749Kb / 16P
[Old version datasheet]   1-A LDO in a Small 2-mm x 2-mm WSON Package
logo
Global Mixed-mode Techn...
G5139 GMT-G5139 Datasheet
54Kb / 1P
   Boost White LED Driver with PWM Brightness Control in 2mm x 2mm TDFN Package
logo
Texas Instruments
TPS746 TI1-TPS746_18 Datasheet
1Mb / 22P
[Old version datasheet]   1-A LDO With Power-Good in a Small 2-mm x 2-mm WSON Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com