Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS61161A Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS61161A
Descripción Electrónicos  TPS6116xA White LED Driver with PWM Brightness Control in 2-mm x 2-mm WSON Package
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61161A Datasheet(HTML) 1 Page - Texas Instruments

  TPS61161A Datasheet HTML 1Page - Texas Instruments TPS61161A Datasheet HTML 2Page - Texas Instruments TPS61161A Datasheet HTML 3Page - Texas Instruments TPS61161A Datasheet HTML 4Page - Texas Instruments TPS61161A Datasheet HTML 5Page - Texas Instruments TPS61161A Datasheet HTML 6Page - Texas Instruments TPS61161A Datasheet HTML 7Page - Texas Instruments TPS61161A Datasheet HTML 8Page - Texas Instruments TPS61161A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
C1
38V MAX
VIN
SW
FB
GND
CTRL
COMP
C2
20 mA
TPS61161A
ON/OFF
DIMMING
CONTROL
V 3 V to 18 V
I
L1
22
H
m
1
F
m
C3
220 nF
R
10
set
W
1
F
m
L1: TDK VLCF5020T-220MR75-1
C1: Murata GRM188R61E105K
C2: Murata GRM21BR71H105K
D1: ONsemi MBR0540T1
D1
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TPS61160A, TPS61161A
SLVS937C – MARCH 2009 – REVISED JULY 2016
TPS6116xA White LED Driver with PWM Brightness Control in
2-mm x 2-mm WSON Package
1
1 Features
1
Input Voltage Range: 2.7 V to 18 V
26-V Open LED Protection for TPS61160A
38-V Open LED Protection for TPS61161A
200mV Reference Voltage With ±2% Accuracy
PWM Interface for Brightness Control
Built-in Soft Start
Up to 90% Efficiency
2-mm × 2-mm × 0.8-mm 6-Pin WSON Package
With Thermal Pad
2 Applications
Cellular Phones
Portable Media Players
Ultra Mobile Devices
GPS Receivers
White LED Backlighting for Media Form Factor
Display
3 Description
With a 40-V rated integrated switch FET, the
TPS61160A/61A is a boost converter that drives
LEDs in series. The boost converter runs at 600-kHz
fixed switching frequency to reduce output ripple,
improve conversion efficiency, and allows for the use
of small external components.
The default white LED current is set with the external
sensor resistor Rset, and the feedback voltage is
regulated to 200 mV, as shown in the typical
application. During the operation, the LED current can
be controlled by a pulse width modulation (PWM)
signal applied to the CTRL pin through which the duty
cycle determines the feedback reference voltage. In
PWM dimming mode, the TPS61160A/61A does not
burst the LED current; therefore, it does not generate
audible noises on the output capacitor. For maximum
protection, the device features integrated open LED
protection that disables the TPS61160A/61A to
prevent the output from exceeding the absolute
maximum ratings during open LED conditions.
The TPS61160A/61A is available in a space-saving,
2-mm × 2-mm WSON package with thermal pad.
Device Information(1)
PART NUMBER PACKAGE
OPEN LED PROTECTION
TPS61160A
WSON (6)
TPS61160A use 26 V (typical)
TPS61161A
TPS61161A use 38 V (typical)
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Application of TPS61161A


Número de pieza similar - TPS61161A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS61161A TI1-TPS61161A Datasheet
1Mb / 31P
[Old version datasheet]   White LED Driver with PWM Brightness Control in 2-mm x 2-mm WSON Package
TPS61161ADRV TI-TPS61161ADRV Datasheet
834Kb / 20P
[Old version datasheet]   White LED Driver With PWM Brightness Control in 2mm x 2mm QFN Package for up to 10 LEDs in Series
TPS61161ADRVR TI-TPS61161ADRVR Datasheet
834Kb / 20P
[Old version datasheet]   White LED Driver With PWM Brightness Control in 2mm x 2mm QFN Package for up to 10 LEDs in Series
TPS61161ADRVR TI1-TPS61161ADRVR Datasheet
1Mb / 31P
[Old version datasheet]   White LED Driver with PWM Brightness Control in 2-mm x 2-mm WSON Package
TPS61161ADRVT TI-TPS61161ADRVT Datasheet
834Kb / 20P
[Old version datasheet]   White LED Driver With PWM Brightness Control in 2mm x 2mm QFN Package for up to 10 LEDs in Series
More results

Descripción similar - TPS61161A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS61160A TI1-TPS61160A_17 Datasheet
1Mb / 31P
[Old version datasheet]   White LED Driver with PWM Brightness Control in 2-mm x 2-mm WSON Package
TPS61160 TI1-TPS61160_17 Datasheet
1Mb / 39P
[Old version datasheet]   White LED Drivers With Digital and PWM Brightness Control in 2-mm x 2-mm WSON Package
logo
Will Semiconductor Ltd.
WD3148 WILLSEMI-WD3148 Datasheet
1Mb / 17P
   White LED Driver with PWM Brightness Control in Tiny Package
logo
Texas Instruments
TLV758P TI1-TLV758P Datasheet
754Kb / 16P
[Old version datasheet]   500-mA LDO in Small 2-mm x 2-mm WSON Package
logo
Shanghai awinic technol...
AW9962 AWINIC-AW9962 Datasheet
1Mb / 24P
   White LED Driver with PWM Brightness Control in Small Package
logo
Texas Instruments
TLV758P TI1-TLV758P_18 Datasheet
1Mb / 22P
[Old version datasheet]   500-mA LDO in Small 2-mm x 2-mm WSON Package
TPS62590 TI1-TPS62590_17 Datasheet
1Mb / 26P
[Old version datasheet]   1-A Step Down Converter in 2-mm x 2-mm WSON Package
TLV759P TI1-TLV759P Datasheet
749Kb / 16P
[Old version datasheet]   1-A LDO in a Small 2-mm x 2-mm WSON Package
logo
Global Mixed-mode Techn...
G5139 GMT-G5139 Datasheet
54Kb / 1P
   Boost White LED Driver with PWM Brightness Control in 2mm x 2mm TDFN Package
logo
Texas Instruments
TPS746 TI1-TPS746_18 Datasheet
1Mb / 22P
[Old version datasheet]   1-A LDO With Power-Good in a Small 2-mm x 2-mm WSON Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com